Part Number Hot Search : 
3386F200 045280 D471K MAX6513 STTH30 MA203 ZPD2036 5N6BC0
Product Description
Full Text Search
 

To Download CN5018NF1063V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51 tcn 19 - 50 - 60 tcn 19a - 50a*- 60a* dimensions / dimensions (mm) 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1 nf f u rc (v) 10 1 12 1 15 1 18 1 221 271 331 391 471 561 681 821 10 0 12 0 15 0 18 0 220 270 330 390 470 560 680 820 10 2 12 2 15 2 18 2 222 272 332 472 562 682 822 10 3 12 3 15 3 18 3 223 273 333 393 473 563 683 823 10 4 12 4 15 4 18 4 224 274 334 394 474 dilectrique exempt de bismuth ( a ): tangente -- 55 c 350.10 -- 4 conformment aux normes cecc 30700 et nf c 83132 . bismuth free dielectric ( a ): tangent at -- 55 c 350.10 -- 4 in accordance with cecc 30700 and nf c 83132 standards. modles fiabiliss des tcn 50 a et tcn 60 a enhanced reliability types of tcn 50 a and tcn 60 a 20 % (m) 10 % (k) 5 % (j) tcn 19 a tcn 50 a tcn 60 a tcn 50 r tcn 60 r 100 82 68 56 47 39 33 27 22 18 15 12 10 modle normalis / standard model appellation commerciale / commercial type cn 19 - cn 19 a tcn 19 - tcn 19 a t ension nominale / rated voltage l 0,5 w 0,2 t max. ? -- 0,05 + 10% x 0,2 5 5 2,5 5,08 0,6 7,5 7,5 2,5 5,08 0,6 cn 50 - cn 50 a tcn 50 - tcn 50 a 5 5 2,5 5,08 0,6 cn 60 - cn 60 a tcn 60 - tcn 60 a 7,5 7,5 2,5 5,08 0,6 63 100 250 63 100 250 63 100 250 63 100 250 10 5 824 684 564 392 e6 e12 e24 * * t olrances sur capacit t ol?rance on capacitance code des valeurs de c r capacitance value coded pf molded ceramic capacitors class 2 condensateurs ceramique moules classe 2 t ension nominale rated voltage option : dilectrique exempt de bismuth option : bismuth free dielectric capacit capacitance t olrance t olerance a 1000 pf 10 % 250 v exemple de codification ? la commande / how to order option : modle fiabilis option : reliability type appellation commerciale commercial type tcn 50 r tcn 50 l t w > 12 x di?lectrique c?ramique classe 2 te c hnologie chips multicouches moul? r?sine ?poxy caracteristiques electriques cat?gorie climatique 55/125/56 caract. capacit? temp. 2c1 te mp?rature d?tilisation ?55? + 125? t ension nominale u rc 63 v - 100 v - 250 v t ension de tenue 2,5 u rc t angente ? 1 mhz c r 100 pf 250.10 ? t angente ? 1 khz c r 100 pf 250.10 ? r?sistance d?solement c r 10 000 pf 100 000 m c r 10 000 pf 1 000 m . f marquage mod?le capacit? to l?rance t ension sous-classe date-code dielectric ceramic class 2 te c hnology multilayer capacitor epoxy molded electrical characteristics climatic category 55/125/56 capac. temp. charact. 2c1 operating temperature ?55? + 125? rated voltage u rc 63 v - 100 v - 250 v t est voltage 2,5 u rc t angent at 1 mhz c r 100 pf 250.10 ? t angent at 1 khz c r 100 pf 250.10 ? insulation resistance c r 10 000 pf 100 000 m c r 10 000 pf 1 000 m . f marking model capacitance to lerance v oltage sub-class date-code conformes aux sp?cifications des normes cecc 30700 et nf c 83132 in accordance with the specifications of cecc 30700 and nf c 83132 standards tcn 19 tcn 60 tcn 50


▲Up To Search▲   

 
Price & Availability of CN5018NF1063V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X