Part Number Hot Search : 
R05012 MSC1209 300DT 23213 MSC1209 24C02 SMS51 BD4828G
Product Description
Full Text Search
 

To Download BSS138G-AE2-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd bss138 preliminary power mosfet www.unisonic.com.tw 1 of 3 copyright ? 2010 unisonic technologies co., ltd qw-r502-271.c n-channel logic level enhancement mode ? description this device employs advanced mosfet technology and features low gate charge while maintaining low on-resistance. optimized for switching applications, this device improves the overall efficiency of dc/dc converters and allows operation to higher switching frequencies. ? features * r ds(on) =3.5 ? @ v gs =10v * r ds(on) =6.0 ? @ v gs =4.5v * low capacitance * low gate charge * fast switching capability * avalanche energy specified ? symbol 2.gate 1.source 3.drain sot-23-3 1 2 3 (jedec to-236) ? ordering information pin assignment ordering number package 1 2 3 packing BSS138G-AE2-R sot-23-3 s g d tape reel ? marking
bss138 preliminary power mosfet unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r502-271.c ? absolute maximum ratings (t a = 25 c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 50 v gate-source voltage v gss 20 v dc 0.22 continuous drain current pulse i d 0.88 a 0.36 w power dissipation derate above 25c p d 2.8 mw/c junction temperature t j +150 storage temperature t stg -55 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only an d functional device operat ion is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 350 /w ? electrical characteristics (t a =25 , unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v, i d =250a 50 v breakdown voltage temperature coefficient bv dss / t j i d =250 a, referenced to 25c 72 mv/ v ds =50v, v gs =0v 0.5 zero gate voltage drain current i dss v ds =30v, v gs =0v 0.1 a gate?body leakage, forward i gss v ds =0v, v gs =20v 100 na on characteristics (note) gate-threshold voltage v gs(th) v ds =v gs , i d =1m a 0.8 1.3 1.5 v gate threshold voltage temperature coefficient v gs(th) / t j i d =1ma, referenced to 25c -2 mv/c v gs =10 v, i d =0.22a 0.7 3.5 static drain?source on?resistance r ds(on) v gs =4.5 v, i d =0.22a 1.0 6.0 ? on-state drain current i d(on) v gs =10 v, v ds =5v 0.2 a forward transconductance g fs v ds =10v, i d =0.22a 0.12 0.5 s dynamic parameters input capacitance c iss 27 pf output capacitance c oss 13 pf reverse transfer capacitance c rss v ds =25v, v gs =0v, f=1mhz 6 pf switching parameters (note) total gate charge q g 1.7 2.4 nc gate source charge q gs 0.1 nc gate drain charge q gd v ds =25v, v gs =10v, i d =0.22a 0.4 nc turn-on delay time t d(on) 2.5 5 ns turn-on rise time t r 9 18 ns turn-off delay time t d(off) 20 36 ns turn-off fall-time t f v dd =30v, i d =0.29a,v gs =10v, r g =6 ? , 7 14 ns source- drain diode ratings and characteristics drain-source diode forward voltage v sd v gs = 0v, i s =0.44a (note) 0.8 1.4 v max. diode forward current i s 0.22 a notes: pulse test; pulse width 300us, duty cycle 2%
bss138 preliminary power mosfet unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r502-271.c utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of BSS138G-AE2-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X