Part Number Hot Search : 
30BF20TR NTE1224 IRF7205 MP4513 MT8815 E1504AD S505TXR TC74H
Product Description
Full Text Search
 

To Download BFR93AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bfr 93aw oct-13-1999 1 npn silicon rf transistor  for low distortion broadband amplifiers and oscillators up to 2 ghz at collector currents from 5 ma to 30 ma 1 3 vso05561 2 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package bfr 93aw r2s 1 = b 2 = e 3 = c sot-323 maximum ratings parameter symbol unit value collector-emitter voltage 12 v ceo v collector-emitter voltage v ces 20 collector-base voltage 20 v cbo 2 v ebo emitter-base voltage collector current i c 50 ma base current i b 6 total power dissipation , t s  104 c f) p tot 300 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t stg -65 ... 150 thermal resistance junction - soldering point r thjs  155 k/w 1 t s is measured on the collector lead at the soldering point to the pcb
bfr 93aw oct-13-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 12 - - v collector-emitter cutoff current v ce = 20 v, v be = 0 i ces - - 100 a collector-base cutoff current v cb = 10 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 2 v, i c = 0 i ebo - - 10 a dc current gain i c = 30 ma, v ce = 8 v h fe 50 100 200 -
bfr 93aw oct-13-1999 3 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 30 ma, v ce = 8 v, f = 500 mhz f t 4.5 6 - ghz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 0.62 0.9 pf collector-emitter capacitance v ce = 10 v, f = 1 mhz c ce - 0.28 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 1.7 - noise figure i c = 5 ma, v ce = 8 v, z s = z sopt , f = 900 mhz f = 1.8 ghz f - - 2 3.3 - - db power gain, maximum available f) i c = 30 ma, v ce = 8 v, z s = z sopt , z l = z lopt , f = 900 mhz f = 1.8 ghz g ma - - 15 10 - - transducer gain i c = 30 ma, v ce = 8 v, z s = z l = 50  , f = 900 mhz f = 1.8 ghz | s 21e | 2 - - 13 7.5 - - 1 g ma = | s 21 / s 12 | (k-(k 2 -1) 1/2 )
bfr 93aw oct-13-1999 4 spice parameters (gummel-poon model, berkley-spice 2g.6 syntax) : transistor chip data is = 8.6752 fa vaf = 20.011 v ne = 1.5466 - var = 26.834 v nc = 1.95 - rbm = 3.4649  cje = 3.1538 ff tf = 33.388 ps itf = 2.5184 ma vjc = 0.72744 v tr = 1.1061 ns mjs = 0- xti = 3 - bf = 137.63 - ikf = 0.33395 a br = 59 - ikr = 0.015129 a rb = 7.2326  re = 1.0075 vje = 0.70393 v xtf = 0.28319 - ptf = 0 deg mjc = 0.34565 - cjs = 0ff xtb = 0- fc = 0.75935 - nf = 0.93633 - ise = 2619.3 fa nr = 0.88761 - isc = 0.70823 fa irb = 0.043806 ma rc = 0.13193  mje = 0.5071 - vtf = 0.17765 v cjc = 1039.5 ff xcjc = 0.21422 - vjs = 0.75 v eg = 1.11 ev tnom 300 k all parameters are ready to use, no scalling is necessary. extracted on behalf of siemens small signal semiconductors by: institut fr mobil-und satellitentechnik (imst)  1996 siemens ag package equivalent circuit: l bi = 0.57 nh l bo = 0.4 nh l ei = 0.43 nh l eo = 0.5 nh l ci = 0nh l co = 0.41 nh c be = 61 ff c cb = 101 ff c ce = 175 ff valid up to 6ghz for examples and ready to use parameters please contact your local infineon technologies distributor or sales office to obtain a infineon technologies cd-rom or see internet: http://www.infineon.com/products/discrete/index.htm
bfr 93aw oct-13-1999 5 total power dissipation p tot = f ( t a *, t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 250 300 mw 400 p tot t s t a permissible pulse load r thjs = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bfr 93aw oct-13-1999 6 collector-base capacitance c cb = f ( v cb ) f = 1mhz 0 4 8 12 16 v 24 v r 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 pf 1.3 c cb transition frequency f t = f ( i c ) v ce = parameter 0 10 20 30 40 ma 60 i c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 ghz 7.0 f t 10v 8v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 0.9ghz v ce = parameter 0 10 20 30 40 ma 60 i c 0 2 4 6 8 10 12 14 db 18 g 10v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 1.8ghz v ce = parameter 0 10 20 30 40 ma 60 i c -1 0 1 2 3 4 5 6 7 8 9 db 11 g 10v 5v 3v 2v 1v 0.7v
bfr 93aw oct-13-1999 7 intermodulation intercept point ip 3 = f ( i c ) (3rd order, output, z s = z l =50  ) v ce = parameter, f = 900mhz 0 10 20 30 40 ma 60 i c 0 5 10 15 20 25 dbm 35 ip 3 5v 4v 3v 2v 1v power gain g ma , g ms = f ( v ce ):_____ | s 21 | 2 = f ( v ce ):--------- f = parameter 0 2 4 6 8 v 12 v ce 0 2 4 6 8 10 12 db 16 g 0.9ghz 1.8ghz 0.9ghz 1.8ghz i c =30ma power gain | s 21 | 2 = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f -2 2 6 10 14 18 22 26 db 32 s 21 10v 2v 1v 0.7v i c =30ma power gain g ma , g ms = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f 0 4 8 12 16 20 24 28 db 34 g 10v 2v 1v 0.7v i c =30ma


▲Up To Search▲   

 
Price & Availability of BFR93AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X