Part Number Hot Search : 
AK538 BT75AXX 2SC49 TA0711A 91510B 08500 FODM3062 10DC48
Product Description
Full Text Search
 

To Download ASTX-H08K-32768KHZ-E10-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency range operating t emperature storage t emperature frequency t olerance @ 25c frequency stability vs. t emp. frequency stability vs. aging frequency stability vs. supply v oltage frequency stability vs. load 10% frequency stability vs. reflow supply v oltage output v oltage level output load phase noise @ 25c current consumption rise and fall t ime duty cycle (symmetry) start-up t ime output w ave form output format abracon is iso 9001 / qs 9000 cer tified abracon is cer tified 303 3 2 esperanza, ranc ho santa mar g arita, califo r nia 92688 tel 94 9-546- 8 0 00 | fa x 949 -546- 800 1 | ww w . a b rac o n . c o m ||||||||||||||| astx-h08k 3 2.7 68k h z t em peratur e com p e n sat e d crystal o scillator 3 2.7 68k h z t em peratur e com p e n sat e d crystal o scillator standard specifications: applications: ? t est equipment ? cellular base station & gps na vigation system ? mobile comm unication equipment. features: ? compact and lo w in height. ? 0.01uf decoupling capacitor b uilt-in ? wide frequency r ange; frequency stability 7 .0 x 5 .0 x 2 . 5mm *rohs compliant p arameters 32.768khz - 30 c to + 75 c (see t able 1 for options) - 50 c to + 100 c 3.0 ppm 2.5 ppm standard (see t able 1 for options) 1 ppm / 1st year 0.3 ppm (5% change) 0.3 ppm (10% change) 1 ppm max. 1 reflow and measured 24 hours afterwards 3.0v standard (see t able 2 for options) 3.0v : ?logic 1? 2.7v min, ?logic 2? 0.3v max. 15pf -65dbc/hz @ 10hz of fset. -100dbc/hz @ 100hz of fset -130dbc/hz @ 1khz of fset -150dbc/hz @ 10khz of fset -150dbc/hz @ 100khz of fset 3.5ma typ @ +3.3v / 7ma typ. @ +5.0v 20% to 80% waveform: 3ns typ. 40/60%max @ 1/2v dd (see option) 2msec typ. square wave ac block, dc coupled iso 9001:2008
dimensions: inch (mm) 1ppm 1 . 5ppm 2 . 0ppm 2 . 5ppm d10 d15 d20 d25 e10 e15 e20 e25 f10 f15 f20 f 2 5 g 1 5 g 2 0 g25 -10 c to 60 c -20 c to + 70 c - 30 c to 75 c - 40 c to 85 c < standar d abracon is iso 9001 / qs 9000 cer tified abracon is cer tified 303 3 2 esperanza, ranc ho santa mar g arita, califo r nia 92688 tel 94 9-546- 8 0 00 | fa x 949 -546- 800 1 | ww w . a b rac o n . c o m ||||||||||||||| astx-h08k 3 2.7 68k h z t em peratur e com p e n sat e d crystal o scillator 3 2.7 68k h z t em peratur e com p e n sat e d crystal o scillator options & part identification: outline drawing: table 1: ast x - h08 k - 32 . 7 68khz - v olt a g e - t e m p era t u re & f r eq st abilit y - symmetry - packaging p acka g i ng optio n : t for t ape and reel symmetry option: s for 45/5 5 % @ 1/2v d d v oltage option: blank for 3.0v a f or 2.8v b fo r 3.3v c f or 5v t emp & stability option: see t able 1 *rohs compliant 7 .0 x 5 .0 x 2 . 5mm pi n n o . connections 1 2 3 4 nc ground output vcc attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information. iso 9001:2008


▲Up To Search▲   

 
Price & Availability of ASTX-H08K-32768KHZ-E10-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X