Part Number Hot Search : 
EP3042 2SB17 E003081 74C90 1N5239B 4L8XX WG12864D 47M35
Product Description
Full Text Search
 

To Download APSC02-41SURKWA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2709 rev no: v.1 date: apr/25/2005 page: 1 of 5 approved: j. lu checked: joe lee drawn: s.h.chen erp:1351000130 - 01 notes: 1. all dimensions are in millimeters (inches), tolerance is ? .25(0.01")unless otherwise noted. 2. specifications are subject to change without notice . package dimension s internal circuit diagram description the hyper red source color devices are made with dh ingaalp on gaas substrate light emitting diode. apsc02 - 41surkwa - f01 hyper red features o 0.2inch digit height. o low current operation. o excellent character appearance. o i.c. compatible o mechanically rugged. o gray face,white segment. o package :1300pcs / reel. o rohs compliant. surface mount display
spec no: dsaf2709 rev no: v.1 date: apr/25/2005 page: 2 of 5 approved: j. lu checked: joe lee drawn: s.h.chen erp:1351000130 - 01 selection guid e part no. dice lens type iv (ucd) @ 10ma min. typ. apsc02 - 41surkwa - f01 hyper red (ingaalp) white diffused 8000 30400 common cathode, rt. hand decimal. description electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. parameter hyper red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 185 ma reverse voltage 5 v operating/storage temperature - 40c to +85c symbol parameter device typ. max. test conditions units peak peak wavelength hyper red 650 nm i f =20ma d dominant wavelength hyper red 635 nm i f =20ma ? 1/2 spectral line half - width hyper red 28 nm i f =20ma c capacitance hyper red 35 pf v f =0v;f=1mhz v f forward voltage hyper red 1.95 2.5 v i f =20ma i r reverse current hyper red 10 ua v r = 5v
spec no: dsaf2709 rev no: v.1 date: apr/25/2005 page: 3 of 5 approved: j. lu checked: joe lee drawn: s.h.chen erp:1351000130 - 01 hyper red apsc02 - 41surkwa - f01
spec no: dsaf2709 rev no: v.1 date: apr/25/2005 page: 4 of 5 approved: j. lu checked: joe lee drawn: s.h.chen erp:1351000130 - 01 tape specifications (units : mm ) recommended soldering pattern (units : mm ) apsc02 - 41surkwa - f01
spec no: dsaf2709 rev no: v.1 date: apr/25/2005 page: 5 of 5 approved: j. lu checked: joe lee drawn: s.h.chen erp:1351000130 - 01 packing & label specifications apsc02 - 41surkwa - f01 remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of APSC02-41SURKWA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X