Part Number Hot Search : 
TLOH16TP 2J473K UF1003E ZJ24B 00402 AD9050 LW010BK 10M20
Product Description
Full Text Search
 

To Download AISC-1008F-2R7-M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wire wound inductor - ceramic or ferrite | | | | | | | | | | | | | | | aisc-1008(f) standard specifications: applications: features: 2 . 92 x 2 . 79 x 2 . 29m m pb rohs compliant p arameters abracon p/n: aisc-1008(f)-xxx operating temperature: -25c to + 125c storage temperature: -25c to + 85c, 70% rh max. abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-8001 | ww w .abra c on. c om revised: visit www.abracon.com for terms & conditions of sale ? widely applied in the vco, saw circuit for gsm, cdma communications ? used in hard disk, notebook computer and other electronic equipment ? ceramic or ferrite construction assures the utmost in the thermal stablity and high srf ? exceptionally high q compared to non-wirewound inductor, especially at high frequencies ? inductance values available from 4.7 nh to 10,000nh l. t es t q q t e s t s r f r d c i d c l (nh ) fre q t o leranc e m i n fre q m i n m a x m ax ( m h z ) (% ) ( m hz ) ( m h z) ( ) (m a ) 4. 7 5 0 10,2 0 6 0 150 0 >600 0 0.1 1 1000 1 0 5 0 5,10,2 0 5 0 50 0 410 0 0.0 8 1000 1 2 5 0 5,10,2 0 5 0 50 0 340 0 0.0 9 1000 1 5 5 0 5,10,2 0 5 0 50 0 260 0 0.1 3 1000 1 8 5 0 5,10,2 0 5 0 35 0 260 0 0.1 1 1000 2 2 5 0 2,5,10,2 0 5 5 35 0 240 0 0.1 2 1000 2 7 5 0 2,5,10,2 0 5 5 35 0 170 0 0.1 3 1000 3 3 5 0 2,5,10,2 0 6 0 35 0 170 0 0.1 4 1000 3 9 5 0 2,5,10,2 0 6 0 35 0 160 0 0.1 5 1000 4 7 5 0 2,5,10,2 0 7 0 35 0 160 0 0.1 6 1000 5 6 5 0 2,5,10,2 0 7 0 35 0 140 0 0.1 8 1000 6 8 5 0 2,5,10,2 0 6 5 35 0 120 0 0.2 1 1000 8 2 5 0 2,5,10,2 0 6 5 35 0 100 0 0.2 2 1000 10 0 2 5 2,5,10,2 0 6 0 35 0 100 0 0.5 6 650 12 0 2 5 2,5,10,2 0 6 0 35 0 100 0 0.6 3 650 15 0 2 5 2,5,10,2 0 4 5 10 0 85 0 0.6 2 580 18 0 2 5 2,5,10,2 0 4 5 10 0 80 0 0.7 0 620 22 0 2 5 2,5,10,2 0 4 5 10 0 70 0 0.8 0 500 27 0 2 5 2,5,10,2 0 4 5 10 0 70 0 0.9 1 500 33 0 2 5 2,5,10,2 0 4 5 10 0 60 0 1.0 5 450 39 0 2 5 2,5,10,2 0 4 5 10 0 50 0 1.1 2 470 47 0 2 5 2,5,10,2 0 4 5 10 0 50 0 1.1 9 470 56 0 2 5 2,5,10,2 0 4 5 10 0 45 0 1.3 3 400 62 0 2 5 2,5,10,2 0 4 5 10 0 41 5 1.4 0 300 68 0 2 5 2,5,10,2 0 4 5 10 0 37 5 1.4 7 400 75 0 2 5 2,5,10,2 0 4 5 10 0 36 0 1.5 4 360 82 0 2 5 2,5,10,2 0 4 5 10 0 35 0 1.6 1 400 91 0 2 5 2,5,10,2 0 4 0 5 0 32 0 1.6 8 380 1,00 0 2 5 2,5,10,2 0 3 5 5 0 29 0 1.7 5 370 1,20 0 7. 9 2,5,10,2 0 3 5 5 0 25 0 2.0 0 310 1,50 0 7. 9 2,5,10,2 0 2 8 5 0 20 0 2.3 0 330 1,80 0 7. 9 2,5,10,2 0 2 8 5 0 16 0 2.6 0 300 2,20 0 7. 9 2,5,10,2 0 2 8 5 0 12 0 2.8 0 280 2,70 0 7. 9 2,5,10,2 0 2 2 2 5 10 0 3.2 0 290 3,30 0 7. 9 2,5,10,2 0 2 2 2 5 8 0 3.4 0 260 3,90 0 7. 9 2,5,10,2 0 2 0 2 5 6 0 3.6 0 260 4,70 0 7. 9 2,5,10,2 0 2 0 2 5 6 0 4.0 0 250 5,60 0 7. 9 5,10,2 0 2 0 2 5 6 0 5.7 0 220 6,80 0 7. 9 5,10,2 0 2 0 2 5 6 0 7.7 0 180 8,20 0 7. 9 5,10,2 0 2 0 2 5 5 0 10. 7 150 1,20 0 7. 9 5,10,20 4 8 5 0 21 0 0.7 0 650 1,50 0 7. 9 5,10,20 4 1 5 0 19 0 0.7 5 630 1,80 0 7. 9 5,10,20 3 9 5 0 17 0 0.8 4 600 2,20 0 7. 9 5,10,20 3 4 5 0 15 0 1.1 5 520 2,70 0 7. 9 5,10,20 3 4 5 0 10 0 1.2 8 490 3,30 0 7. 9 5,10,20 3 2 5 0 10 0 1.4 6 450 3,90 0 7. 9 5,10,20 3 2 7. 9 7 0 1.5 6 420 4,70 0 7. 9 5,10,20 3 1 7. 9 6 0 1.6 8 400 5,60 0 7. 9 5,10,20 2 3 7. 9 5 0 1.8 2 380 6,80 0 7. 9 5,10,20 3 1 7. 9 4 0 2.0 0 360 8,20 0 7. 9 5,10,20 2 3 7. 9 4 0 2.6 5 330 10,00 0 7. 9 5,10,20 3 1 7. 9 4 0 2.9 5 300 aisc-1008-r033 aisc-1008-r039 aisc-1008-r047 aisc-1008-r056 aisc-1008-r068 a b racon part number aisc-1008-r0047 aisc-1008-r010 aisc-1008-r012 aisc-1008-r015 aisc-1008-r018 aisc-1008-r022 aisc-1008-r027 aisc-1008-r082 aisc-1008-r10 aisc-1008-r12 aisc-1008-r15 aisc-1008-r18 aisc-1008-r22 aisc-1008-r27 aisc-1008-r33 aisc-1008-r39 aisc-1008-r47 aisc-1008-r56 aisc-1008-r62 aisc-1008-r68 aisc-1008-r75 aisc-1008-r82 aisc-1008-r91 aisc-1008-1r0 aisc-1008-1r2 aisc-1008-1r5 aisc-1008-2r2 aisc-1008-1r8 aisc-1008-2r7 aisc-1008-3r3 aisc-1008-3r9 aisc-1008-4r7 aisc-1008-5r6 aisc-1008-6r8 aisc-1008-8r2 aisc-1008f-1r2 aisc-1008f-1r5 aisc-1008f-1r8 aisc-1008f-2r2 aisc-1008f-2r7 aisc-1008f-3r3 aisc-1008f-3r9 aisc-1008f-4r7 aisc-1008f-5r6 aisc-1008f-6r8 aisc-1008f-8r2 aisc-1008f-100 01.19.10
wire wound inductor - ceramic or ferrite | | | | | | | | | | | | | | | aisc-1008(f) 2.92 x 2.79 x 2.29m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r a c on.co m revised: 01.19.10 visit www.abracon.com for terms & conditions of sale options and part identification: (left blank if standard) t tape & reel j 5% g 2% k 10 % m 20 % tolerance code aisc - 1008(f) - - - please refer to the table above. g n i g a k c a p e d o c e c n a t c u d n i electrical properties for a isc-1008: e u q e r f s v q y c n e u q e r f s v c i t s i r e t c a r a h c e r u t a r e p m e t y c n l e u q e r f s v q y c n e u q e r f s v c i t s i r e t c a r a h c e r u t a r e p m e t y c n l b lan k cera m i c f f err i t e m a terial code electrical properties for a isc-1008f
wire wound inductor - ceramic or ferrite | | | | | | | | | | | | | | | aisc-1008(f) 2 . 92 x 2 . 79 x 2 . 29m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-8001 | ww w .abra c on. c om revised: visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 2,000pcs/reel dimensions: inches mm dimensions: mm z a c dimensions of tape dimensions of reel a ( m m ) b ( m m ) k ( m m ) p ( m m ) w ( m m ) p c s/ r eel 2. 9 3. 1 2.3 1 4 8 2,000 a br a con p/n aisc-1008 ( f ) a c z 178 2. 0 8.4+1. 5 601.0 s eries aisc-1008 ( f ) 01.19.10


▲Up To Search▲   

 
Price & Availability of AISC-1008F-2R7-M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X