Part Number Hot Search : 
CJ3400A 2786GT RFL1N12 2SD2657 T940026 TPC6012 TM4179 SMI4038
Product Description
Full Text Search
 

To Download ACM1211-701-2PL-TL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. common mode filters(smd) for power line acm series type: issue date: acm4520 [1808 inch]* acm3225 [1210 inch] acm4532 [1812 inch] acm7060 [2824 inch] acm9070 [3628 inch] acm1211 [4844 inch] acm1513 [6052 inch] * dimensions code jis[eia] december 2010
 all specifications are subject to change without notice. (1/6) 001-01 / 20101129 / e9713_acm common mode filters(smd) for power line acm series acm4520 type features  several large current products are prepared to correspond to the various applications.  low profile and compact shape, it is suited for surface mounting.  it shows high common-mode impedance despite of its compact shape. applications radiation noise suppression for power line (dvc, dvd cam, dsc, etc.) temperature range packaging style and quantities product identification (1) series name (2) dimensions w t 4520: 4.5 2.0mm (3) impedance [at 100mhz] 901: 900 ? 142: 1400 ? (4) numbers of lines 2p: 2-line (5) packaging style t: ?180mm reel taping tl: ?330mm reel taping b: bulk (6) tdk internal code shapes and dimensions circuit diagram recommended pc board pattern conformity to rohs directive operating ?40 to +85c packaging style reel quantity taping ?180mm 800 pieces/reel ?330mm 2500 pieces/reel acm 4520 - 901 - 2p - t - (1) (2) (3) (4) (5) (6) 4.5 4.7 0.2 4.5 0.2 2.0max. 0.75 0.75 2.0 0.65 0.65 1 2 4 3 wire terminal ferrite dimensions in mm 1 2 4 3  no polarity 1.25 3.5 1.25 0.95 1.05 0.95 2.0 dimensions in mm  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (2/6) 001-01 / 20101129 / e9713_acm electrical characteristics typical electrical characteristics impedance vs. frequency characteristics acm4520-901-2p acm4520-142-2p part no. common mode impedance ( ? )[at 100mhz] dc resistance ( ? )max. [1 line] rated current idc (a)max. rated voltage edc (v)max. insulation resistance (m ? )min. min. typ. acm4520-901-2p 650 900 0.06 2.0 50 10 acm4520-142-2p 1000 1400 0.08 1.5 50 10 1 1 10000 1000 10 100 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 10000 1000 10 100 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 10 100 1000
 all specifications are subject to change without notice. (3/6) 001-01 / 20101129 / e9713_acm common mode filters(smd) for power line acm series acm3225, 4532, 7060, 9070, 1 211, 1513 types features  a chip-type common mode filter for large current applications. common mode impedance surpasses 300 to 1000 ? at 100mhz. noise is greatly suppressed.  capable of handling the highest current (up to 10a) of any chip- type common mode filter.  height and size have been considered, resulting in a compact and light-weight choke coil. applicable for the miniaturization required to reduce the size and weight of portable equipment.  the products contain no lead and also support lead-free soldering.  this product does not contain regulated substances that are slated to be included in rohs. applications used for power line noise suppression for any electronic devices. used to counter adapter/battery line noise for relatively large elec- tronic devices such as notebook pcs, stand-alone word proces- sors, etc. product identification (1) series (2) dimensions l w 7060: 7.0 6.0mm (3) impedance[at 100mhz] 701: 700 ? (4) number of lines 2pl: 2-line (5) packaging style t: ?180mm reel taping tl: ?330mm reel taping (6) tdk internal code temperature range shapes and dimensions/circuit diagram/recommended pc board pattern(reflow soldering) acm3225, 4532 types dimensions in mm conformity to rohs directive acm 7060 - 701 - 2pl - tl (1) (2) (3) (4) (5) (6) operating ?25 to +85c ty p e l w t d 1 d 2 acm3225 3.20.2 2.50.2 2.3 max. 0.7 0.7 acm4532 4.50.2 3.20.2 3.0 max. 1 1 ferrite d1 d1 terminal electrode l w 2 1 3 4 t insulation resin d2 d2 1 2 4 3 d cc b aa dimensions in mm type abcd acm3225 1.5 1.6 1.4 1.1 acm4532 1.8 2.3 1.75 1.1  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (4/6) 001-01 / 20101129 / e9713_acm shapes and dimensions/circuit diagram/recommended pc board pattern(reflow soldering) acm7060 type acm7060-301-2pl-tl01 acm7060-701-2pl-tl01 acm9070 type acm1211 type ACM1211-701-2PL-TL01 acm1211-102-2pl-tl01 7.00.2 6.00.2 3.5max. 1 2 4 3 1.50.2 1.50.2 1.50.2 1.50.2 4.0typ. 1.50.2 1.5 1.5 1.5 4.0 2.5 2.5 dimensions in mm 7.00.2 6.00.2 3.5max. 1 2 4 3 1.50.2 1.50.2 1.50.2 1.50.2 4.0typ. 1.50.2 weight: 0.35g dimensions in mm 1 2 4 3 9.00.2 4.5max. 7.00.2 1 2 4 3 1.50.2 1.50.2 1.50.2 6.0typ. 1.50.2 2.00.2 weight: 0.82g dimensions in mm 1 2 4 3 2.0 1.5 1.5 6.0 2.5 2.5 dimensions in mm 12.00.3 6.0max. 11.00.3 1 2 4 3 2.70.2 2.70.2 2.30.2 7.4typ. 2.30.2 2.50.2 2.5 2.7 2.7 7.6 3.2 3.2 dimensions in mm weight: 2.20g dimensions in mm 12.00.3 6.0max. 11.00.3 1 2 4 3 2.70.2 2.70.2 2.30.2 7.4typ. 2.30.2 2.50.2 1 2 4 3
 all specifications are subject to change without notice. (5/6) 001-01 / 20101129 / e9713_acm shapes and dimensions/circuit diagram/recommended pc board pattern(reflow soldering) acm1513 type electrical characteristics packaging style and quantities part no. impedance ( ? )[at 100mhz] dc resistance (m ? )max. rated current idc(a)max. insulation resistance (m ? )min. rated voltage edc(v)max. min. typ. acm3225-601-2p 450 600 200 1.0 10 50 acm4532-601-2p 450 600 100 1.5 10 50 acm4532-801-2p 600 800 100 1.0 10 50 acm7060-301-2pl 225 300 10 5 10 80 acm7060-701-2pl 500 700 15 4 10 80 acm9070-701-2pl 500 700 10 5 10 80 acm1211-701-2pl 500 700 6 8 10 80 acm1211-102-2pl 750 1000 14 6 10 80 acm1513-551-2pl 450 550 4 10 10 80 packaging style type reel quantity taping acm3225 ?180mm 1000 pieces/reel ?330mm 5000 pieces/reel acm4532 ?180mm 500 pieces/reel ?330mm 2000 pieces/reel acm7060 ?330mm 1500 pieces/reel acm9070 ?330mm 800 pieces/reel acm1211 ?330mm 500 pieces/reel acm1513 ?330mm 500 pieces/reel 15.00.5 3.80.2 2.70.2 2.70.2 13.00.4 1 2 4 3 2.30.2 10.4typ. 2.30.2 6.0max. weight: 3.15g dimensions in mm 1 2 4 3 3.8 2.7 2.7 10.4 3.3 3.3 dimensions in mm
 all specifications are subject to change without notice. (6/6) 001-01 / 20101129 / e9713_acm typical electrical characteristics impedance vs. frequency characteristics acm3225-601-2p acm4532-601-2p acm4532-801-2p acm7060-301-2pl acm7060-7 01-2pl acm9070-701-2pl acm1211-701-2pl acm1211-1 02-2pl acm1513-551-2pl measuring circuits 1 1000 100 10 1 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 10 100 1000 frequency ( mhz ) common mode differential mode 1000 100 10 1 impedance ( ? ) 1 10 100 1000 frequency ( mhz ) common mode differential mode 1000 100 10 1 impedance ( ? ) 1 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode 1 10000 1000 100 10 10 100 1000 impedance ( ? ) frequency ( mhz ) common mode differential mode hp4291a differential mode hp4291a common mode


▲Up To Search▲   

 
Price & Availability of ACM1211-701-2PL-TL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X