Part Number Hot Search : 
0FB100K EL5481C 7D560 HER10 HIP5011 B1027 Z2120U AWB7032
Product Description
Full Text Search
 

To Download ABM8G-16000MHZ-18-R80-D-2-Y-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | abm8g standard specifications: applications: features: operation mode operating temperature storage t emperature frequency t olerance at +25c frequency stability over the operating temp. (ref. to +25c ) equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first year) at 25c 3c insulation resistance p arameters frequency range abracon p/n abm8g series fundamental -10c to + 60c (see options) 50ppm max. (see options) 50ppm max. (see options) 5.0pf max 10pf (see options) 3ppm max. 500 m ? min. at 100 vdc 15v rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m ? automotive applications ? high density applications. ? modems, communication and test equipment. ? pmcia, wireless applications ? low in height; suitable for thin equipment. ? glass sealed package assures high reliability and high temperature operation ? tight tolerance and stability available. ? ir reflow capable ? low cost version of abm8 crystal options & part identification: 100w max., 10w typical revised: 12.22.09 visit www.abracon.com for terms & conditions of sale (left blank if standard) ultra miniature ceramic glass sealed smd crystal 12.000mhz - 50.000mhz -55c to +125c see table 1 table 1- standard esr pb in glass (exempt per rohs 2002/95/ec annex (5)) 80 esr( ) ? max 120 28.001 - 50.00 20.001 - 28.00 frequency (mhz) 12.000 12.001 - 20.000 60 50 3.2 x 2.5 x 1.0 mm abm 8 g - m h z - - r - - - - p a c ka g i n g b l a n k : b u l k t : t a p e & r e e l ( 1 k p cs ) t 3 : t ap e & r e e l ( 3 k p cs) f r e qu e n cy in m h z e . g . 24 . 5 7 6 m h z 1 4 . 3 1 8 18 m h z 2 6 . 0 0 0 m h z e s r s pe c i f y a v a l ue i n ? lo a d c a p a c i t a n ce p l ea s e s p e c i f y c l i n p f o r s f o r s e r i e s ( m i n i m u m 7 p f ) p l e a s e c on t a c t a b r a c o n f o r v a l ue s unde r 10p f o p e r a t ing t e m p . e : 0 c ~ + 70 c b : - 2 0 c ~ + 7 0 c c : - 30 c ~ + 7 0 c n : - 30 c ~ + 8 5 c d : - 40 c ~ + 8 5 c f r e q . t o l e r a n c e 1 : 1 0 p p m 7 : 1 5 p p m 2 : 2 0 p p m 3 : 2 5 p p m 4 : 3 0 p p m f r e q . s t a b i l i t y u : 10 pp m ( * ) g : 1 5 p p m ( * * ) x : 20 pp m w : 2 5 pp m y : 30 pp m h : 35 pp m q : 10 0 p p m ( * ) ? 10 c to + 60 c o n l y . c o n t a c t a b r a c o n f o r t i g h t e r f r e q . s t a b i li t y . ( ** ) ? 10 c to + 6 0 c o p t i o n e , b , c , n o n l y .
||||||||||||||| abm8g pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001 / qs 9000 cer tified 30332 esperanza, ranc ho santa marg arita, califo r nia 92688 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m 3.2 x 2.5 x 1.0mm revised: 12.22.09 visit www.abracon.com for terms & conditions of sale dimensions: inch (mm) dimensions: mm outline drawing: tape & reel: (1000pcs/reel or 3000pcs/reel) note: due to the availability of raw materials, this part may be manufactured with the chamfer on pin 4. be advised that this does not affect the electrical characteristics of the crystal in any way. need a test socket for the abm8g series? to view compatible precision test & burn-in sockets for these parts, click here. reflow profile: tape and reel (1,000pcs/reel) : tape and reel (3,000pcs/reel) ultra miniature ceramic glass sealed smd crystal attention : abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any applica - tion requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABM8G-16000MHZ-18-R80-D-2-Y-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X