Part Number Hot Search : 
MA28151 E200A 4N28SM GS816 LF347D K2607 IRFIB FA1L4M
Product Description
Full Text Search
 

To Download 929870-01-10-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? pak 100 shunt .100 midgie 929 series physical electrical environmental *rohs = directive 2002/95/ec restriction of the use of certain hazardous su bstances in electrical and electronic equipment insulation material: glass filled polyester (pbt) flammability: ul 94v-0 color: black, blue and gray contact material: copper alloy (c688) plating : underplating and u-slot: 50 ? [ 1.27 m ] nickel - qq-n-290, class 2 wiping area: black: unplated blue: 10 ? [ 0.25 m ] gold - mil-g-45204, type ii, grade c gray 30 ? [ 0.76 m ] gold - mil-g-45204, type ii, grade c marking: 3m logo current rating: 1 a insulation resistance: > 1 10 9 ? at 500 vdc withstanding voltage: 1500 vrms at sea level temperature rating: -55 c to +100 c ts-0200-10 sheet 1 of 2 ? unique c-spring contact insures balanced forces ? compatible with .025 pins ? 10 and 30 micro inch gold plating options ? stackable end-to-end and side-to-side ? color coded for easy identification ? rohs* compliant date modified: february 7, 2005 ul file no.: e68080
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? pak 100 shunt .100 midgie 929 series .0 .00 .000 inch .1 .01 .005 [ ] d im ensions for r eference onl y tolerance unless noted [m m ] inch ts-0200-10 sheet 2 of 2 ordering information notes: 1. recommended installation is with the 3m logo on top. reference the contact design to help assure proper installation. 2. recommended to be mated to .025 [ 0.64 ] round or square header pins. 92995x-xx color/plating options: 0-00 = black/unplated 5-06 = 10 blue/gold 7-08 = 30 gray/gold recommended that the header pins enter this end of the connector housing. (see note 1) .15 ref [ 3.8 ] .195 [ 4.95 ] .100 [ 2.54 ] .095 [ 2.41 ] .298 [ 7.57 ]
printed in usa. ? 3m 2005 3 elect r onic solutions d i vision 6801 r i v er place blvd. austin, tx 78726-9000 ww w .3m.com/esd minimum 10% p ost-consumer f iber impo r tant notice all statements, technical info r mation, and r ecommendations r elated to 3m s p r oducts a r e based on info r mation believed to be r eliable, but the accuracy or completeness is not guaranteed. befo r e using this p r oduct, you must evaluate it and dete r mine if it is suitable for your intended application. y ou assume all risks and liability associated with such use. any statements r elated to the p r oduct which a r e not contained in 3m s cur r ent publications, or any contra r y statements contained on your pu r chase o r der shall have no fo r ce or e f fect unless exp r essly ag r eed upon, in writing, by an authorized of?cer of 3m. w arranty; limited remedy; limited liabilit y . this p r oduct will be f r ee f r om defects in material and manufactu r e for a period of 1 year f r om the time of pu r chase. 3m makes no o ther w arranties including , b ut n o t limited to, any implied w arranty of merchan t ability or fitness for a p a r ticular purpose. if this p r oduct is defective within the warranty period stated above, your exclusive r emedy shall be, at 3m s option, to r eplace or r epair the 3m p r oduct or r efund the pu r chase price of the 3m p r oduct. except where p r ohibited b y l a w, 3m will not be lia b le f or a n y indirect , special , incidental or consequential loss or dam a g e arising f r om this 3m p r oduct , rega r dless of the legal theo r y asse r ted .


▲Up To Search▲   

 
Price & Availability of 929870-01-10-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X