space saving with scoop proof connector for harsh applications. miniature product with a bayonet release a high density solution with #26 contacts (according 39029). 5 layouts (size 3, 5 and 7 with #22 & #26). 3 robustness connector available with stainless steel (1500 matings) and aluminum shell (500 matings). 3 rohs and cadmium free available in zinc nickel (rohs) plating, as well as nickel and olive drab cadmium. 3 integrated backshell cost and space saving. 3 excellent features designed for d38999 requirements. ip67 sealing when mated. 3 a compact solution diameter up to 45% smaller than size 9 (d38999). up to 50% shorter. 3 8lta bayonet coupling
2 8lta bayonet coupling description ? a compact solution - the smallest connector available on the market (shell size 3) - miniaturization of mil-dtl-38999 series i - quick bayonet locking - integrated backshell: . easy to wire and handle . compatible with heat shrink boot and braid retention band . compliant with overmolding ? a versatile solution - 3 shells sizes: 3, 5, 7 - plug; in line, square fange, oval fange and jam nut receptacle - 3 materials, 3 platings - crimp & pc tails (on request) - removable contacts #22d & #26 - 6 keyings ? harsh environment-resistant solution - scoop proof - cavity to cavity sealed with interfacial seal and grommet - fluid resistant technical features mechanical ? shell: aluminum alloy passivated stainless steel (for size 5 & 7) ? shell plating: aluminum: . zinc nickel (rohs) . nickel (rohs) . olive drab cadmium passivated stainless steel (rohs) composite (size 7) ? insulator: thermoplastic ? contact body: copper alloy ? contacts plating: gold over nickel plated ? shell endurance: aluminum: 250 mating/unmating cycles passivated stainless steel: 1000 mating/unmating cycles ? vibration: 30 grms ambiant, 2 axes during 8 hours environmental ? temperature range: -55c to +175c ? water immersion: ip 67 on mated connector 1 meter for 30 min minimum > ip68 with appropriate cable termination ? salt spray: zinc nickel: 500 hours nickel: 48 hours olive drab cadmium: 500 hours passivated stainless steel: 500 hours resistance to fuids ? according to mil-dtl-38999 standard gasoline: jp5 (otan f44) mineral hydraulic fluid: mil-h-5606 (otan h515) synthetic hydraulic fluid: skydrol 500 b4 ? compatible with de-icing fuids containing potassium acetate electrical ? wire size ? test voltage (at sea level): size 22d: 1000 vrms size 26: 400 vrms ? contact resistance: size 22d: <14.6 m ? size 26: <16 m? ? contact rating: size 22d: 5a size 26: 3a ? contact retention: size 22d: 45n size 26: 30n ? shell to shell continuity ? e mi: -55db @ 1ghz shell size all versions 03 < 250 m? 05 07 layout wire (awg) 03-05 24-30 03-35 22-28 05-06 24-30 05-35 22-28 07-09 24-30 07-35 22-28
3 8lta bayonet coupling for other confguration (pc tail, specifc jam nut, ...) please consult us. plug oval fange receptacle jam nut receptacle in line shell type ordering information basic series 8lta ? ?3 w ?5 p n shell type: ?: square fange receptacle 1: in line receptacle 2: oval fange receptacle 6: plug without emi ring 7: jam nut receptacle shell size: ?3 - ?5 - ?7 plating : z: black zinc nickel f: nickel w: olive drab cadmium contact layouts: see above contact type: p: pin s: socket orientation: n, a, b, c, d, e square fange receptacle contact layouts note: ? = zero ?7 ?9 35 9#26 5#22d ?5 35 ?6 3#22d 6#26 5#26 ?3 35 ?5 3#22d
4 8lta bayonet coupling plug - shell type 6 dimensions a b c d e in line receptacle - shell type 1 note: all dimensions are in mm. a b c d e shell size 3 shell size 5 shell size 7 a a b c d b c d shell size a max b max c max ? d max ? e max 3 3-05 16.2 2.2 0.15 4.6 7.2 8.3 3-35 17.5 2.2 0.15 5.9 7.2 8.3 5 18.2 2.5 0.15 4.9 8.55 10.15 7 23.6 4 0.15 7.5 10.3 11.6 shell size a max b max c max ? d max ? e max 3 3-05 16.2 2.2 0.15 4.6 7.2 10.5 3-35 17.5 2.2 0.15 5.9 7.2 10.5 05 18.4 2.5 0.15 4.9 8.55 13.5 07 22.06 3.65 0.15 6.35 10.3 15.06
5 8lta bayonet coupling square fange receptacle - shell type 0 note: all dimensions are in mm. panel cut out a b c d e f g h j g k shell size ? a max b max c max ? d max e max f max g max ? h max ? j max ? k max 3 3-05 8.3 16.2 8.7 7.2 4.6 15.5 10.8 2.7 0.1 9.3 0.1 3.1 0.1 3-35 8.3 17.5 8.7 7.2 5.9 15.5 10.8 2.7 0.1 9.3 0.1 3.1 0.1 5 10.15 18.2 9.05 8.55 4.9 16 11.45 2.7 0.1 12 0.1 3.1 0.1 7 11.6 23.06 10.8 10.3 7.5 18 12.7 2.7 0.1 13 0.1 3.1 0.1 jam nut receptacle - shell type 7 shell size thread a max ? b max c max d max ? e max f max ? g max h max ? j max 3 3-05 7/1628 unef 2a 10.3 8.3 16.2 2.6 7.8 1 to 3.2 17.3 11.3 0.1 12 0.1 3-35 7/1628 unef 2a 10.3 8.3 17.5 2.6 7.8 1 to 3.2 17.3 11.3 0.1 12 0.1 5 1/228 unef 2a 11.7 10.5 25.9 7.7 8.55 1 to 3.2 19.5 13 0.1 13.5 0.1 7 9/1624 unef 2a 13.4 11.6 33.55 10.4 10.3 1 to 3.2 20.8 14.4 0.1 15.2 0.1 panel cut out a b c f e d g h (panel thickness) shell size 3 shell size 5 & 7 f (panel thickness) j a b c e d thread thread
6 8lta bayonet coupling oval fange receptacle - shell type 2 note: all dimensions are in mm. panel cut out a b c d e f g h j k l shell size ? a max b max c max ? d max e max f max g max ? h max ? j max k max ? l max 3 3-05 8.3 16.2 8.7 7.2 4.6 15.3 0.2 10.5 0.1 2.8 9.3 0.1 15.3 0.2 3.1 0.1 3-35 8.3 17.5 8.7 7.2 5.9 15.3 0.2 10.5 0.1 2.8 9.3 0.1 15.3 0.2 3.1 0.1 5 10.15 18.2 9.05 8.55 4.9 16.2 0.2 13 0.1 2.7 12 0.1 16.2 0.2 3.1 0.1 7 11.6 23.06 10.8 10.3 7.5 18 0.2 14.8 0.1 2.7 13 0.1 18 0.2 3.1 0.1 shell size & layout plug square fange receptacle without contacts with contacts without contacts with contacts 3-05 1.6 1.7 2 2.2 5-35 3 3.3 2.9 3.1 7-35 4.5 4.9 4.2 4.6 weight aluminum version (in gram 10 %) connector weights
7 8lta bayonet coupling orientation - all shell types shell size angles n a b c d e 3 x 153 51 102 204 255 306 5 & 7 y 145 130 110 155 90 90 z 75 120 120 115 115 180 master key master key x y z shell size 3 shell size 5 & 7 orientations for further information contact us at contactmilaero@souriau.com or visit our web sites www.souriau.com & www.micro38999.com wmae8ltap01701en ? copyright souriau october 2010 - all information in this document presents only general particulars and shall not form part of any contract. all rights reserved to souriau for changes without prior notifcation or public announcement. any duplication is prohibited, unless approved in writing.
|