Part Number Hot Search : 
FP5122PM SSL1523P SLA7027 0549A 74HC4 SA150 PJP4NA60 ED25A
Product Description
Full Text Search
 

To Download 8LT0-15B18PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74 8lt series polarization n - normal a-b-c-d - see table p 77 contact type p - male s - female a - male connector supplied less contact or with specific contacts b - female connector supplied less contact or with specific contacts contact layout - see table p 120 plating f - nickel b - olive green cadmium (mil-c 38999 - he 308) shell size 09-11-13-15-17-19-21-23-25 designator - connectors with standard crimp contacts l - receptacle with long spill (male and female # 22d) c - receptacle with short spill (male and female # 22d, # 20, # 16) t - receptacle with male contacts size 20 for wire wrap (2 wraps) w - receptacle with male contacts size 22 for wire wrap (3 wraps) shell type 0 - square flange receptacle 3 - square flange receptacle (rear mounting) 2 - square flange receptacle not accepting backshell 7 - jam nut receptacle 1 - cable connecting receptacle 5 - plug with rfi shielding applications high density connectors for all military and aeronautical purposes. description ?high density connector from 1 to 128 contacts ?sizes 22d, 20, 16, 12, # 16 coax and # 8 triax ?bayonet locking system ?100% scoop proof climatic temperature range : - cadmium plating (b) : -65? +175? - nickel plating (f) : -65? +200? sealing : mated connectors - differential pressure 2 bars - leakage 16 cm 3 /hr salt spray to : mil std 1344 method 1001 - 500 hours (version b) - 48 hours (version f) nfc 93422 - 48 hours (version f) damp heat : mil-c 38999 : 10 cycles 24 hrs nfc 93422 : 56 days resistance to fluids to mil-c 38999 : ?mil-l 7808 ?mil-l 23699 ?mil-h 5606 ?mil-a 8243 ?mil-c 25769 ?mil-t 5624 (jp5) ?hydraulic fluids ?solvents to nfc 93422 : f46 - f54 - 0/180 - h515 - h542 - xh45 standards mil-c 38999 series i - qpl approved nfc 93422 he 308 dtat-c 5935 x 0005 (he 308 standard) gam/t1 list characteristics mechanical shell : aluminum alloy plating : - olive green cadmium (b) - nickel (f) insulator : thermoplastic grommet and seal : silicone elastomer contact : copper alloy plating : gold over nickel endurance : 500 cycles shock : 300 g during 3 ms and mil-s901 grade a vibration : sine 10 to 2000 h 30 g random 100 to 300 hz - 5 (g 2 /hz) contact retention : (mini force in n) size 22 d : 45 n size 20 : 67 n size 16 : 110 n size 12 : 110 n size 8 : 110 n basic series 8lt 0 - 13 b 35 p n connectors ordering information fci souriau part numbers test voltage (vrms) service sea level at 21000 m m 1300 800 i 1800 1000 ii 2300 1000 contact resistance : resistance of wire included in measurement : size 22d : 14.6 m ? size 20 : 7.3 m ? size 16 : 3.8 m ? size 12 : 1.7 m ? insulation resistance : 5000 m ? (at 500 vdc) contact rating : size 22d : 5 a size 20 : 7.5 a size 16 : 13 a size 12 : 23 a shell continuity : - olive green plating : 2.5 m ? - nickel plating : 1 m ? shielding : - 90 db to 100 mhz - 50 db to 10000 mhz triaxial contact : # 8 - bandwidth : 0 - 20 mhz - voltage rating : 500 vac max. 125 vac at 21000 m - voltage drop : inner and middle contact 55 mv under 1a outer contact 75 mv under 12a electrical note : connectors supplied with standard contacts
75 8lt series specification - connector supplied with contact : (without specification) l - connector supplied without contact contractual specification contractual specification suffix for backshell type 07 only 1 - for receptacle type 0 (shells 09 to 25) 2 - for receptacle type 7 (shells 09 to 25) - for plug type 5 (shells 09 to 23) - for plug type 5 (shell 25 only) mil-c 38999 part numbers polarization n - normal (not included in part number) a-b-c-d - see table p 77 contact type p - male a - male connector supplied less contact or with specific contacts s - female b - female connector supplied less contact or with specific contacts contact layout - see table p 120 plating b - olive green cadmium f - nickel shell size 09-11-13-15-17-19-21-23-25 class t - with thread for backshell, supplied less backshell shell type 27466 - square flange receptacle (front mounting) 27656 - square flange receptacle (rear mounting) 27468 - jam nut receptacle 27467 - plug with rfi shielding basic series ms 27466 t 13 b 35 p note : connectors supplied with mil-c contacts plating 6 - nickel 7 - olive green cadmium polarization n - normal a-b-c-d - see table p 77 contact type p - male s - female contact layout - see table p 120 shell size 09-11-13-15-17-19-21-23-25 class t - sealed shell type 00 - square flange receptacle 07 - jam nut receptacle 06 - plug with rfi shielding 11 - jam nut receptacle with straight spill contacts basic series he308 - 00 t 13 - 35 p n 7 m backshell type 01 - backnut 03 - elbow cable clamp 02 - straight cable-clamp 07 - backshell for screen termination and heatshrink boot plating b - olive green cadmium f - nickel shell size 09 11 13 15 17 19 21 23 25 index number 101 102 103 104 105 106 107 108 109 basic series 8lst 103 g 01 he 308 part numbers plating 6 - nickel 7 - olive green cadmium designator 1 - for receptacle type 0 (shells 09 to 25) 2 - for receptacle type 7 (shells 09 to 25) - for plug type 5 (shells 09 to 23) - for plug type 5 (shell 25 only) shell size 09-11-13-15-17-19-21-23-25 backshell type 13 - backshell for screen termination and heatshrink boot basic series he 308 - 13 13 1 7 m he 308 part numbers backshells ordering information fci souriau part numbers
76 8lt series 8lt1 - b cable connecting receptacle 8lt0 - b he308-00t - 7 ms27466t b square flange receptacle 8lt3 - b ms27656t b square flange receptacle (rear mounting) 8lt7 - b he308-07t - 7 ms27468t b jam nut receptacle 8lt0 - f he308-00t - 6 ms27466t f square flange receptacle 8lt3 - f ms27656t f square flange receptacle (rear mounting) 8lt7 - f he308-07t - 6 ms27468t f jam nut receptacle 8lt1 - f cable connecting receptacle 8lt2 - b square flange receptacle not accepting backshell 8lt2 - f square flange receptacle not accepting backshell 8lt5 - b he308-06t - 7 ms2746t b plug with rfi shielding 8lt5 - f he308-06t - 6 ms2746t f plug with rfi shielding 8lst ?g01 backnut 8lst ?g02 he308-11 27 straight cable clamp 8lst ?g03 he308-12 27 elbow cable clamp 8lst ?b071 he308-13 17 backshell for screen termination and heatshrink sleeving 8lst ?b072 he308-13 27 backshell for screen termination and heatshrink sleeving 8lst ?b01 m85049/27-w backnut 8lst ?b02 straight cable clamp 8lst ?b03 elbow cable clamp 8lst ?f01 m85049/27-n backnut 8lst ?f02 he308-11 26 straight cable clamp 8lst ?f03 he308-12 26 elbow cable clamp 8lst ?f071 he308-13 16 backshell for screen termination and heatshrink sleeving 8lst ?f072 he308-13 26 backshell for screen termination and heatshrink sleeving 8lte04g he308-b00 7 cap for square flange receptacle 8lte06g he308-b07 7 cap for jam nut receptacle 8lte04f he308-b00 6 cap for square flange receptacle 8lte06f he308-b07 6 cap for jam nut receptacle 8ltf05g he308-b16 7 cap for plug 8ltf07g he308-b06 7 cap for plug 8ltf05f he308-b16 6 cap for plug 8ltf07f he308-b06 6 cap for plug m39029/58-360 m39029/58-360 male contact # 22d m39029/58-363 m39029/58-363 male contact # 20 m39029/58-364 m39029/58-364 male contact # 16 m39029/58-365 m39029/58-365 male contact # 12 m39029/56-348 m39029/56-348 female contact # 22d m39029/56-351 m39029/56-351 female contact # 20 m39029/56-352 m39029/56-352 female contact # 16 m39029/56-353 m39029/56-353 female contact # 12 8599-0988 m39029/90-529 male triaxial contact # 8 8599-0998 m39029/91-530 female triaxial contact # 8 8660-212 ms27488-22 filler plug # 22d 8522-389a ms27488-20 filler plug # 20 8522-390a ms27488-16 filler plug # 16 8522-391a ms27488-12 filler plug # 12 8599-0308 dummy contact # 8 8599-0022 m81969/14-01 plastic tool for contact # 22d 8522-20 m81969/14-10 plastic tool for contact # 20 8522-16 m81869/14-03 plastic tool for contact # 16 8522-12 m81969/14-04 plastic tool for contact # 12 8660-197 tool for contact # 8 cross reference list : fci souriau part numbers, he 308 and mil-c 38999 standards fci souriau nfc 93422 / he 308 mil-c 38999 series i designation p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s p s
77 8lt series polarization polarization is determined by the master keyway position. the secondary keyway positions remain fixed. 09 09-35 x 6 95 77 - - 113 09-98 x 3 95 77 - - 113 11-35 x 13 95 81 67 123 109 11-98 x 6 95 81 67 123 109 11 11-01 x 1 95 81 67 123 109 11-05 x 5 95 81 67 123 109 11-04 x 4 95 81 67 123 109 13-35 x 22 95 75 63 127 115 13 13-98 x 10 95 75 63 127 115 13-08 x 8 95 75 63 127 115 15-35 x 37 95 74 61 129 116 15-19 x 19 95 74 61 129 116 15 15-05 x 5 95 74 61 129 116 15-97 x 8 4 95 74 61 129 116 15-18 x 18 95 74 61 129 116 17-35 x 55 95 77 65 125 113 17-26 x 26 95 77 65 125 113 17 17-06 x 6 95 77 65 125 113 17-08 x 8 95 77 65 125 113 17-99 x 21 2 95 77 65 125 113 17-75 x 2 95 77 65 125 113 19-35 x 66 95 77 65 125 113 19 19-32 x 32 95 77 65 125 113 19-11 x 11 95 77 65 125 113 21-35 x 79 95 77 65 125 113 21-41 x 41 95 77 65 125 113 21 21-16 x 16 95 77 65 125 113 21-11 x 11 95 77 65 125 113 21-39 x 37 2 95 77 65 125 113 21-75 4 95 77 65 125 113 23-35 x 100 95 80 69 121 110 23 23-53 x 53 95 80 69 121 110 23-21 x 21 95 80 69 121 110 25-35 x 128 95 80 69 121 110 25-61 x 61 95 80 69 121 110 25-46 x 40 4 2 95 80 69 121 110 25 25-19 x 19 95 80 69 121 110 25-29 x 29 95 80 69 121 110 25-43 x 23 20 95 80 69 121 110 25-24 x 12 12 95 80 69 121 110 shell size contacts layout service mi ii number of contacts # 22d # 20 # 16 # 12 # 8 angles in degrees nabcd view from front face of receptacle view from front face of plug
78 8lt series dimensions plug type 5 backshells d 1 max 21.80 25.00 29.00 32.50 35.70 38.50 41.70 44.85 48.00 .858 .984 1.142 1.280 1.406 1.516 1.642 1.766 1.890 l1 max 31.32 31.32 31.32 31.32 31.32 31.32 31.32 31.32 31.32 1.233 1.233 1.233 1.233 1.233 1.233 1.233 1.233 1.233 d2 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d3 max 6.96 10.46 13.36 16.53 19.71 22.40 25.56 28.75 31.93 .274 .412 .526 .651 .776 .882 1.006 1.132 1.257 l2 max 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 .445 .445 .445 .445 .445 .445 .445 .445 .445 l3 max 36.66 36.66 36.66 36.66 36.66 36.66 36.66 36.66 36.66 1.443 1.443 1.443 1.443 1.443 1.443 1.443 1.443 1.443 d4 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d5 min 1.40 1.40 2.40 5.60 5.60 8.80 11.90 15.10 15.10 .055 .055 .094 .220 .220 .346 .469 .594 .594 max 3.20 4.80 6.40 9.50 12.70 15.90 19.10 22.20 25.40 .126 .189 .252 .374 .500 .626 .752 .874 1.000 f max 21.03 22.63 25.81 28.98 30.56 37.31 37.31 42.06 44.45 .828 .891 1.016 1.141 1.203 1.469 1.469 1.656 1.750 l4 max 22.22 22.22 22.22 28.57 28.57 28.57 28.57 31.75 31.75 .875 .875 .875 1.125 1.125 1.125 1.125 1.250 1.250 l5 max 47.22 48.02 49.52 55.92 59.42 59.42 59.42 59.42 59.42 1.859 1.891 1.950 2.202 2.339 2.339 2.339 2.339 2.339 d6 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d7 min 3.20 4.00 4.80 5.50 6.40 7.90 9.50 10.30 14.30 .126 .157 .189 .217 .252 .311 .374 .406 .563 max. 6.40 9.50 11.10 14.30 15.90 19.10 22.20 23.80 25.40 .252 .374 .437 .563 .626 .752 .874 .937 1.000 l6 max. 35.32 35.32 37.30 41.67 46.04 46.45 48.43 51.98 54.78 1.391 1.391 1.469 1.641 1.813 1.829 1.907 2.046 2.157 l7 max 25.40 26.19 27.79 30.96 32.54 34.14 34.93 36.53 43.66 1.000 1.031 1.094 1.219 1.281 1.344 1.375 1.438 1.719 l8 max 60.68 60.68 62.66 67.03 71.40 71.81 73.79 77.34 80.14 2.389 2.389 2.467 2.639 2.811 2.827 2.905 3.045 3.155 d8 max 20.20 23.20 26.20 29.20 32.20 35.20 39.20 42.20 45.20 .795 .913 1.031 1.150 1.268 1.386 1.543 1.661 1.780 d9 min 6.90 9.60 12.70 14.80 17.90 19.90 23.10 26.20 28.80 .272 .378 .500 .583 .705 .783 .909 1.031 1.134 max 7.00 9.70 12.80 14.90 18.00 20.00 23.20 26.30 28.90 .276 .382 .504 .587 .709 .787 .913 1.035 1.138 d10 max 16.00 18.90 22.10 25.30 28.50 31.50 34.70 37.90 41.00 .630 .744 .870 .996 1.122 1.240 1.366 1.492 1.614 l9 type 1 27.80 27.80 27.80 29.80 29.80 30.80 34.60 34.60 - 1.094 1.094 1.094 1.173 1.173 1.213 1.362 1.362 - type 2 - - - - - - - - 33.50 - - - - - - - - 1.319 l10 max 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 .134 .134 .134 .134 .134 .134 .134 .134 .134 l 11 max 52.22 52.22 52.22 54.22 54.22 55.22 59.02 59.02 59.02 2.056 2.056 2.056 2.135 2.135 2.174 2.324 2.324 2.324 shell size 09 11 13 15 17 19 21 23 25 13.54/ .533 max. plug backshell assembly overall length for flange for flange detail a : sealing boot used for triaxial 8 contacts only backnut type 01 straight cable-clamp type 02 elbow cable-clamp type 03 backshell for screen termination and heatshrink boot type 07 l2 l3 l4 l5 l6 l8 l9 l11 l10 d7 d2 d4 d6 d8 d9 d10 l7 d5 f d3 l3-l5-l8-l11 l1 d1 a
79 8lt series receptacle type 0 b1 max 24.25 26.60 29.00 31.35 33.75 36.90 40.10 43.25 46.50 .955 1.047 1.142 1.234 1.329 1.453 1.579 1.703 1.831 e1 18.26 20.62 23.01 24.61 26.97 29.36 31.75 34.93 38.10 .719 .812 .906 .969 1.062 1.156 1.250 1.375 1.500 d1 14.53 17.78 21.59 24.77 27.94 30.66 33.83 37.00 40.18 .572 .700 .850 .975 1.100 1.207 1.332 1.457 1.582 j 3.25 3.25 3.25 3.25 3.25 3.25 3.25 3.73 3.73 .128 .128 .128 .128 .128 .128 .128 .147 .147 l1 max 16.05 16.05 16.05 16.05 16.05 16.05 15.29 15.29 15.29 .632 .632 .632 .632 .632 .632 .602 .602 .602 l2 max 13.49 13.49 13.49 13.49 13.49 13.49 13.49 13.49 13.49 .531 .531 .531 .531 .531 .531 .531 .531 .531 l3 max 2.48 2.48 2.48 2.48 2.48 2.48 3.24 3.24 3.24 .098 .098 .098 .098 .098 .098 .128 .128 .128 d2 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d3 max 6.96 10.46 13.36 16.53 19.71 22.40 25.56 28.75 31.93 .274 .412 .526 .651 .776 .882 1.006 1.132 1.257 l4 max 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 .445 .445 .445 .445 .445 .445 .445 .445 .445 l5 max 18.83 18.83 18.83 18.83 18.83 18.83 18.83 18.83 18.83 .741 .741 .741 .741 .741 .741 .741 .741 .741 d4 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d5 min 1.40 1.40 2.40 5.60 5.60 8.80 11.90 15.10 15.10 .055 .055 .094 .220 .220 .346 .469 .594 .594 max 3.20 4.80 6.40 9.50 12.70 15.90 19.10 22.20 25.40 .126 .189 .252 .374 .500 .626 .752 .874 1.000 f max 21.03 22.63 25.81 28.98 30.56 37.31 37.31 42.06 44.45 .828 .891 1.016 1.141 1.203 1.469 1.469 1.656 1.750 l6 max 22.22 22.22 22.22 28.57 28.57 28.57 28.57 31.75 31.75 .875 .875 .875 1.125 1.125 1.125 1.125 1.250 1.250 l7 max 29.39 30.19 31.69 38.09 41.59 41.59 41.59 41.59 41.59 1.157 1.189 1.248 1.500 1.637 1.637 1.637 1.637 1.637 d6 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d7 min 3.20 4.00 4.80 5.50 6.40 7.90 9.50 10.30 14.30 .126 .157 .189 .217 .252 .311 .374 .406 .563 max 6.40 9.50 11.10 14.30 15.90 19.10 22.20 23.80 25.40 .252 .374 .437 .563 .626 .752 .874 .937 1.000 l8 max 35.32 35.32 37.30 41.67 46.04 46.45 48.43 51.98 54.78 1.391 1.391 1.469 1.641 1.813 1.829 1.907 2.046 2.157 l9 max 25.40 26.19 27.79 30.96 32.54 34.14 34.93 36.53 43.66 1.000 1.031 1.094 1.219 1.281 1.344 1.375 1.438 1.719 l10 max 42.85 42.85 44.83 51.00 53.57 53.98 55.96 59.51 62.31 1.687 1.687 1.765 2.008 2.109 2.125 2.203 2.343 2.453 d8 max 20.20 23.20 26.20 29.20 32.20 35.20 39.20 42.20 45.20 .795 .913 1.031 1.150 1.268 1.386 1.543 1.661 1.780 d9 min 6.90 9.60 12.70 14.80 17.90 19.90 23.10 26.20 28.80 .272 .378 .500 .583 .705 .783 .909 1.031 1.134 max 7.00 9.70 12.80 14.90 18.00 20.00 23.20 26.30 28.90 .276 .382 .504 .587 .709 .787 .913 1.035 1.138 d10 max 16.00 18.90 22.10 25.30 28.50 31.50 34.70 37.90 41.00 .630 .744 .870 .996 1.122 1.240 1.366 1.492 1.614 l11 type 1 27.80 27.80 27.80 29.80 29.80 30.80 34.60 34.60 34.60 1.094 1.094 1.094 1.173 1.173 1.213 1.362 1.362 1.362 type 2 --------- --------- l12 max 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 .134 .134 .134 .134 .134 .134 .134 .134 .134 l13 max 34.39 34.39 34.39 36.39 36.39 37.39 41.19 41.19 41.19 1.354 1.354 1.354 1.433 1.433 1.472 1.622 1.622 1.622 shell size 09 11 13 15 17 19 21 23 25 receptacle backshell assembly overall length max. panel thickness 2.50/ .098 4 holes j for flange for flange backshells detail a : sealing boot used for triaxial 8 contacts only backnut type 01 straight cable-clamp type 02 elbow cable-clamp type 03 backshell for screen termination and heatshrink boot type 07 l1 l3 l4 l5 l7 l6 l8 l11 l12 l13 d7 l10 d2 d4 d6 d8 d9 d10 l9 d5 f d3 b1 l2 a d1 e1 l5-l7-l10-l13 13.39/ .527 max
80 8lt series receptacle type 3 b1 max 24.25 26.60 29.00 31.35 33.75 36.90 40.10 43.25 46.50 .955 1.047 1.142 1.234 1.329 1.453 1.579 1.703 1.831 e1 18.26 20.62 23.01 24.61 26.97 29.36 31.75 34.93 38.10 .719 .812 .906 .969 1.062 1.156 1.250 1.375 1.500 d1 14.53 17.78 21.59 24.77 27.94 30.66 33.83 37.00 40.18 .572 .700 .850 .975 1.100 1.207 1.332 1.457 1.582 j 3.25 3.25 3.25 3.25 3.25 3.25 3.25 3.73 3.73 .128 .128 .128 .128 .128 .128 .128 .147 .147 l1 max 20.83 20.83 20.83 20.83 20.83 20.83 20.08 20.08 20.08 .820 .820 .820 .820 .820 .820 .791 .791 .791 l2 max 10.50 10.50 10.50 10.50 10.50 10.50 11.25 11.25 11.25 .413 .413 .413 .413 .413 .413 .443 .443 .443 l3 max 2.48 2.48 2.48 2.48 2.48 2.48 3.24 3.24 3.24 .098 .098 .098 .098 .098 .098 .128 .128 .128 d2 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d3 max 6.96 10.46 13.36 16.53 19.71 22.40 25.56 28.75 31.93 .274 .412 .526 .651 .776 .882 1.006 1.132 1.257 l4 max 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 .445 .445 .445 .445 .445 .445 .445 .445 .445 l5 max 15.85 15.85 15.85 15.85 15.85 15.85 16.60 16.60 16.60 .624 .624 .624 .624 .624 .624 .654 .654 .654 d4 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d5 min 1.40 1.40 2.40 5.60 5.60 8.80 11.90 15.10 15.10 .055 .055 .094 .220 .220 .346 .469 .594 .594 max 3.20 4.80 6.40 9.50 12.70 15.90 19.10 22.20 25.40 .126 .189 .252 .374 .500 .626 .752 .874 1.000 f max 21.03 22.63 25.81 28.98 30.56 37.31 37.31 42.06 44.45 .828 .891 1.016 1.141 1.203 1.469 1.469 1.656 1.750 l6 max 22.22 22.22 22.22 28.57 28.57 28.57 28.57 31.75 31.75 .875 .875 .875 1.125 1.125 1.125 1.125 1.250 1.250 l7 max 26.40 27.20 28.70 35.10 38.60 38.60 39.40 39.40 39.40 1.039 1.071 1.130 1.382 1.520 1.520 1.551 1.551 1.551 d6 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d7 min 3.20 4.00 4.80 5.50 6.40 7.90 9.50 10.30 14.30 .126 .157 .189 .217 .252 .311 .374 .406 .563 max 6.40 9.50 11.10 14.30 15.90 19.10 22.20 23.80 25.40 .252 .374 .437 .563 .626 .752 .874 .937 1.000 l8 max 35.32 35.32 37.30 41.67 46.04 46.45 48.43 51.98 54.78 1.391 1.391 1.469 1.641 1.813 1.829 1.907 2.046 2.157 l9 max 25.40 26.19 27.79 30.96 32.54 34.14 34.93 36.53 43.66 1.000 1.031 1.094 1.219 1.281 1.344 1.375 1.438 1.719 l10 max 39.90 39.90 41.90 48.10 50.60 51.00 53.80 57.30 60.10 1.571 1.571 1.650 1.894 1.992 2.008 2.118 2.256 2.366 d8 max 20.20 23.20 26.20 29.20 32.20 35.20 39.20 42.20 45.20 .795 .913 1.031 1.150 1.268 1.386 1.543 1.661 1.780 d9 min 6.90 9.60 12.70 14.80 17.90 19.90 23.10 26.20 28.80 .272 .378 .500 .583 .705 .783 .909 1.031 1.134 max 7.00 9.70 12.80 14.90 18.00 20.00 23.20 26.30 28.90 .276 .382 .504 .587 .709 .787 .913 1.035 1.138 d10 max 16.00 18.90 22.10 25.30 28.50 31.50 34.70 37.90 41.00 .630 .744 .870 .996 1.122 1.240 1.366 1.492 1.614 l11 type 1 27.80 27.80 27.80 29.80 29.80 30.80 34.60 34.60 34.60 1.094 1.094 1.094 1.173 1.173 1.213 1.362 1.362 1.362 type 2 --------- --------- l12 max 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 .134 .134 .134 .134 .134 .134 .134 .134 .134 l13 max 31.40 31.40 31.40 33.40 33.40 34.40 39.00 39.00 39.00 1.236 1.236 1.236 1.315 1.315 1.354 1.535 1.535 1.535 shell size 09 11 13 15 17 19 21 23 25 receptacle backshell assembly overall length max. panel thickness 3.00/ .118 4 holes j 13.58/ .535 max. for flange for flange backshells detail a : sealing boot used for triaxial 8 contacts only backnut type 01 straight cable clamp type 02 elbow cable clamp type 03 backshell for screen termination and heatshrink boot type 07 l1 d1 e1 l2 a b1 l3 l4 l5 l6 l7 l8 d6 l9 l10 l11 l12 l13 d8 d9 d10 d7 l8 d2 d4 d5 f d3 l5-l7-l10-l13
81 8lt series receptacle type 7 b1 max 27.35 32.10 35.31 38.49 41.63 46.37 49.58 52.76 55.93 1.077 1.264 1.390 1.515 1.639 1.826 1.952 2.077 2.202 b2 22.35 25.55 30.30 33.45 36.65 39.80 43.00 46.15 50.95 .880 1.006 1.193 1.317 1.443 1.567 1.693 1.817 2.006 d1 14.53 17.78 21.59 24.77 27.94 30.66 33.83 37.00 40.18 .572 .700 .850 .975 1.100 1.207 1.332 1.457 1.582 d2 max 30.54 35.23 38.40 41.64 44.75 49.53 52.67 55.94 59.02 1.202 1.387 1.512 1.639 1.762 1.950 2.074 2.202 2.324 l1 max 23.36 23.36 23.36 23.36 23.36 23.36 23.36 23.36 23.36 .920 .920 .920 .920 .920 .920 .920 .920 .920 l2 max 8.32 8.32 8.32 8.32 8.32 8.32 8.32 8.32 8.32 .328 .328 .328 .328 .328 .328 .328 .328 .328 l3 max 3.00 3.00 3.00 3.00 3.00 3.79 3.79 3.79 3.79 .118 .118 .118 .118 .118 .149 .149 .149 .149 d3 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d4 max 6.96 10.46 13.36 16.53 19.71 22.40 25.56 28.75 31.93 .274 .412 .526 .651 .776 .882 1.006 1.132 1.257 l4 max 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 .445 .445 .445 .445 .445 .445 .445 .445 .445 l5 max 13.66 13.66 13.66 13.66 13.66 13.66 13.66 13.66 13.66 .538 .538 .538 .538 .538 .538 .538 .538 .538 d5 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d6 min 1.40 1.40 2.40 5.60 5.60 8.80 11.90 15.10 15.10 .055 .055 .094 .220 .220 .346 .469 .594 .594 max 3.20 4.80 6.40 9.50 12.70 15.90 19.10 22.20 25.40 .126 .189 .252 .374 .500 .626 .752 .874 1.000 f max 21.03 22.63 25.81 28.98 30.56 37.31 37.31 42.06 44.45 .828 .891 1.016 1.141 1.203 1.469 1.469 1.656 1.750 l6 max 22.22 22.22 22.22 28.57 28.57 28.57 28.57 31.75 31.75 .875 .875 .875 1.125 1.125 1.125 1.125 1.250 1.250 l7 max 24.22 25.02 26.52 32.92 36.42 36.42 36.42 36.42 36.42 .954 .985 1.044 1.296 1.434 1.434 1.434 1.434 1.434 d7 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d8 min 3.20 4.00 4.80 5.50 6.40 7.90 9.50 10.30 14.30 .126 .157 .189 .217 .252 .311 .374 .406 .563 max 6.40 9.50 11.10 14.30 15.90 19.10 22.20 23.80 25.40 .252 .374 .437 .563 .626 .752 .874 .937 1.000 l8 max 35.32 35.32 37.30 41.67 46.04 46.45 48.43 51.98 54.78 1.391 1.391 1.469 1.641 1.813 1.829 1.907 2.046 2.157 l9 max 25.40 26.19 27.79 30.96 32.54 34.14 34.93 36.53 43.66 1.000 1.031 1.094 1.219 1.281 1.344 1.375 1.438 1.719 l10 max 37.68 37.68 39.66 45.83 48.40 48.81 50.79 54.34 57.14 1.483 1.483 1.561 1.804 1.906 1.922 2.000 2.139 2.250 d9 max 20.20 23.20 26.20 29.20 32.20 35.20 39.20 42.20 45.20 .795 .913 1.031 1.150 1.268 1.386 1.543 1.661 1.780 d10 min 6.90 9.60 12.70 14.80 17.90 19.90 23.10 26.20 28.80 .272 .378 .500 .583 .705 .783 .909 1.031 1.134 max 7.00 9.70 12.80 14.90 18.00 20.00 23.20 26.30 28.90 .276 .382 .504 .587 .709 .787 .913 1.035 1.138 d11 max 16.00 18.90 22.10 25.30 28.50 31.50 34.70 37.90 41.00 .630 .744 .870 .996 1.122 1.240 1.366 1.492 1.614 l11 type 1 --------- ----- ---- type 2 26.70 26.70 26.70 28.70 28.70 29.70 33.50 33.50 33.50 1.051 1.051 1.051 1.130 1.130 1.169 1.319 1.319 1.319 l12 max 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 .134 .134 .134 .134 .134 .134 .134 .134 .134 l13 max 29.22 29.22 29.22 31.22 31.22 32.22 36.02 36.02 36.02 1.150 1.150 1.150 1.229 1.229 1.269 1.418 1.418 1.418 shell size 09 11 13 15 17 19 21 23 25 receptacle backshell assembly overall length max. panel thickness 3.18/ .125 for flange for flange backshells detail a : sealing boot used for triaxial 8 contacts only backnut type 01 straight cable clamp type 02 elbow cable clamp type 03 backshell for screen termination and heatshrink boot type 07 13.58/ .527 max l2 l1 l3 l4 l5 l6 d5 l6 l7 l8 d7 l9 d8 l10 l11 d9 l12 l13 d10 d11 d6 f d3 d4 l5-l7-l10-l13 d1 b1 b2 b d2
82 8lt series receptacle backshell assembly overall length for flange for flange backshells detail a : sealing boot used for triaxial 8 contacts only backnut type 01 straight cable clamp type 02 elbow cable clamp type 03 backshell for screen termination and heatshrink boot type 07 cable connecting receptacle type 1 b1 max 18.92 22.22 25.62 27.82 31.35 34.62 38.02 42.02 46.50 .745 .875 1.009 1.095 1.234 1.363 1.497 1.654 1.831 e1 22.35 25.65 29.05 31.25 34.65 38.05 41.45 45.45 49.95 .880 1.010 1.144 1.230 1.364 1.498 1.632 1.789 1.967 d1 14.53 17.78 21.59 24.77 27.94 30.66 33.83 37.00 40.18 .572 .700 .850 .975 1.100 1.207 1.332 1.457 1.582 l1 max 16.05 16.05 16.05 16.05 16.05 16.05 15.29 15.29 15.29 .632 .632 .632 .632 .632 .632 .602 .602 .602 l2 max 13.45 13.45 13.45 13.45 13.45 13.45 13.45 13.45 13.45 .530 .530 .530 .530 .530 .530 .530 .530 .530 l3 max 2.48 2.48 2.48 2.48 2.48 2.48 3.24 3.24 3.24 .098 .098 .098 .098 .098 .098 .128 .128 .128 d2 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d3 max 6.96 10.46 13.36 16.53 19.71 22.40 25.56 28.75 31.93 .274 .412 .526 .651 .776 .882 1.006 1.132 1.257 l4 max 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 11.30 .445 .445 .445 .445 .445 .445 .445 .445 .445 l5 max 37.36 37.36 37.36 37.36 37.36 37.36 37.36 37.36 37.36 1.471 1.471 1.471 1.471 1.471 1.471 1.471 1.471 1.471 d4 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d5 min 1.40 1.40 2.40 5.60 5.60 8.80 11.90 15.10 15.10 .055 .055 .094 .220 .220 .346 .469 .594 .594 max 3.20 4.80 6.40 9.50 12.70 15.90 19.10 22.20 25.40 .126 .189 .252 .374 .500 .626 .752 .874 1.000 f max 21.03 22.63 25.81 28.98 30.56 37.31 37.31 42.06 44.45 .828 .891 1.016 1.141 1.203 1.469 1.469 1.656 1.750 l6 max 22.22 22.22 22.22 28.57 28.57 28.57 28.57 31.75 31.75 .875 .875 .875 1.125 1.125 1.125 1.125 1.250 1.250 l7 max 47.98 48.72 50.22 56.62 60.12 60.12 60.12 60.12 60.12 1.889 1.918 1.977 2.229 2.367 2.367 2.367 2.367 2.367 d6 max 15.67 18.64 21.79 24.99 28.24 30.94 34.16 37.29 40.46 .617 .734 .858 .984 1.112 1.218 1.345 1.468 1.593 d7 min 3.20 4.00 4.80 5.50 6.40 7.90 9.50 10.30 14.30 .126 .157 .189 .217 .252 .311 .374 .406 .563 max 6.40 9.50 11.10 14.30 15.90 19.10 22.20 23.80 25.40 .252 .374 .437 .563 .626 .752 .874 .937 1.000 l8 max 35.32 35.32 37.30 41.67 46.04 46.45 48.43 51.98 54.78 1.391 1.391 1.469 1.641 1.813 1.829 1.907 2.046 2.157 l9 max 25.40 26.19 27.79 30.96 32.54 34.14 34.93 36.53 43.66 1.000 1.031 1.094 1.219 1.281 1.344 1.375 1.438 1.719 l10 max 61.38 61.38 63.36 69.53 72.10 72.51 74.49 78.04 80.84 2.417 2.417 2.494 2.737 2.839 2.855 2.933 3.072 3.183 d8 max 20.20 23.20 26.20 29.20 32.20 35.20 39.20 42.20 45.20 .795 .913 1.031 1.150 1.268 1.386 1.543 1.661 1.780 d9 min 6.90 9.60 12.70 14.80 17.90 19.90 23.10 26.20 28.80 .272 .378 .500 .583 .705 .783 .909 1.031 1.134 max 7.00 9.70 12.80 14.90 18.00 20.00 23.20 26.30 28.90 .276 .382 .504 .587 .709 .787 .913 1.035 1.138 d10 max 16.00 18.90 22.10 25.30 28.50 31.50 34.70 37.90 41.00 .630 .744 .870 .996 1.122 1.240 1.366 1.492 1.614 l11 type 1 27.80 27.80 27.80 29.80 29.80 30.80 34.60 34.60 34.60 1.094 1.094 1.094 1.173 1.173 1.213 1.362 1.362 1.362 type 2 --------- --------- l12 max 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 3.40 .134 .134 .134 .134 .134 .134 .134 .134 .134 l13 max 52.92 52.92 52.92 54.92 54.92 55.92 59.72 59.72 59.72 2.083 2.083 2.083 2.162 2.162 2.202 2.351 2.351 2.351 shell size 09 11 13 15 17 19 21 23 25 13.39/ .527 max l1 l3 l4 l5 l6 l7 l8 l10 l11 l12 l13 d8 d9 d10 d7 d6 l9 d2 d4 f d5 d3 l5-l7-l10-l13 d1 l2 b1 e1 a
83 8lt series receptacle with straight spill contacts max 10.06 10.06 10.06 10.06 10.06 10.06 10.06 10.06 10.06 cm .396 .396 .396 .396 .396 .396 .396 .396 .396 min 9.07 9.07 9.07 9.07 9.07 9.07 9.07 9.07 9.07 # 22d .357 .357 .357 .357 .357 .357 .357 .357 .357 8lt max 10.06 10.06 10.06 10.06 10.06 10.06 10.06 10.06 10.06 cf .396 .396 .396 .396 .396 .396 .396 .396 .396 min 8.74 8.74 8.74 8.74 8.74 8.74 8.74 8.74 8.74 .344 .344 .344 .344 .344 .344 .344 .344 .344 l2 max 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 cm .403 .403 .403 .403 .403 .403 .403 .403 .403 min 9.24 9.24 9.24 9.24 9.24 9.24 9.24 9.24 9.24 # 22d .364 .364 .364 .364 .364 .364 .364 .364 .364 he308 max 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 cf .403 .403 .403 .403 .403 .403 .403 .403 .403 min 8.91 8.91 8.91 8.91 8.91 8.91 8.91 8.91 8.91 .351 .351 .351 .351 .351 .351 .351 .351 .351 max 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 10.23 #20 - #16 cm and cf .403 .403 .403 .403 .403 .403 .403 .403 .403 8lt he308 min 9.24 9.24 9.24 9.24 9.24 9.24 9.24 9.24 9.24 .364 .364 .364 .364 .364 .364 .364 .364 .364 8lt 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.70 #22d .028 .028 .028 .028 .028 .028 .028 .028 .028 he308 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 a .020 .020 .020 .020 .020 .020 .020 .020 .020 #20 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.70 .028 .028 .028 .028 .028 .028 .028 .028 .028 #16 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 .045 .045 .045 .045 .045 .045 .045 .045 .045 8lt 4.00 4.00 4.00 4.00 4.00 4.00 4.00 4.00 4.00 pc #22d .157 .157 .157 .157 .157 .157 .157 .157 .157 he308 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 .197 .197 .197 .197 .197 .197 .197 .197 .197 l3 pc#20 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 .197 .197 .197 .197 .197 .197 .197 .197 .197 pc#16 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 .197 .197 .197 .197 .197 .197 .197 .197 .197 pl#22d 8lt 8.50 8.50 8.50 8.50 8.50 8.50 8.50 8.50 8.50 .335 .335 .335 .335 .335 .335 .335 .335 .335 max 15.08 15.08 15.08 15.08 15.08 15.08 15.08 15.08 15.08 cm .594 .594 .594 .594 .594 .594 .594 .594 .594 min 13.91 13.91 13.91 13.91 13.91 13.91 13.91 13.91 13.91 #22d .548 .548 .548 .548 .548 .548 .548 .548 .548 8lt max 15.08 15.08 15.08 15.08 15.08 15.08 15.08 15.08 15.08 l4 cf .594 .594 .594 .594 .594 .594 .594 .594 .594 min 13.58 13.58 13.58 13.58 13.58 13.58 13.58 13.58 13.58 .535 .535 .535 .535 .535 .535 .535 .535 .535 max 15.25 15.25 15.25 15.25 15.25 15.25 15.25 15.25 15.25 #20 - #16 cm and cf .600 .600 .600 .600 .600 .600 .600 .600 .600 8lt min 14.08 14.08 14.08 14.08 14.08 14.08 14.08 14.08 14.08 .554 .554 .554 .554 .554 .554 .554 .554 .554 max 12.47 12.47 12.47 12.47 12.47 12.47 13.22 13.22 13.22 cm .491 .491 .491 .491 .491 .491 .520 .520 .520 min 11.60 11.60 11.60 11.60 11.60 11.60 12.35 12.35 12.35 #22d .457 .457 .457 .457 .457 .457 .486 .486 .486 8lt max 12.47 12.47 12.47 12.47 12.47 12.47 13.22 13.22 13.22 cf .491 .491 .491 .491 .491 .491 .520 .520 .520 l5 min 11.27 11.27 11.27 11.27 11.27 11.27 12.02 12.02 12.02 .444 .444 .444 .444 .444 .444 .473 .473 .473 max 12.64 12.64 12.64 12.64 12.64 12.64 13.39 13.39 13.39 #20 - #16 cm and cf .498 .498 .498 .498 .498 .498 .527 .527 .527 8lt min 11.77 11.77 11.77 11.77 11.77 11.77 12.52 12.52 12.52 .463 .463 .463 .463 .463 .463 .493 .493 .493 shell size 25 23 21 19 17 15 13 11 09 cm : male contact cf : female contact pl : long spill pc : short spill receptacle type 0 receptacle type 3 l2 l4 l3 l5 l3 a a l3 a receptacle type 7
84 8lt series 22d w 3 wraps 10.06 16.00 0.396 0.63 20 t2 wraps 10.06 16.00 0.396 0.63 receptacle with wire wrap contacts receptacle type 7 receptacle type 2 panel cut-out square flange receptacle jam nut receptacle d1 min type 0 15.70 18.70 21.80 25.00 28.30 31.00 34.20 37.30 40.50 .618 .736 .858 .984 1.114 1.220 1.346 1.469 1.594 type 3 16.66 20.22 23.42 26.59 30.96 32.94 36.12 39.29 42.47 .656 .796 .922 1.047 1.219 1.297 1.422 1.547 1.672 d2 17.70 20.88 25.58 28.80 31.98 35.15 38.28 41.50 44.68 .697 .822 1.007 1.134 1.259 1.384 1.507 1.634 1.759 j 3.25 3.25 3.25 3.25 3.25 3.25 3.25 3.91 3.91 .128 .128 .128 .128 .128 .128 .128 .154 .154 e 18.26 20.62 23.01 24.61 26.97 29.36 31.75 34.92 38.10 .719 .812 .906 .969 1.062 1.156 1.250 1.375 1.500 p 16.99 19.53 24.26 27.53 30.68 33.86 37.06 40.01 43.41 .669 .769 .955 1.084 1.208 1.333 1.459 1.575 1.709 shell size 25 23 21 19 17 15 13 11 09 contact contact a b size type max max l1 max 20.83 20.83 20.83 20.83 20.83 20.83 20.08 20.08 20.08 .820 .820 .820 .820 .820 .820 .791 .791 .791 l2 max 5.55 5.55 5.55 5.55 5.55 5.55 6.30 6.30 6.30 .219 .219 .219 .219 .219 .219 .248 .248 .248 l3 max 2.48 2.48 2.48 2.48 2.48 2.48 3.24 3.24 3.24 .098 .098 .098 .098 .098 .098 .128 .128 .128 d1 14.53 17.78 21.59 24.77 27.94 30.66 33.83 37.00 40.18 .572 .700 .850 .975 1.100 1.207 1.332 1.457 1.582 d2 max 9.95 12.90 16.10 19.05 22.20 25.20 28.35 31.50 34.70 .392 .508 .634 .750 .874 .992 1.116 1.240 1.366 b1 max 24.25 26.60 29.00 31.35 33.75 36.90 40.10 43.25 46.50 .955 1.047 1.142 1.234 1.329 1.453 1.579 1.703 1.831 e1 18.26 20.62 23.01 24.61 26.97 29.36 31.75 34.93 38.10 .719 .812 .906 .969 1.062 1.156 1.250 1.375 1.500 shell 09 11 13 15 17 19 21 23 25 size 4 holes j 0.86 0.034 a b l1 l3 l2 b1 e1 d1 d2 e p d1 d2 e 4j
85 8lt series 09 21.20 28.00 20.50 29.50 3.20 17.80 76.00 76.00 105.00 105.00 200.00 160.00 160.00 .835 1.102 .807 1.161 .126 .701 2.992 2.992 4.134 4.134 7.874 6.299 6.299 11 24.40 28.00 23.70 29.50 3.20 21.30 76.00 76.00 105.00 105.00 200.00 160.00 160.00 .961 1.102 .933 1.161 .126 .839 2.992 2.992 4.134 4.134 7.874 6.299 6.299 13 28.40 28.00 26.90 29.50 3.20 25.70 89.00 89.00 105.00 105.00 200.00 160.00 160.00 1.118 1.102 1.059 1.161 .126 1.012 3.504 3.504 4.134 4.134 7.874 6.299 6.299 15 31.60 28.00 30.10 29.50 3.20 29.00 89.00 89.00 105.00 105.00 200.00 160.00 160.00 1.244 1.102 1.185 1.161 .126 1.142 3.504 3.504 4.134 4.134 7.874 6.299 6.299 17 35.50 28.00 33.20 29.50 3.20 32.00 89.00 89.00 105.00 105.00 200.00 160.00 160.00 1.398 1.102 1.307 1.161 .126 1.260 3.504 3.504 4.134 4.134 7.874 6.299 6.299 19 37.90 28.00 36.40 29.50 3.20 35.30 89.00 89.00 105.00 105.00 200.00 160.00 160.00 1.492 1.102 1.433 1.161 .126 1.390 3.504 3.504 4.134 4.134 7.874 6.299 6.299 21 41.10 28.00 39.60 29.50 3.20 38.10 102.00 102.00 105.00 105.00 200.00 160.00 160.00 1.618 1.102 1.559 1.161 .126 1.500 4.016 4.016 4.134 4.134 7.874 6.299 6.299 23 44.30 28.00 42.80 29.50 3.20 41.70 102.00 102.00 105.00 105.00 200.00 160.00 160.00 1.744 1.102 1.685 1.161 .126 1.642 4.016 4.016 4.134 4.134 7.874 6.299 6.299 25 47.40 28.00 45.90 29.50 3.20 44.70 102.00 102.00 105.00 105.00 200.00 160.00 160.00 1.866 1.102 1.807 1.161 .126 1.760 4.016 4.016 4.134 4.134 7.874 6.299 6.299 shell a b c d d1 min d2 min l1 l2 l3 l4 l5 l6 l7 size max max max max accessories protective caps for receptacles protective caps for plugs type 01 type 01 type 02 type 03 type 04 type 05 type 06 type 07 d1 d2 d2 l2 l3 l4 d1 b b b b a a l5 d a a l6 d1 d c c a l7 d c l1 d1 d c l1
86 8lt series protective caps dummy receptacles 09 8lto-09gur 16.05 2.48 14.53 24.25 18.26 3.25 .632 .098 .572 .955 .719 .128 11 8lto-11gur 16.05 2.48 17.78 26.60 20.62 3.25 .632 .098 .700 1.047 .812 .128 13 8lto-13gur 16.05 2.48 21.59 29.00 23.01 3.25 .632 .098 .850 1.142 .906 .128 15 8lto-15gur 16.05 2.48 24.77 31.35 24.61 3.25 .632 .098 .975 1.234 .969 .128 17 8lto-17gur 16.05 2.48 27.94 33.75 26.97 3.25 .632 .098 1.100 1.329 1.062 .128 19 8lto-19gur 16.05 2.48 30.66 39.90 29.36 3.25 .632 .098 1.207 1.453 1.156 .128 21 8lto-21gur 15.29 3.24 33.83 40.10 31.75 3.25 .602 .128 1.332 1.579 1.250 .128 23 8lto-23gur 15.29 3.24 37.00 43.25 34.93 3.73 .602 .128 1.457 1.703 1.375 .147 25 8lto-25gur 15.29 3.24 40.18 46.50 38.10 3.73 .602 .128 1.582 1.831 1.500 .147 shell part numbers l1 l3 d1 b1 e1 j size max max max max plastic protective caps 09 8500-5594 8500-5595 11 8500-5595 8500-5588 13 8500-5598 70205 15 8500-5599 70206 17 8500-5600 70207 19 8500-5601 8500-5589 21 8500-5602 8500-5590 23 8500-5592 8500-5591 25 8500-5593 70602 shell size part numbers caps for receptacles caps for plugs gaskets 09 8599-5541 ms9068-019 11 8599-5542 ms9068-022 13 8599-5543 ms9068-024 15 8599-5544 ms9068-026 17 8599-5545 ms9068-028 19 8599-5546 ms9068-128 21 8599-5547 ms9068-130 23 8599-5548 ms9068-132 25 8599-5549 ms9068-134 part numbers shell size gasket for receptacles type 0 o ring for receptacle type7 (ordered separately) shell size 09-11-13-15-17-19-21-23-25 plating b - olive green cadmium (mil-c 38999) f - nickel fixing type cap for receptacle cap for plug 01 - plastic sleeved metal cord with eyelet 01 - plastic sleeved metal cord with eyelet 02 - plastic sleeved metal cord with ring 03 - nylon cord without fastener 04 - nylon cord with eyelet 05 - nylon cord with eyelet 06 - nylon cord with ring 07 - nylon cord with strap cap type e - cap for receptacle f - cap for plug basic series 8lt e 01 g 13 4 holes j d1 l1 l3 l3 b1 e1 b1 e1
87 8lt series rack and panel connectors 36 1.417 mated connector shell size 23 layout 01 1 12 sn2550 100 3.937 30 1.181 through-bulkhead receptacle - pin/socket 09 25.40 2.50 14.56 18.26 24.34 3.50 1.000 .098 .573 .719 .958 .138 11 25.40 2.50 17.81 20.62 26.70 3.50 1.000 .098 .701 .812 1.051 .138 13 25.40 2.50 21.62 23.01 29.09 3.50 1.000 .098 .851 .906 1.145 .138 15 25.40 2.50 24.80 24.61 31.47 3.50 1.000 .098 .976 .969 1.239 .138 17 25.40 2.50 27.97 26.97 33.83 3.50 1.000 .098 1.101 1.062 1.332 .138 19 25.40 2.50 30.69 29.36 37.04 3.50 1.000 .098 1.208 1.156 1.458 .138 21 25.10 3.25 33.86 31.75 40.18 3.98 .988 .128 1.333 1.250 1.582 .157 23 25.10 3.25 37.04 34.93 43.39 3.98 .988 .128 1.458 1.375 1.708 .157 25 25.10 3.25 40.21 38.10 46.53 3.98 .988 .128 1.583 1.500 1.832 .157 shell size a max b max c max d e max f max plating 7 - olive green cadmium female contact/polarization male contact/polarization contact layout - please consult us shell size 09-11-13-15-17-19-21-23-25 class t - sealed through bulkhead receptacle basic series sn1568-08 t - pn sn 7 9.5/ .374 max 9.5/ .374 max 52.95/ 2.085 max e 4 holes f d c ab specification - - connector supplied with contact (without specification) l - connector supplied without contact contractual specification m - dat quality assurance plating 7 - olive green cadmium polarization n - normal contact type p - male contact s - female contact contact layout - please consult us shell size - please consult us class t- sealed shell type 26 - floating plug for rack, for crimp female contacts, with possibility to mount rear accessory 27 - receptacle for rack, for male contacts with possibility to mount rear accessory basic series he 308 basic series sn 2550 -26 t 23 -01 p n 7 m he 308


▲Up To Search▲   

 
Price & Availability of 8LT0-15B18PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X