Part Number Hot Search : 
5KE110CA 1N6641 B60K250 FA5364X GB172 1052237 HS18045 UPC2407A
Product Description
Full Text Search
 

To Download 832-0032768MHZ-EZM12510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .11283.568153 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2010 fox electronics | iso9001:2008 certified smd 2.0 x 1.2 tuning fork rev. 8/6/2010 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fx122 page 1 of 2 features ? ultra low profile ? 0.6mm height ? long term stability ? tape and reel (3,000 pcs. std) 832-0.032768-xxxxx max (unless otherwise noted) * dimensional drawing is for reference to critical specifications defined by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifications subject to change without notice. 32.768 khz 20 ppm -0.04 ppm / ( ? oc) 2 +20oc ~ +30oc -40oc ~ +85oc -55oc ~ +125oc 90 k ? 12.5 pf standard 9.0 pf optional 500m ? min 0.5w 3 ppm 260oc / 10 seconds 1 au (over ni) parameters frequency frequency tolerance @ 25oc frequency stability temperature coefficient temperature range turnover (t o ) operating (t opr ) storage (t stg ) equivalent series resistance (r s ) load capacitance (c l ) insulation resistance @ 100v dc drive level aging per year reflow soldering temperature moisture sensitivity level (msl) termination finish ? standard specifications max (unless otherwise noted) frequency stability operating temperature -40 ~ +85 oc 32.768 khz fx122 model number part number ? part number learn more - internet required - 0.04ppm/( ? oc) 2 frequency all dimensions are in millimeters. 0 . 6 m a x 2 . 1 m a x r e c o m m e n d e d s o ld e r p a d l a y o u t 0 . 6 0 . 8 0 . 6 1 . 1 1 . 3 m a x 1 . 0 0 . 5 t o p v i e w b o t t o m v i e w all dimensions are in millimeters.
51 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: + 44 .11283.568153 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2010 fox electronics | iso9001:2008 certified smd 2.0 x 1.2 tuning fork rev. 8/6/2010 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fx122 page 1 of 2 smd 2.0 x 1.2 tuning fork rev. 8/6/2010 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fx122 page 2 of 2 ? tape specifications (millimeters) model fx122 a ? 1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 0.8 std reel qty 3,000 ? reel specifications (millimeters) g 2.0 h ? 13 i ? 21 j ? 60 k ? 180 l 9.0 m 2.0 model fx122


▲Up To Search▲   

 
Price & Availability of 832-0032768MHZ-EZM12510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X