Part Number Hot Search : 
AT73C240 MBR1020 2C150 LC86108C 337M0 NCP1271A HSPPAA MRT400
Product Description
Full Text Search
 

To Download 49SMLB16000-18GGC-ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 49s smd series miniature quartz crystal 49smlb / 49sab / 49sub / 49snc ds-153 rev f | 06/20/06 pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. product description the crystals are miniature at or bt cut strip resonators housed in low profile packages for surface mounting. the parts utilize a proven, low- cost, metal package technology with a precision molded base and universal contact configuration . product features ? 49snc is interchangeable with common platic- molded crystal configurations. ? pb-free and rohs/green compliant available. typical applications ? set-top box/multimedia ? clock/vcxo multiplier ? network adapter cards ? modems ? microcontrollers and processors ? remote control devices frequency range: ? 3.2 to 29.999 mhz, at fundamental ? 30.0 to 54.000 mhz, at 3rd ot ? 26.8 to 54.000 mhz, bt fundamental characteristics at 25c 2c: ? frequency calibration tolerance (as specified) : 30ppm, 50ppm ? load capacitance (as specified) : 12 to 32pf or series resonance ? effective series resistance: ? 200 max (3.2 to 3.499mhz) ? 180 max (3.5 to 3.999mhz) ? 150 max (4 to 4.999mhz) ? 120 max (5 to 5.999mhz) ? 100 max (6 to 6.999mhz) ? 80 max (7 to 8.999mhz) ? 60 max (9 to 12.999mhz) ? 40 max (13 to 19.999mhz) ? 30 max (20 to 29.999mhz, at fund) ? 80 max (30 to 54mhz, at (3rd overtone) ? 30 max (26.8 to 54mhz, bt fund) ? drive level: 100w correlation, (500w max) ? shunt capacitance: 7pf max. temperature range: ? operating: C20 to +70c ; -40 to +85c (as specified) ? storage: C55 to +125c temperature stability (as specified): ? 30ppm ( C20 to +70c ) at cut ? 50 or 100ppm ( C40 to +85c) at cut ? 0 to -100ppm ( C20 to +70c) bt cut aging @ 25c, first year: ? 3ppm (typ), 5ppm (max) reflow temperature: ? 240c max (non-rohs package) ? 260c max, 10 sec max (rohs package) actual size
2 49s smd series miniature quartz crystal 49smlb / 49sab / 49sub / 49snc pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix ds-153 rev f | 06/20/06 all specifications are subject to change without notice. ordering information packaging information: hc-49 package marking information line 1: s = saronix xxx = calib/stability/temp code yywwx = date code line 2: frequency (up to 7 digits, including decimal point) z = - (dash) for at-cut parallel resonant = blank for at-cut series resonant = b for bt-cut xx = load capacitance (leave blank if series) sxxxyywwx 24.5760zxx ? ??? ? ??? ??? ?? ? ? ??? ?? ? ? ??? ?? ? ?? ? ? ??? ? ??? ?? ? ???? ? ? ??? ? ??? ?????? ? ??????? ? ?????? ? ??????? ? ? ??? ? ??? ??? ?? ? ? ??? ??? ? ??? ? ??? ??? ?? ? ? ??? ?? ? ??? ? ? ??? ??? ? ? ??? ???????? ????????? ???????? ????????? ????????????? ????????????? ? ????????????????? ?? ? ??? ???? ?? ? ???? ???? ???? ???? ?? ? ???? ???? ???? ?? ? ???? ???? ?? ? ? ??? ?? ? ?? ? ? ??? ?? ? ?? ? ? ??? ??? ????????????????????????????????????????? ? ?? ????? ? ?? ? ? ??? ? ? ? ? ??? ?? ? ??? ? ?? ? ???? ??? ???? ??? ? ??? ? ?? ? ??? ? ??? ??? ? ?? ? ??? ? ?? ? ??? ? ?? ? ??? ? ?? ? ??? ? ?? ? ???? ?? ? ???? ?? ? ???? ?? ? ???? ? ? ? ? ?????? ???? ? ???? ? type / package 49smlb = 2 contact, 4mm high 49sab = 4 contact, 5 mm high 49snc = 4 contact, 5mm high 49sub = 6 contact, 5mm high frequency frequency (in mhz) = 0x.xxxx, xx.xxxx (a zero is used in front of frequencies under 10 mhz) cut type C (dash) = at-cut parallel resonance blank = at-cut series resonance b = bt-cut options (t) = tape and reel (full increments only) 1000 pieces (q) = manufactured in a ts16949 or qs9000 registered facility blank = bulk calibration / stability / temp range ggc = 30ppm / 30ppm / -20 to +70c (atcut) ghe = 30ppm / 50ppm / -40 to +85c (atcut) hje = 50ppm / 100ppm / -40 to +85c (atcut) blank = 50ppm/0 to -100ppm/-20 to +70c (btcut) *others available load capacitance xx = parallel resonance (specify load) blank = series resonance part number examples: freq 5.1234mhz, 30ppm calib, 30ppm stability, -20 to +70c, 16pf = 49smlb05.1234-16ggc = 49smlb05.1234-16ggcCe (for pb-free/rohs compliant) 49smlb 03.6864 C 18 ggc -e (x) land pattern Ce (dash e) = lead (pb)-free rohs compliant version blank = non-rohs (not available for new designs) pad connection configurations
3 49s smd series miniature quartz crystal 49smlb / 49sab / 49sub / 49snc pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix ds-153 rev f | 06/20/06 all specifications are subject to change without notice. mechanical: ? shock: jesd22-b104 condition b ? solderability: mil-std-883, method 2003 (non-rohs package) ? solderability: j-std-002( rohs package ) ? terminal strength: mil-std-883 method 2004 ? vibration: jesd22-b103 ? solvent resistance: jesd22-b107 ? resistance to soldering heat: mil-std-202, method 210 , condition i or j (non-rohs package) ? resistance to soldering heat: j-std-020c table 5-2 pb-free devices (3 cycles max) ( rohs package) environmental: ? gross test leak: jesd22-a109, condition c ? fine test leak: jesd22-a109, condition a 1 ? moisture resistance: jesd22-a113 ? insulation resistance: 500 m min (100 vdc)


▲Up To Search▲   

 
Price & Availability of 49SMLB16000-18GGC-ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X