Part Number Hot Search : 
MIC5236 DM7408 F10A4 380FS115 1N3210R AS2916 CX224 BTS3110N
Product Description
Full Text Search
 

To Download 4608H-102-471LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a maximum pin #1 ref. 8.89 (.350) 1.24 (.049) max. both ends .508 .050 (.020 .002) typ. 2.54 .07 (.100 .003*) typ. non-accum. 2.49 (.098) max. .254 .050 (.010 .002) typ. maximum package length is equal to 2.54mm (.100") times the number of pins, less .005mm (.002"). governing dimensions are in metric. dimensions in parentheses are inches and are approximate. *terminal centerline to centerline measurements made at point of emergence of the lead from the body. max. 3.3 +0.5/-0.3 (.130 +.020/ -.012) features rohs compliant* high pro? le offers increased power handling wide assortment of pin packages enhances design ? exibility ammo-pak packaging available recommended for rosin ? ux and solvent clean or no clean ? ux processes marking on contrasting background for permanent identi? cation 4600h series - thick film conformal sips *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. product characteristics resistance range ....................10 ohms to 10 megohms maximum operating voltage .........100 v temperature coef cient of resistance 50 to 2.2 megohms ... ?00 ppm/? below 50 .................... ?50 ppm/? above 2.2 megohms ..... ?50 ppm/? tcr tracking ........................ 50 ppm/? maximum; equal values resistor tolerance ............... see circuits insulation resistance ................ 10,000 megohms minimum dielectric withstanding voltage ...........................................200 vrms operating temperature ............................... -55 ? to +125 ? environmental characteristics tests per mil-std-202 ........ r max. short time overload ................ ?.25 % load life ................................... ?.00 % moisture resistance ................. ?.50 % resistance to soldering heat .............................................. ?.50 % terminal strength ..................... ?.25 % thermal shock ......................... ?.25 % physical characteristics flammability ........conforms to ul94v-0 body material ...................... epoxy resin standard packaging ..................bulk, ammo-pak available package power temp. derating curve how to order 46 06 h - 101 - 222 __ lf model (46 = conformal sip) number of pins physical con guration (h = thick film high pro le) electrical con guration ?101 = bussed ?102 = isolated ?104 = dual terminator ?ap1 = bussed ammo** ?ap2 = isolated ammo** ?ap4 = dual ammo** resistance code ?first 2 digits are signi cant ?third digit represents the number of zeros to follow. resistance tolerance ?blank = ? % (see ?esistance tolerance on next page for resistance range) ?f = ? % (100 ohms - 5 megohms) terminations all electrical con gurations except 104 & ap4: lf = sn/ag/cu-plated (rohs compliant) ?only electrical con gurations 104 & ap4: l = sn/ag/cu-plated (rohs compliant) consult factory for other available options. **available for packages with 10 pins or less. product dimensions package power ratings (watts) ambient ambient temp. temp. pkg. 70 c pkg. 70 c 4604h 0.80 4610h 2.00 4605h 1.00 4611h 2.20 4606h 1.20 4612h 2.40 4607h 1.40 4613h 2.60 4608h 1.60 4614h 2.80 4609h 1.80 typical part marking represents total content. layout may vary. for standard values used in capacitors, inductors, and resistors, click here . part number part number 4606h-101-rc 6h-1-rc 4608h-102-rc 8h-2-rc 4610h-104-rc/rc 10h-4-rc/rc rc = ohmic value, 3-digit resistance code. pin a maximum count mm (inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) watts ambient temperature ( c ) 0 70 125 3.50 3.00 2.50 2.00 1.50 1.00 .50 25 4612h 4608h 4606h 4614h 4604h 4610h number of pins 6h-2-222 yyww circuit resistance code pin one indicator manufacturer's trademark date code *rohs compliant
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 4600h series - thick film conformal sips rev. 04/10 for information on speci c applications, download bourns?application notes: dram applications dual terminator resistor networks r/2r ladder networks scsi applications isolated resistors (102 circuit) model 4600h-102 4, 6, 8, 10, 12 or 14 pin bussed resistors (101 circuit) model 4600h-101-rc 4 through 14 pin dual terminator (104 circuit) model 4600h-104-r1/r2 4 through 14 pin these models incorporate 2 to 7 isolated thick- lm resistors of equal value, each connected between two pins. resistance tolerance 10 ohms to 49 ohms ..................? ohm 50 ohms to 5 megohms ...............? %* above 5 megohms ........................ ? % power rating per resistor at 70 ? .................................. 0.50 watt power temperature derating curve these models incorporate 3 to 13 thick- lm resistors of equal value, each connected between a common bus (pin 1) and a separate pin. resistance tolerance 10 ohms to 49 ohms ..................? ohm 50 ohms to 5 megohms ...............? %* above 5 megohms ........................ ? % power rating per resistor at 70 ? .................................. 0.30 watt power temperature derating curve the 4608h-104 (shown above) is an 8- pin con guration and terminates 6 lines. pins 1 and 8 are common for ground and power, respectively. twelve thick- lm resistors are paired in series be- tween the common lines (pins 1 and 8). resistance tolerance below 100 ohms .......................? ohms 100 ohms to 5 megohms .............? %* above 5 megohms ........................ ? % power rating per resistor at 70 ? .................................. 0.30 watt power temperature derating curve popular resistance values (101, 102 circuits)** ohms code ohms code ohms code ohms code ohms code 10 100 180 181 1,800 182 15,000 153 120,000 124 22 220 220 221 2,000 202 18,000 183 150,000 154 27 270 270 271 2,200 222 20,000 203 180,000 184 33 330 330 331 2,700 272 22,000 223 220,000 224 39 390 390 391 3,300 332 27,000 273 270,000 274 47 470 470 471 3,900 392 33,000 333 330,000 334 56 560 560 561 4,700 472 39,000 393 390,000 394 68 680 680 681 5,600 562 47,000 473 470,000 474 82 820 820 821 6,800 682 56,000 563 560,000 564 100 101 1,000 102 8,200 822 68,000 683 680,000 684 120 121 1,200 122 10,000 103 82,000 823 820,000 824 150 151 1,500 152 12,000 123 100,000 104 1,000,000 105 * ? % tolerance is available by adding suf x code ??after the resistance code. **non-standard values available, within resistance range. popular resistance values (104 circuit)** resistance ohms code r 1 r 2 r 1 r 2 160 240 161 241 180 390 181 391 220 270 221 271 220 330 221 331 330 390 331 391 330 470 331 471 3,000 6,200 302 622 1 4 6 12 14 ... 1 14 1 8 r2 r1 r2 r1 r2 r1 r2 r1 r2 r1 r2 r1 watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 .70 watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 .70 watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 .70


▲Up To Search▲   

 
Price & Availability of 4608H-102-471LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X