Part Number Hot Search : 
OPF480 CS485XX VNP28N04 MA3180 00051 HIROSE 1410517 ST150A13
Product Description
Full Text Search
 

To Download 1N5408GP-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5400gp thru 1n5408gp 3 amp glass passivated rectifier 50 - 1000 volts do-201ad features high current capability and low current leakage glass passivated junction dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- maximum ratings operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +150 c maximum thermal resistance; 30 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 1n5400gp 50v 35v 50v 1n5401gp 100v 70v 100v 1n5402gp 200v 140v 200v 1n5404gp 400v 280v 400v 1n5406gp 600v 420v 600v 1n5407gp 800v 560v 800v 1n5408gp 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 3.0a t a = 105 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v i fm = 3.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 50 m a t j = 25 c t j = 125 c typical junction capacitance c j 40pf measured at 1.0mhz, v r =4.0v a b c d d cathode mark         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: a 2011 /01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 1n5400gp 1n5401gp 1n5402gp 1n5406gp 1n5404gp 1n5407gp 1n5408gp www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
1n5400gp thru 1n5408gp average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 .5 1.0 1.5 single phase, half wave 60hz resistive or inductive load amps c 150 2 2.5 3.0 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 4
1n5400gp thru 1n5408gp 1 100 4 0 50 100 150 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t a =25 c 40 60 100 140 mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc www.mccsemi .com revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 1.2kpcs/reel p a r t n u m b e r- a p a m m o p a c k i n g : 1.2kpcs/ammo box p a r t n u m b e r - bp b u l k: 12kpcs/carton *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on :


▲Up To Search▲   

 
Price & Availability of 1N5408GP-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X