Part Number Hot Search : 
KBPC350 CXD2315Q TCD2950D D2012 JZ4730 BTS7970 S1500 S1500
Product Description
Full Text Search
 

To Download 18N50W-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  attenuators type n, 50 watts, up to 18 ghz specifications: models: xxn50w-xx, xxn50w-xxf & xxn50w-xxm xxn50w-xx: rev f (m) typical end view allow for free air flow around fins to insure units must be mounted in such a way as to performance mechanical: electrical: mates with mil-std-348 derated linearly to 10 watts @ +125 c (5usec pulse, .05% duty cycle) o standard db values* impedance operating temp range dc - 6 ghz 10&20db 3,&6db 6 - 12.4 ghz attenuation accuracy input power peak power vswr frequency range 3, 6, 10, 20, 30 & 40 db 50 ohms -65c to +125c 1.25:1 max. 0.75 db 1.00 db 1.35:1 max. 50wattsavg.@25c 500 watts max. 6 - 12.4 ghz 0.75 db dc - 18.0 ghz 0.75 db dc - 6 ghz 12.4 - 18 ghz 30 db 0.75 db 1.25 db 1.00 db 40 db 1.00 db 1.50 db 1.25 db 12.4 - 18 ghz 1.45:1 max. gold plated beryllium copper type n connectors conductors housing passivated stainless steel anodized aluminum standard freq. values 6 & 18 ghz 0.75 db 0.75 db note: units are unidirectional, therefore input connector must be specified & will be indicated on unit model number: xxn50w-xx male/female connectors length: 4.50 .05 [1 14.2 1.3] pictured female/female connectors length: 4.58 .05 [1 16.2 1.3] xxn50w-xxf model number: male/male connectors length: 4.41 .05 [1 12.0 1.3] xxn50w-xxm model number: 3.50.02 [88.900.51] 2.65.02 [67.310.51] 4.50.05 [114.431.27] 1.25 [31.75] 2x m4x0.7 tap x .50[12.7] dp . 2x 8-32unc-2b tap x .50[12.7] dp . .25 [6.4] input design specifications are subject to change without notice. note: dimensions in brackets are expressed in millimeters and are for reference only. contact factory for technical specifications before purchasing or use. = male/female f = fem/fem connector configuration 18=dc-18ghz xxn50w-xxy 6=dc-6ghz dc - 6 ghz; 2 db; type n - fem/fem model number: dc - 18 ghz; 20 db; type n - male/fem (male input) model number: 18n50w-20 6n50w-02f how to order: model number: freq. range ordering examples: m = male/male db value fm = female/male model number: 6n50w-02fm dc - 6 ghz; 2 db; type n - fem/male (female input) (female input) (male input) aeroflex / inmet, inc. 300 dino drive, ann arbor, mi 48103 ? u.s.a. 888-244-6638 or 734-426-5553 fax: 734-426-5557 www.aeroflex.com/inmet ? inmetsales@aeroflex.com ? ?


▲Up To Search▲   

 
Price & Availability of 18N50W-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X