Part Number Hot Search : 
HD74LS55 D120LC40 LM144 91J4K5E EL5724 ENA0963A SA101 BAT43WS
Product Description
Full Text Search
 

To Download 18G-02F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18g-att; rev a note: dimensions in brackets are expressed in millimeters and are for reference only. design, specifications are subject to change without notice. contact factory for technical specifications before purchasing and/or use. length ?.25 [6.4] gpo /smp female gpo /smp male force is engage: 15.0 lbs. max. force is engage: 5.0 lbs. max. female/female male/male male/female configuration connector base model number 18g-yym, 18gl-yym 18g-yy,18gl-yy inches inches .63 .05 0-12db .59 .05 .61 .05 inches millimeters [15.49 1.27] length millimeters millimeters 13,20&30db gpo is a trademark of corning gilbert inc. connector style l = limited detent male interface = full detent male interface ordering examples: dc - 18 ghz; gpo male/female model number: model number: how to order: 18yz-xxy/ff connector configuration = male/female f = female/female db value 18g-20 18p-yy, 18pl-yy 18p-yym, 18pl-yym 18g-yyf 18p-yyf g = gpo connectors p = smp connectors connector type m = male/male male has full detent interface model number: 18pl-03 dc - 26.5 ghz; smp male/female male has limited detent interface [14.99 1.27] [16.00 1.27] .76 .05 [19.30 1.27] .72 .05 .74 .05 [18.80 1.27] [18.29 1.27] ** for a gold plated barrel add /au to the model number /au = gold plated barrel = passivated barrel finish specifications: models: specifications: models: g, gl, p, pl attenuators gpo? / dc - 18 ghz, 2 watts mechanical: electrical: gpo connectors mate with smp connectors iaw mil-std-348 derated linearly to 0.5 watts @ +125 c o standard db values operating temp range impedance atten. accuracy: 0-6db 7-12db vswr input power 13 - 3 0 d b frequency range 0-13, 20&30db -55c to +85c 50 ohms dc - 18 ghz 2 watts avg. @ 25c 0.8 db 0.6 db 0.4 db 1.25:1 max. 1.35:1 max. dc - 8 ghz 8 - 18 ghz gold plated beryllium copper gold plated beryllium copper barrel** conductors gpo /smp connectors passivated stainless steel in 1 db increments aeroflex / inmet, inc. 300 dino drive, ann arbor, mi 48103 ? u.s.a. 888-244-6638 or 734-426-5553 fax: 734-426-5557 www.aeroflex.com/inmet ? inmetsales@aeroflex.com ?


▲Up To Search▲   

 
Price & Availability of 18G-02F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X