Part Number Hot Search : 
CPT30230 5R190 MX7537CQ SMBG22A FP6656 NE851M03 NE851M03 0603A
Product Description
Full Text Search
 

To Download 1008CS-102XFLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2011 specifications subject to change without notice. please check our website for latest information. chip inductors C 1008cs series (2520) document 101-1 document 101-1 revised 01/10/11 i i j h a b overall f g e terminal f c d terminal wraparound: approx 0.010/0,25 both ends recommended land pattern pick and place material 10 100 frequency (mhz) q factor 1000 10000 100 100 120 90 70 80 60 50 40 30 20 10 0 47 nh 12 nh 330 nh 750 nh 1800 nh 100 nh 1,000 900 800 700 600 500 400 300 200 100 0 frequency (mhz) inductance (nh) 1000 10000 100 10 1 100 nh 47 nh 12 nh 750 nh 330 nh typical q vs frequency typical l vs frequency ab c d max max max ref e f g h i j 0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches 2,92 2,79 2,03 0,51 2,03 0,51 1,52 2,54 1,02 1,27 mm -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 percent of rated rms i 25c irms derating ? high srf and excellent q values ? tight tolerances, many values at 1% ? 39 inductance values from 10 nh to 8.2 h designer?s kit c300 contains 10 each of all values core material ceramic terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 29.6 ? 37.4 mg ambient temperature ?40c to +125c with i rms current, +125c to +140c with derated current storage temperature component: ?40c to +140c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles temperature coefficient of inductance (tcl) +25 to +125 ppm/c moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel; 7500 per 13 reel. plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth pcb washing only pure water or alcohol recommended
? coilcraft, inc. 2011 1008cs series (2520) specifications subject to change without notice. please check our website for latest information. document 101-2 document 101-2 revised 01/10/11 inductance 2 percent srf min 5 dcr max 6 i rms 7 color part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) code 8 1008cs-100x_l_ 10 @ 50 mhz 5,2 50 @ 500 mhz 4100 0.08 1000 black 1008cs-120x_l_ 12 @ 50 mhz 5,2 50 @ 500 mhz 3300 0.09 1000 red 1008cs-150x_l_ 15 @ 50 mhz 5,2 50 @ 500 mhz 2500 0.10 1000 orange 1008cs-180x_l_ 18 @ 50 mhz 5,2 50 @ 350 mhz 2500 0.11 1000 yellow 1008cs-220x_l_ 22 @ 50 mhz 5,2 ,1 55 @ 350 mhz 2400 0.12 1000 blue 1008cs-270x_l_ 27 @ 50 mhz 5,2 55 @ 350 mhz 1600 0.13 1000 black 1008cs-330x_l_ 33 @ 50 mhz 5,2 60 @ 350 mhz 1600 0.14 1000 orange 1008cs-390x_l_ 39 @ 50 mhz 5,2 60 @ 350 mhz 1500 0.15 1000 violet 1008cs-470x_l_ 47 @ 50 mhz 5,2 ,1 65 @ 350 mhz 1500 0.16 1000 red 1008cs-560x_l_ 56 @ 50 mhz 5,2 ,1 65 @ 350 mhz 1300 0.18 1000 yellow 1008cs-680x_l_ 68 @ 50 mhz 5,2 ,1 65 @ 350 mhz 1300 0.20 1000 gray 1008cs-820x_l_ 82 @ 50 mhz 5,2 ,1 60 @ 350 mhz 1000 0.22 1000 red 1008cs-101x_l_ 100 @ 25 mhz 5,2 ,1 60 @ 350 mhz 1000 0.56 650 violet 1008cs-121x_l_ 120 @ 25 mhz 5,2 ,1 60 @ 350 mhz 950 0.63 650 white 1008cs-151x_l_ 150 @ 25 mhz 5,2 ,1 45 @ 100 mhz 850 0.70 580 red 1008cs-181x_l_ 180 @ 25 mhz 5,2 ,1 45 @ 100 mhz 750 0.77 620 orange 1008cs-221x_l_ 220 @ 25 mhz 5,2 ,1 45 @ 100 mhz 700 0.84 500 green 1008cs-271x_l_ 270 @ 25 mhz 5,2,1 45 @ 100 mhz 600 0.91 500 white 1008cs-331x_l_ 330 @ 25 mhz 5,2 ,1 45 @ 100 mhz 570 1.05 450 orange 1008cs-391x_l_ 390 @ 25 mhz 5,2 ,1 45 @ 100 mhz 500 1.12 470 blue 1008cs-471x_l_ 470 @ 25 mhz 5,2 ,1 45 @ 100 mhz 450 1.19 470 black 1008cs-561x_l_ 560 @ 25 mhz 5,2 ,1 45 @ 100 mhz 415 1.33 400 green 1008cs-621x_l_ 620 @ 25 mhz 5,2 ,1 45 @ 100 mhz 375 1.40 300 blue 1008cs-681x_l_ 680 @ 25 mhz 5,2 ,1 45 @ 100 mhz 375 1.47 400 gray 1008cs-751x_l_ 750 @ 25 mhz 5,2 ,1 45 @ 100 mhz 360 1.54 360 black 1008cs-821x_l_ 820 @ 25 mhz 5,2 ,1 45 @ 100 mhz 350 1.61 400 brown 1008cs-911x_l_ 910 @ 25 mhz 5,2,1 35 @ 50 mhz 320 1.68 380 red 1008cs-102x_l_ 1000 @ 25 mhz 5,2,1 35 @ 50 mhz 290 1.75 370 yellow 1008cs-122x_l_ 1200 @ 7.9 mhz 5,2 35 @ 50 mhz 250 2.0 310 blue 1008cs-152x_l_ 1500 @ 7.9 mhz 5,2 28 @ 50 mhz 200 2.3 330 gray 1008cs-182x_l_ 1800 @ 7.9 mhz 5,2 28 @ 50 mhz 160 2.6 300 brown 1008cs-222x_l_ 2200 @ 7.9 mhz 5,2 28 @ 50 mhz 160 2.8 280 orange 1008cs-272x_l_ 2700 @ 7.9 mhz 5,2 22 @ 25 mhz 140 3.2 290 green 1008cs-332x_l_ 3300 @ 7.9 mhz 5,2 22 @ 25 mhz 110 3.4 290 violet 1008cs-392x_l_ 3900 @ 7.9 mhz 5,2 20 @ 25 mhz 100 3.6 260 gray 1008cs-472x_l_ 4700 @ 7.9 mhz 5,2 20 @ 25 mhz 90 4.0 260 whie 1008cs-562xjl_ 5600 @ 7.9 mhz 5 16 @ 7.9 mhz 20 4.0 240 black 1008cs-682xjl_ 6800 @ 7.9 mhz 5 18 @ 7.9 mhz 40 4.9 200 brown 1008cs-822xjl_ 8200 @ 2.5 mhz 5 18 @ 7.9 mhz 25 6.0 170 red 1. when ordering, specify tolerance , termination and packaging codes: 1008cs-472x jlc tolerance: f =1% g = 2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 per full reel). b = less than full reel. in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 per full reel). 2. inductance measured using a coilcraft smd-a fixture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 5. srf measured using an aglilent/hp 8753d network analyzer and a coilcraft smd-d test fixture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf840 test fixture. 7. current that causes a 15c temperature rise from 25c ambient. 8. current production parts are marked with one dot. prior production parts were marked with three dots. part marking does not indicate polarity. 9. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering.


▲Up To Search▲   

 
Price & Availability of 1008CS-102XFLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X