Part Number Hot Search : 
C1510 09231 200AB PUMD6 32M10 T24C0 CH490DPT RFP4668
Product Description
Full Text Search
 

To Download 08KR-D6S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  330 this 2.0mm (.079") pitch insulation displacement connector is another version of the nrd connector for printed circuit boards. the krd connector allows daisy chaining and is very useful in simplifying connection systems in electronic equipment. features ?daisy chain connection the connection shown in the figure is commonly called "daisy chain connections" or "through connections". with these simple connections, many signals can be bussed to many different printed circuit boards. the krd connector is constructed to allow such daisy chain connections. ?twin slot insulation displacement section the insulation displacement section connected to the wire consists of twin tin-plated slots for superb reliability. ?distortion resistant construction the header is shrouded and thus protects the receptacle from damage that could be caused by mating the connectors at an angle or otherwise mismating the connectors. ?interchangeability the shrouded header is interchangeable with of the ph crimp style connectors and or kr and cr insulation displacement connectors. ?low profile design - a mere 9.0mm (.354") high from the pc board surface specifications ?current rating: 1.0a ac,dc (awg#26) ?voltage rating: 100v ac,dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/10m ? max. after environmental testing/20m ? max. ?insulation resistance: 1,000m ? min. ?withstanding voltage: 800v ac/minute ?applicable wire: ul1571, ul1061 (contact jst for details regarding other ul wires.) awg #28, #26 conductor/7 strands, tin-coated insulation o.d./0.9 to 1.0mm(.035" to .039") ?applicable pc board thickness: 0.8 to 1.6mm(.031" to .063") * contact jst if lead-free product is required. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 krd connector disconnectable insulation displacement connectors 2.0mm (.079") pitch idc emboss tape
331 receptacle jst 7.25(.285) a b 4.9(.193) 2.0 (.079) 2.0 (.079) 3.5 (.138) cir- cuits model no. awg #28 (green) awg #26 (natural/white) dimensions mm(in.) ab q'ty / box material and finish 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 02kr-d8m 03kr-d8m 04kr-d8m 05kr-d8m 06kr-d8m 07kr-d8m 08kr-d8m 09kr-d8m 10kr-d8m 11kr-d8m 12kr-d8m 13kr-d8m 14kr-d8m 15kr-d8m 16kr-d8m 02kr-d6s 03kr-d6s 04kr-d6s 05kr-d6s 06kr-d6s 07kr-d6s 08KR-D6S 09kr-d6s 10kr-d6s 11kr-d6s 12kr-d6s 13kr-d6s 14kr-d6s 15kr-d6s 16kr-d6s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 34.0(1.339) 2,000 1,000 500 contact: phosphor bronze, copper-undercoated, tin/lead-plated housing: nylon 66, ul94v-0 through-hole type shrouded header the shrouded headers are interchangeable with the ph crimp style connectors and with kr and cr insulation displacement connecto rs. through-hole type pc board layout (viewed from soldering side) and assembly layout 4.9(.193) 9.0(.354) 0.7 +0.1 (.028 +.004 )dia. 0 0 2.0 0.05 (.079 .002) 3.4 (.134) 4.8(.189) 10.6(.417) 7.6(.299) 6.25(.246) 0.7 +0.1 (.028 +.004 )dia. 0 0 2.0 0.05 (.079 .002) 4.9 (.193) note: 1. tolerances are non-cumulative: 0.05mm( .002") for all centers. 2. hole dimensions differ according to the kind of pc boards and piercing method. if pc boards made of hard material are used, the hole dimensions should be larger. the dimensions above should serve as a guideline. contact jst for details. top entry type side entry type smt type shrouded header the shrouded headers are interchangeable with those of the ph crimp style connectors and with kr and cr insulation displacement connectors. 5.0(.197) [1.8(.071)] 10.6(.417) 7.6(.299) 5.0(.197) [3.1(.122)] 6.6(.260) 9.6(.378) 1.0(.039) njo 1.35(.053) 1.3(.051) nby 5.4(.213) njo 2.0 0.05 (.079 .002) 2.0 0.05 (.079 .002) 1.0(.039) njo 6.9(.272) njo 2.5(.098) nby 1.35(.053) 1.0(.039) min. 5.5(.217) max. 0.2(.008) 9.0(.354) min. end face of wafer on the mating side 1.0(.039) 1.0(.039) min. 2.0(.079) max. 7.5(.295) min. end face of w afer on the mating side 5.5(.217) [1.0(.039)] 10.6(.417) 7.6(.299) 5.0(.197) 6.6(.260) 9.6(.378) 1.6 0.1(.063 .004) 3.0 0.1 (.118 .004) 1.6 0.1(.063 .004) 2.0 0.05(.079 .002) 1.5 0.1(.059 .004) 1.6 0.1(.063 .004) 2.0 0.05(.079 .002) 3.4 0.1 (.134 .004) [2.0(.079)] smt type pc board layout (viewed from component side) and assembly layout top entry type top entry type side entry type side entry type krd connector note: 1. tolerances are non-cumulative: 0.05mm ( .002? for all centers. 2. the dimensions above should serve as a guideline. contact jst for details.


▲Up To Search▲   

 
Price & Availability of 08KR-D6S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X