Part Number Hot Search : 
044067 STR3A152 2SA1796 RM033R7 S3062 D16808 MS7305 N5262B
Product Description
Full Text Search
 

To Download 08KR-6S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  241 the kr connector features a mounting height as low as 6.9mm (.272") and a thickness as thin as 4.8mm (.189") (for top entry type). it is suitable for interconnection of a wide range of electronic equipment such as vcrs, video cameras, car stereo systems and communication equipment. specifications CCCCCCCCCCCCCCCCCCC ? current rating: 1.0a ac, dc (awg #26) ? voltage rating: 100v ac, dc ? temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ? contact resistance: initial value/10m ? max. after environmental testing/20m ? max. ? insulation resistance: 1,000m ? min. ? withstanding voltage: 800v ac/minute ? applicable wire: ul1571, 1061 (contact jst regarding other ul styles.) awg #28 to #26 conductor/7 strands, tin-coated insulation o.d./0.9 to 1.0mm(.035" to .039") (the standard applicable wire for connectors having 13 circuits or more is ul 1061.) ? applicable panel thickness: 0.8 to 1.6mm(.031" to .063") * contact jst for details. standards CCCCCCCCCCCCCCCCCCCCCC 0 recognized e60389 1 certified lr20812 2 r75088 features CCCCCCCCCCCCCCCCCCCCCCCC ? folded beam double-leaf contact construction the contact springs are folded to increase their effective strength. this design provides a safety margin that allows the contacts to endure the distortion of misinsertion without being permanently distorted. ? twin u-slot insulation displacement section the insulation displacement section connected to the wire consists of two tin-plated slots (twin u-slot) for superb reliability. ? strain relief the strain relief feature prevents stress due to vibration, impact or bending from effecting the insulation displacement connection. this is accomplished by holding the outside of the wire with the insulation gripping device on the housing. to ensure circuit integrity against vibration and undue tension, ample clearance is provided between the insulation displacement connection and the strain relief. ? compatible with the ph crimp style connector the same shrouded header can be used for either ph crimp style connector or kr insulation displacement connector. this allows both types of connector to be used interchangeably without replacing the header. ? surface mount model (smt) this connector is also available in a surface mount configuration. its housing is made of heat resistant resin so that it is not adversely affected during reflow soldering. because of its tiny size and ability to be surface mounted, this connector meets the demand for high-density mounting of components inside electronic products. kr connector disconnectable insulation displacement connectors 2.0mm (.079") pitch idc emboss tape
242 receptacle CCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCC jst b a 2.0(.079) 2.0(.079) 4.25(.167) 4.2(.165) 5.15(.203) 3.5(.138) circuits model no. awg #28 (green) awg #26 (natural/white) dimensions mm(in.) ab q'ty / box material and finish 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 02kr-8m 03kr-8m 04kr-8m 05kr-8m 06kr-8m 07kr-8m 08kr-8m 09kr-8m 10kr-8m 11kr-8m 12kr-8m 13kr-8m 14kr-8m 15kr-8m 16kr-8m 02kr-6s 03kr-6s 04kr-6s 05kr-6s 06kr-6s 07kr-6s 08KR-6S 09kr-6s 10kr-6s 11kr-6s 12kr-6s 13kr-6s 14kr-6s 15kr-6s 16kr-6s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 34.0(1.339) 2,000 2,000 2,000 2,000 2,000 2,000 1,000 1,000 1,000 1,000 1,000 1,000 500 500 500 contact: phosphor bronze, copper-undercoated, tin/lead-plated housing: 2 to 12 circuits/nylon 66, ul94v-0 13 to 16 circuits/glass-filled nylon 66, ul94v-0 through-hole type shrouded header CCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCC the shrouded headers are interchangeable with those of the ph crimp style connectors and with kr and cr insulation displacement connectors. through-hole type pc board layout (viewed from soldering side) and assembly layout CCC q1' 0.05 (.079 .002) 1.95 (.077) min. 0.7 +0.1 (.028 +.004 )dia. 0 0 2.8 4.8 (.189) 6.9(.272) 6.0(.236) (.110) min. 2.0 0.05 (.079 .002) 0.7 +0.1 (.028 +.004 )dia. +. 0 0 6.25 1.95 (.077) min. 7.6(.299) 8.5(.335) 4.8(.189) 6.25 (.246) (.246) min. note: 1. tolerancesare non-cumulative: 0.05mm(.002") for all centers. 2. hole dimensions differ according to the kind of pc board and piercing method. if pc board are made of hard material such as fr-4 are used, the hole dimensions should be larger. the hole dimensions above should serve as a guideline. contact jst for details. top entry type side entry type smt type pc board layout (viewed from component side) and assembly layout CCCCCCCCC smt type shrouded header CCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCCC the shrouded headers are interchangeable with those of the ph crimp style connectors and crand krd insulation displacement connectors. d*zvp 5?ad?a?mp 0.1( .004) +2.7(.106)] 3.0(.118) min 4.0(.157) min 2.4 (.094) 1.0(.039) 1.0(.039) 0.85(.033) 1.2 (.047 ) +0.1 0 +.004 0 [2.0(.079)x(circuits-1)+2.7(.106)] 0.1( .004) 1.0(.039) 1.0(.039) 0.85(.033) 1.2 (.047 ) +0.1 0 +.004 0 3.2(.126) min 3.5(.138) min 1.4 (.055) 7.6(.299) 8.5(.335) 1.8(.071) 5.0(.197) 5.0(.197) 7.5(.295) 6.6(.260) .004 (.134 ) 0.1 1.5 .004 (.059 ) 0.1 1.6 .004 (.063 ) .002 (.079 ) 0.05 2.0 1.0(.039) min. 5.5(.217) max. 0.1 3.4 0.2(.008) 9.0(.354) min. end face of water on the mating side 1.0(.039) 0.1 1.6 .004 (.063 ) 0.1 1.6 .004 (.063 ) .002 (.079 ) 0.1 3.0 .004 (.118 ) 0.05 2.0 1.0(.039) min. 2.0(.079) max. 7.5(.295) min. end face of water on the mating side 7.6(.299) 9.6(.378) 1.0(.039) 5.5(.217) 5.0(.197) 7.5(.295) 6.6(.260) kr connector top entry type side entry type top entry type side entry type


▲Up To Search▲   

 
Price & Availability of 08KR-6S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X