Part Number Hot Search : 
BU806FI SS2003M BU806FI GOG96017 N74LS25 EM9765P 5KP24A MHW92
Product Description
Full Text Search
 

To Download 0603CT-18NXJLU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. chip inductors C 0603ct series (1608) document 485-1 document 485-1 revised 10/03/08 srf dcr inductance 2 percent 900 mhz 1.7 ghz typ 5 max 6 i rms 7 part number 1 (nh) tolerance 3 l typ q typ 4 l typ q typ 4 (ghz) (ohms) (ma) 0603ct-1n0xjl_ 1.0 5 0.98 39 0.99 58 16.0 0.045 1600 0603ct-1n2xjl_ 1.2 5 1.18 35 1.19 50 16.0 0.105 1100 0603ct-2n0xjl_ 2.0 5 1.98 46 1.98 70 12.0 0.034 1900 0603ct-2n3xjl_ 2.3 5 2.27 55 2.28 81 11.0 0.046 1600 0603ct-2n5xjl_ 2.5 5 2.48 52 2.50 77 11.0 0.060 1300 0603ct-3n0x_l_ 3.0 5,2 2.96 57 2.97 82 10.7 0.039 1600 0603ct-3n3x_l_ 3.3 5,2 3.27 60 3.33 83 7.00 0.039 1600 0603ct-3n6x_l_ 3.6 5,2 3.58 69 3.63 95 7.00 0.044 1600 0603ct-3n9x_l_ 3.9 5,2 3.87 68 3.95 90 6.30 0.050 1400 0603ct-4n3x_l_ 4.3 5,2 4.26 58 4.34 84 6.30 0.076 1300 0603ct-4n7x_l_ 4.7 5,2 4.66 50 4.75 70 5.60 0.120 960 0603ct-5n1x_l_ 5.1 5,2 5.12 68 5.18 93 5.50 0.050 1400 0603ct-5n6x_l_ 5.6 5,2 5.60 67 5.73 90 5.05 0.058 1300 0603ct-6n8x_l_ 6.8 5,2 6.78 60 7.00 81 4.50 0.080 1200 0603ct-7n2x_l_ 7.2 5,2 7.19 65 7.44 88 4.50 0.047 1500 0603ct-8n2x_l_ 8.2 5,2 8.18 60 8.46 78 4.25 0.075 1300 0603ct-9n5x_l_ 9.5 5,2 9.52 63 9.92 80 3.95 0.092 1100 0603ct-10nx_l_ 10 5,2 10.0 67 10.4 85 3.95 0.075 1300 0603ct-11nx_l_ 11 5,2 11.0 66 11.5 86 4.00 0.110 1000 0603ct-12nx_l_ 12 5,2 12.0 68 12.7 85 3.50 0.130 920 0603ct-15nx_l_ 15 5,2 15.2 65 16.1 80 3.30 0.145 800 0603ct-16nx_l_ 16 5,2 16.3 63 17.5 76 3.10 0.175 760 0603ct-18nx_l_ 18 5,2 18.1 66 19.2 80 2.95 0.200 720 0603ct-20nx_l_ 20 5,2 20.2 67 21.6 80 2.90 0.175 760 0603ct-22nx_l_ 22 5,2 22.4 60 24.3 70 2.75 0.220 700 0603ct-24nx_l_ 24 5,2 24.4 61 26.5 72 2.70 0.240 680 0603ct-27nx_l_ 27 5,2 27.4 62 29.8 75 2.55 0.270 670 0603ct-30nx_l_ 30 5,2 30.5 62 33.9 73 2.45 0.330 600 0603ct-33nx_l_ 33 5,2 34.0 55 39.1 61 2.20 0.330 600 0603ct-36nx_l_ 36 5,2 37.2 61 42.3 63 2.30 0.335 600 0603ct-39nx_l_ 39 5,2 40.3 60 45.3 65 2.25 0.400 570 0603ct-43nx_l_ 43 5,2 44.5 57 51.3 60 2.10 0.440 530 0603ct-47nx_l_ 47 5,2 48.2 55 57.8 57 1.90 0.540 470 0603ct-51nx_l_ 51 5,2 53.0 55 63.2 55 1.85 0.570 440 0603ct-56nx_l_ 56 5,2 59.4 54 75.4 48 1.75 0.700 420 1. when ordering, specify tolerance, termination and packaging codes: 0603ct-56nx glw tolerance: g =2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: w =7 machine-ready reel. eia-481 punched paper tape (2000 parts per full reel). u = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter w instead. 2. inductance measured at 250 mhz, 0.1 vrms, 0 adc using coilcraft smd-a fixture in agilent/hp 4287a impedance analyzer. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using agilent/hp4291a with agilent/hp 16193 test fixture. 5. srf measured using agilent/hp 8722es network analyzer and coilcraft smd-d test fixture. 6. dcr measured on cambridge technology micro-ohmmeter and coilcraft ccf858 test fixture. 7. current that causes a 15c temperature rise from 25c ambient. 8. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. ? very low profile ? only 60% of the height of our other 0603 inductor series ? excellent q, low dcr and very high srf designer?s kit c423 contains 10 each of all 5% values and designer?s kit c423-2 contains 10 each of all 2% values.
? coilcraft, inc. 2010 0603ct series (1608) specifications subject to change without notice. please check our website for latest information. document 485-2 document 485-2 revised 10/03/08 a max b max c max d e f g h 0.064 0.033 0.024 0.013 0.030 0.025 0.025 0.040 inches 1,63 0,84 0,61 0,33 0,76 0,64 0,64 1,02 mm a b overall e terminal f d d g g c h recommended land pattern terminal wraparound: approx 0.006/0,15 both ends pick and place material typical l vs frequency typical q vs frequency 1 10 100 1000 10000 frequency (mhz) 0 100 90 80 70 60 50 40 30 20 10 inductance (nh) 5.6 nh 56 nh 39 nh 27 nh 10 nh 18 nh frequency (mhz) 0 100 90 80 70 60 50 40 30 20 10 q factor 1 10 100 1000 10000 5.6 nh 56 nh 27 nh 10 nh 18 nh 39 nh designer?s kit c423 contains 10 each of all 5% values; designer?s kit c423-2 contains 10 each of all 2% values core material ceramic terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 160 ? 190 mg ambient temperature ?40c to +125c with i rms current, +125c to +140c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles temperature coefficient of inductance (tcl) +25 to +125 ppm/c moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000/7 reel; paper tape: 8 mm wide, 0.68 mm thick, 4 mm pocket spacing pcb washing only pure water or alcohol recommended -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 percent of rated rms i 25c typical irms derating


▲Up To Search▲   

 
Price & Availability of 0603CT-18NXJLU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X