Part Number Hot Search : 
R5100815 HTL195 NTE2088 25X80 8B103 FD400G4N 97CFDC CNF900
Product Description
Full Text Search
 

To Download RN06B1003CT-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  49 specification typical test method moisture resistance, thermal shock load life load life in moisture resistance to soldering heat solderability terminal strength dielectric withstanding voltage short time overload insulation resistance ?0.25%+0.05 ? ) ?0.5%+0.05 ? ) ?0.5%+0.05 ? ) ?0.25%+0.05 ? ) min. 95% coverage ?0.2%+0.05 ? ) ?0.25%+0.05 ? ) ?0.25%+0.05 ? ) 1,000 meg minimum 0.1% 0.2% 0.25% 0.05% 95% 0.05% 0.05% 0.05% 1,000 meg jis c 5202 7.4 jis c 5202 7.10 jis c 5202 7.9 jis c 5202 6.4, 260??, 10 sec. jis c 5202 6.5 eiaj rc-2609a 6.6 eiaj rc-2609a 6.5 test voltage: 10@ 150vac, rn12 @ 300vac jis c 5202 7.4 eiaj rc-2609a 6.36 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d thin film chip resistors or dering inf ormation example: 0805 1/10 watt .1% 1k 10 b 1001 ct wattage rn thin film packaging (tape & reel) tolerance *note b = .1% c = .25% d = .50% resistance f ea tures ? surface mount devices (smd) ? precision tolerances of 0.5% to 0.1% ? temperature coefficients of 50ppm/c and 25ppmc ? precision performance ? space saving construction rn10 rn12 0805 1206 1/8 @ 70? 1/8@ 70? 150v 150v 300v 300v ?0ppm/? ?5ppm/? ?0ppm/? ?5ppm/? 10ohm - 787k 100ohm - 100k 10ohm - 787k 49.9ohm - 1m d = ?.5% c=?.25%, b=?.1% d = ?.5% c=?.25%, b=?.1% dimensions in mm material alumina porcelain nickel-chromium film boro-silicated acid lead glass 100% matte tin (elect r ical plated) o v er nickel (electrical plated) over ag-pd (silver-palladium [glaze printed]) remarks (reference only) purity 96% min. 20 microns thick 20 microns thick 3/5 microns thi c k 3/8 microns thi c k 8 microns thick feature substrate resistive film coating terminations rn10 .078?008 (2.00?.20) .049?008 (1.25?.20) .018?004 (0.45?.10) .016?008 (0.40?.20) .012?008/-.004 (0.30+0.20/-0.10) rn12 .122?004 (3.10?.10) .061?004 (1.55?.10) .021+.004/-.002 (0.55+0.10/-0.05) .018?008 (0.45?.20) .012+.008/-.004 (0.30+0.20/-0.10) feature l - body length w - body width h - body height a - top termination b - bottom termination notes: 1. embossed taping available on rn12 only. e nvir onment al m a terials p erformance c hara cteristics rn s eries glass coat resistive film substrate terminations (tested per mil-std-202) electrical (operating temperature range -55c to +155c) dimensions in mm type packaging size power rating ( watts) max.working voltage max. overload voltage resistance temp. coefficient resistance range tolerance 1
49 specification typical test method moisture resistance, thermal shock load life load life in moisture resistance to soldering heat solderability terminal strength dielectric withstanding voltage short time overload insulation resistance (0.25%+0.05  ) (0.5%+0.05  ) (0.5%+0.05  ) (0.25%+0.05  ) min. 95% coverage (0.2%+0.05  ) (0.25%+0.05  ) (0.25%+0.05  ) 1,000 meg minimum  0.1%  0.2%  0.25%  0.05%  95%  0.05%  0.05%  0.05%  1,000 meg jis c 5202 7.4 jis c 5202 7.10 jis c 5202 7.9 jis c 5202 6.4, 2605?c, 10 sec. jis c 5202 6.5 eiaj rc-2609a 6.6 eiaj rc-2609a 6.5 test voltage: 10@ 150vac, rn12 @ 300vac jis c 5202 7.4 eiaj rc-2609a 6.36 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d thin film chip resistors or dering inf ormation example: 0805 1/10 watt .1% 1k 10 b 1001 ct wattage rn thin film packaging (tape & reel) tolerance *note b = .1% c = .25% d = .50% resistance f ea tures ? surface mount devices (smd) ? precision tolerances of 0.5% to 0.1% ? temperature coefficients of 50ppm/c and 25ppmc ? precision performance ? space saving construction type rn04 rn06 packaging size 0402 0603 power rating (watts) 1/16 @ 70?c 1/10 @ 70?c max. working voltage 50v 75v max. overload voltage 100v 150v resistance temp. coefficient 50ppm/?c 25ppm/?c 50ppm/?c 25ppm/?c resistance range 10  - 97.6k 100  - 100k 10  - 97.6k 49.9  - 360k tolerance 1 d = 0.5% c=0.25%, b=0.1% d = 0.5% c=0.25%, b=0.1% dimensions in mm dimensions in mm material alumina porcelain nickel-chromium film boro-silicated acid lead glass 100% matte tin (electrical plated) over nickel (electrical plated) over ag-pd (silver-palladium [glaze printed]) remarks (reference only) purity 96% min. 20 microns thick 20 microns thick 3/8 microns thick 3/5 microns thick 8 microns thick feature substrate resistive film coating terminations rn04 1.000.05 0.500.05 0.350.05 0.200.10 0.200.10 rn06 1.600.20 0.800.20 0.300.20 0.30+-0.20 feature l - body length w - body width h - body height a - top termination b - bottom termination notes: 1. embossed taping available on rn12 only. e nvir onment al m a terials p erformance c hara cteristics (tested per mil-std-202) electrical (operating temperature range -55c to +155c) rn s eries glass coat resistive film substrate terminations 0.40+-0.10


▲Up To Search▲   

 
Price & Availability of RN06B1003CT-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X