Part Number Hot Search : 
0100M 12401 SIZ902DT 1380D 2N4269S ET100 AC245 E001700
Product Description
Full Text Search
 

To Download PSC08-11SURKWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 1 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197 20.32mm (0.8inch) 16 segment single digit part number: PSC08-11SURKWA hyper red features z 0.8 inch character height. z low current operation. z high contrast and light output. z common cathode and common anode available. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the hyper red source color devices are made with al- gainp on gaas substrat e light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 2 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. PSC08-11SURKWA hyper red (algainp) white diffused 31000 71000 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 650 nm i f =20ma d [1] dominant wavelength hyper red 630 nm i f =20ma ? 1/2 spectral line half-width hyper red 28 nm i f =20ma c capacitance hyper red 35 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 1.95 2.5 v i f =20ma i r reverse current hyper red 10 ua v r =5v parameter hyper red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 185 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 3 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197 hyper red PSC08-11SURKWA
spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 4 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197 packing & label specifications PSC08-11SURKWA
spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 5 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197
spec no: dsad9900 rev no: v.5 date: jan/04/2011 page: 6 of 6 approved: wynec checked: joe lee drawn: y.h.wu er p: 1311000197


▲Up To Search▲   

 
Price & Availability of PSC08-11SURKWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X