Part Number Hot Search : 
C5750X5R B4406 50178 BC856U MRF6S MG2801A 2SK31 RODUCTS
Product Description
Full Text Search
 

To Download PS1608GT2-R50-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power splitter with excellent high frequency characteristics for applications from dc 20ghz bit error is restrained by keeping high frequency digital signal stable offer standard type with ground and custom type designed to customer' specification.  tvtvnvhspvqdbubmph specifications suitable for output applications in emitter coupled logic for high-speed signal transmission. minimized reflection permits high-speed data processing. specifications part number part number mechanical electrical $pnqmfufmzmfbegsff 3p)4dpnqmjbou $pnqmfufmzmfbegsff 3p)4dpnqmjbou equivalent circuit mechanical electrical equivalent circuit high precision power splitter ps series dimension (mm) ps3216 ( g ) ps5025 ( g ) l w a b t 3.2 0.2 1.6 0.2 0.3 0.1 0.35 0.1 0.4 0.1 ps2012 ( g ) 2.0 0.2 1.25 0.2 0.4 0.1 0.3 0.1 0.4 0.1 ps1608 ( g ) 1.6 0.2 0.8 0.2 0.4 0.1 0.3 0.1 0.4 0.1 5.0 0.2 2.5 0.2 0.35 0.1 0.65 0.1 0.8 0.15 w t l a b b back side no ground for custom type front side rr r r=16.67 input output output ps 1608 g t2 - r50 - t1 ( t5 ) impedance (50 ) package (t1:1,000pcs/reel, t5:5,000pcs/reel) number of output terminal (t2 2 terminals) type(g standard) part code dimensions 1 r1 2 r2 3 r3 0.4 0.2 1.0 0.25 3.2 0.2 0.4 0.1 0.55 0.25 1.6 0.2 top side back side 13 2 (dimension:mm) rn 1632 f - n23 - f - c resistance tolerance code no. circuit part code dimensions serial code type resistance ( ) rated operating temperature rn1632f tolerance %(code) 1.0%(f) 50ppm/ c tcr ppm / c(code) power rating 42mw/element ; 125mw/package 55 c 125 c r1 50, r2 46.4, r3 50 ; typical package 5,000pcs/reel  type standard type operating frequency insertion loss input power ps1608g dc 20ghz 6 ? 0.5db(dc 10ghz) 6 ? 1.0db(10ghz ? 20ghz) insertion loss 1.3(dc 10ghz) 1.5(10ghz 20ghz) max overload power *standard type with ground on back side can gain stable performance regardless of circuit characteristics *custom type without ground on back side can be designed according to specific circuit ? please ask as for chip custom type with demension of 1.0*0.5mm ? simplified pattern can be realized as ground is not required on the surface of circuit insertion loss ps2012g dc 17.5ghz 6 ? 0.5db(dc 10ghz) 6 ? 1.0db(10ghz ? 17.5ghz) 1.3(dc 10ghz) 1.5(10ghz 17.5ghz) ps3216g dc 15ghz 6 ? 0.5db(dc 10ghz) 6 ? 1.0db(10ghz ? 15ghz) 1.3(dc 10ghz) 1.5(10ghz 15ghz) max.0.3db ps5025g dc 10ghz 100mw 125mw 250mw 500mw 200mw 250mw 500mw 1000mw 1,000 ~ 5,000pcs/reel 6 ? 0.5db(dc 7.5ghz) 6 ? 1.0db(7.5ghz ? 10ghz) 1.3(dc 7.5ghz) 1.5(7.5ghz 10ghz) operating temperature package 40 125 c positive emitter coupled logic(pecl) chip terminators


▲Up To Search▲   

 
Price & Availability of PS1608GT2-R50-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X