Part Number Hot Search : 
378FCT1G IL358N 3SRW4CM LTC680 658C2I2 BU902 BU902 BR108
Product Description
Full Text Search
 

To Download PP0901SC-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pp0901sa & pp0901sc 1 05104.r2 10/03 www .protekde vices.com thyristor surge suppressor only one name means protektion? applica tions ? slic line card ? dbx branch exchange switches ? fcc part 68 customer premise equipment ? line interface modem ? isdn architecture interface iec compa tibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns ? 61000-4-5 (surge): 8/20s - 95a, l4(line-gnd), 48a, l4(line-line) & 83a, l2(power) fea tures ? complies with: fcc part 68, ul 1459, bellcore 1089, itu-k.20 & k.21 ? peak off-state voltage 80 volts ? surge current capability (see table 1) ? esd protection > 40 kilovolts ? unidirectional configurations mechanical characteristics ? molded plastic do-214aa package ? weight 2.5 grams (approximate) ? flammability rating ul 94v-0 ? 12mm tape and reel per eia standard 481 ? marking: logo, marking code & polarity band or notch on top surface 05104 do-214aa device symbol (unidirectional) series i pp 2 x 10s amps i pp 10 x 1000s amps i tsm 60 hz amps di/dt amps/s (see note 1) dv/dt amps/s (see note 1) sa sc 125 300 40 100 20 60 500 500 2000 2000 table 1 - surge ratings note 1 : critital rate of rise for on-state current (di/dt) and off-state voltage (dv/dt).
2 www .protekde vices.com 05104.r2 10/03 pp0901sa & pp0901sc device characteristics maximum ratings @ 25c unless otherwise specified symbol value units parameter amps c c c/watt c/watt c/watt c/watt surge current - 50/60 hz junction temperature storage temperature thermal resistance(junction) - sa series thermal resistance(junction) - sc series thermal resistance(ambient) - sa series thermal resistance(ambient) - sc series i tsm t j t stg r qjc r qjc r qja r qja 60 -40 to 150 -55 to 150 28 26 90 85 figure 2 v-i characteristic curve i pp i tsm i s i h i drm v s v t v drm i t 0 1 2 3 t - time - s 0 50 100 i pp - peak pulse current - % of i pp test waveform parameters t f = 10s t d = 1,000s t f peak value i pp e -t figure 1 pulse wave form t d = t i pp /2 electrical characteristics per line @ 25c unless otherwise specified pa r t number repetitive peak off-state voltage v drm volts switching voltage @100v/s v s volts pp0901sa pp0901sc 65 65 device marking code minimum holding current (see fig. 7) di/dt = 1a/ms i h ma switching current i s ma maximum off-state current (see fig. 4) @v drm i drm a maximum on-state voltage (see fig. 5) @i t v t volts on-state current i t amps typical capacitance @50v, 1 mhz c pf 1.0 1.0 5 5 5 5 800 800 150 150 110 110 80 80 ja jc
3 www .protekde vices.com 05104.r2 10/03 pp0901sa & pp0901sc graphs figure 4 typical peak off-state current vs junction temperature -40 0 40 80 120 t j - temperature - c 10 1 0.1 0.01 i drm - peak off-state current - a figure 5 typical on-state current vs on-state voltage 0 1 2 3 4 5 6 7 v t - on-state voltage - v i t - on-state current - a 100 10 1 figure 6 typical normalized v s vs junction temperature -40 0 40 80 120 t j - temperature - c 1.15 1.1 0.9 0.8 normalized v s 1 1.05 0.95 0.85 figure 7 typical holding current vs junction temperature -40 0 40 80 120 t j - temperature - c 2.5 1.5 0.5 0 i h /i h (t j 25c) 2 1 figure 7 on-state current vs surge current duration surge current duration - full cycles 1 10 100 1,00 0 1 10 100 non-repetitive on-state current (i tsm ) - amps ppxxxxsa ppxxxxsc
4 www .protekde vices.com 05104.r2 10/03 pp0901sa & pp0901sc copyright ? protek devices 2003 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the selection or specifications of such products. package outline & dimensions protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www .protekde vices .com tape & reel ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia-481. 2. suffix-t13 = 13 inch reel - 3,000 pieces per 12mm tape, i.e., pp0901sa-t13. outline & dimensions: rev 0 - 4/02, 06030 package outline a b c d e f g h 2.21 3.94 4.57 2.50 1.52 5.59 0.20 0.31 0.077 0.130 0.160 0.079 0.030 0.205 0.004 0.006 0.087 0.155 0.180 0.098 0.060 0.220 0.008 0.012 1.96 3.30 4.06 2.00 0.76 5.21 0.10 0.15 dim min max min max millimeters inches dimensions do-214aa (smb) notes 1. dimensions are exclusive of mold flash and metal burrs. a b c d f g h e


▲Up To Search▲   

 
Price & Availability of PP0901SC-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X