|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. general description the pn5331b3hn is a highly integrated transceiver module for contactless communication at 13.56 mhz based on the 80c51 microcontroller core. a dedicated rom code is implemented to handle different rf protocols. rf protocols pn5331b3hn supports four main operating modes: ? iso/iec 14443a reader/writer (incl. mifare product family) ? iso/iec 14443b reader/writer ? felica reader/writer ? iso/iec 18092, ecma 340 peer-to-peer the pn5331b3hn hardware implements a demodulator and decoder for signals from iso/iec 14443a compatible cards and transponders. the pn5331b3hn hardware handles the complete iso/iec 14443a framing and error detection and upper layers of this protocol (i.e. iso/iec 14443-4) are implemented in firmware. the pn5331b3hn supports all mifare products (e.g. mifare crypto method). it supports contactless communication using higher transfer speeds up to 848 kbit/s in both directions. the pn5331b3hn hardware supports layers 2 and 3 of the iso/iec 14443b reader/writer communication scheme, except an ticollision. anticollision is implemented in firmware as well as upper layers (i.e. iso/iec 14443-4). the pn5331b3hn can demodulate and decode felica coded signals. the pn5331b3hn handles the felica framing and error detection. it supports contactless communication using felica higher transfer speeds up to 424 kbit/s in both directions. compliant to ecma 340 and iso/iec 18092 nfcip-1 passive and active communication modes, the pn5331b3hn/c270 offers the possi bility to communicate to another nfcip-1 compliant device, at transfer speeds up to 424 kbit/s. the pn5331b3hn handles the complete nfcip-1 framing and error detection. interfaces the pn5331b3hn supports usb 2.0 full speed interface (bus powered or host powered mode). pn5331b3hn has also a master i 2 c interface enabling the driv e of following peripherals: ? an external eeprom ? a tda8029 smart card reader pn5331b3hn near field communicat ion (nfc) controller rev. 01 - 31 december 2008 product short data sheet 158231 public
pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 2 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller standards compliancy pn5331b3hn offers commands in order fo r applications to be compliant with ?paypass-iso/iec 14443 implementation v1.1? and ?emv contactless communication protocol specification v2.0?. pn5331b3hn supports rf protocols iso/iec 14443a and b such as compliancy with smart eid standard can be achieved at application level. a dedicated command is implemented in pn5331b3hn firmware to support nfc secure applications in accordance with ?nfc sec secu rity layer for nfc? specification in order to enable usb wireless or bt enabler applications in a host baseband. 2. features ? 80c51 microcontroller core with 45 056 bytes rom and 1224 bytes ram ? highly integrated demodulator and decoder ? buffered output drivers to connect an antenna with minimum number of external components ? integrated rf level detector ? integrated data mode detector ? supports iso/iec 14443a reader/writer mode up to 848 kbit/s ? supports iso/iec 14443b reader/writer mode up to 848 kbit/s ? supports mifare encryption in reader/writer mode and higher transfer speed communication at 212 kbit/s , 424 kbit/s and 848kbit/s ? supports contactless communication according to the felica protocol at 212 kbit/s and 424 kbit/s ? typical operating distance in reader/writer mode for communication to iso/iec 14443a/mifare, iso/iec 14443b or felica cards up to 50 mm depending on antenna size and tuning ? support nfcip-1 mode up to 424 kbit/s ? typical operating distance in nfcip-1 mode up to 50 mm depending on antenna size, tuning and power supply ? supported usb 2.0 full speed interface ? restricted i 2 c master interface to control an external i 2 c eeprom or tda8029 smart card reader ? low power modes ? hard-power-down mode ? soft-power-down mode ? 27.12 mhz crystal oscillator ? on-chip pll to generate internally 96 mhz for the usb interface ? power modes ? usb bus power mode ? 2.5 v to 3.6 v power supply operating range in non usb bus power mode ? dedicated io ports for external device control pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 3 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 3. quick reference data [1] dv dd , av dd and tv dd must always be at the same supply voltage. table 1. quick reference data symbol parameter conditions min typ max unit v bus usb supply voltage (usb mode) 4.02 5 5.25 v supply voltage (non usb mode) v bus = dv dd dv ss = 0 v 2.5 3.3 3.6 v tv dd , av dd , dv dd supply voltage tv dd = av dd = dv dd v ss = 0 v [1] 2.5 3.3 3.6 v pv dd supply voltage for host interface v ss = 0 v 1.6 - 3.6 v sv dd supply voltage reserved for future use v ss = 0 v dv dd -0.1 - dv dd v i vbus maximum load current (usb mode) measured on v bus - - 150 ma maximum inrush current limitation at power up (curlimoff =0) - - 100 ma i hpd hard-power-down current (not powered from usb) av dd = dv dd = tv dd = pv dd = 3 v, rf level detector off - - 10 a i spd soft-power-down current (not powered from usb) av dd = dv dd = tv dd = pv dd = 3 v, rf level detector on - - 30 a i suspend usb suspend current av dd = dv dd = tv dd = pv dd = 3 v, rf level detector on, (without resistor on dp/dm) - - 250 a i dvdd digital supply current av dd = dv dd = tv dd = pv dd = 3 v, rf level detector on, sv dd switch off [1] - 15 - ma i svdd sv dd load current sv dd = 3 v - - 30 ma i avdd analog supply current av dd = dv dd = tv dd = pv dd = 3 v, rf level detector on - 6 - ma i tvdd transmitter supply current during rf transmission, tv dd = 3 v - 60 100 ma p tot total power dissipation t amb = -30 to +85 c - - 0.55 w t amb ambient temperature ? 30 - +85 c pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 4 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 4. ordering information [1] 70 refers to the rom code version described in user manual. [2] refer to section 9.4 ? licenses ? 5. block diagram the following block diagram describes hardware blocks controlled by pn5331b3hn firmware or which can be accessible for data transaction by a host baseband. table 2. ordering information type number package name description version pn5331b3hn/c270 [1] [2] hvqfn40 heatsink very thin quad flat package; 40 pins, plastic, body 6 x 6 x 0.85 mm; leadless; msl level 2. sot618-1 fig 1. block diagram 001aai112 supply super visor 27 mhz osc and frac n pll svdd switch nfc analog front end and cluart 80c51 cpu 44 k rom 1.2 k bytes ram usb device i 2 c master matx rstpd pvdd svdd vbus p30 p31 p32 gpios p33 p35 rstout dvdd irq gnd vgnd xtal1 xtal2 nss mosi i0 i1 sda scl delatt 48 mhz sigin sigout p34 tvdd avdd rx vmid tx1 tgnd tx2 regulator 3.3 v pcr pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 5 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 6. limiting values 7. abbreviations table 3. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit pv dd , sv dd , tv dd , av dd , dv dd supply voltage ? 0.5 4 v v bus usb supply voltage ? 0.5 5.5 v p tot total power dissipation - 500 mw i svdd maximum current in svdd switch - 30 ma v inrx dynamic rx input voltage range ? 0.5 4 v v intx1 dynamictx1 input voltage range ? 0.5 4 v v intx2 dynamic tx2 input voltage range ? 0.5 4 v v esd electrostatic discharge voltage v esdh esd susceptibility (human body model) 1500 , 100pf; eia/jesd22-a114-a - 2.0 kv v esdm esd susceptibility (machine model) 0.75 mh, 200 pf; eia/jesd22-a115-a - 200 v v esdc esd susceptibility (charge device model) field induced model; eia/jesc22-c101-c - 1 kv t stg storage temperature ? 55 150 c t j junction temperature ? 40 125 c table 4. abbreviations acronym description crc cyclic redundancy check eeprom electrically erasable programmable read-only memory hpd hard power down nfc near field communication spd soft power down mode pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 6 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 8. revision history table 5. revision history document id release date data sheet status change notice supersedes pn5331b3hn_sds_n_1 20081231 product short data sheet - - pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 7 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 9.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in su ch equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values ar e stress ratings only and operation of the device at these or any other c onditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. esd protection devices ? these products are only intended for protection against electrostatic discharge (esd ) pulses and are not intended for any other usage including, without limitation, voltage regulation applications. nxp semiconductors accepts no liability for use in such applications and therefore such use is at the customer?s own risk. 9.4 licenses 9.5 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. mifare ? is a trademark of nxp b.v. i 2 c-bus ? logo is a trademark of nxp b.v. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objec tive specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. purchase of nxp ics with iso/iec 14443 type b functionality this nxp semiconductors ic is iso/iec 14443 type b software enabled and is licensed under innovatron?s contactless card patents license for iso/iec 14443 b. the license includes the right to use the ic in systems and/or end-user equipment. ratp/innovatron technology purchase of nxp ics with nfc technology purchase of an nxp semiconductors ic that complies with one of the near field communication (nfc) standards iso/iec 18092 and iso/iec 21481 does not convey an implied license unde r any patent right infringed by implementation of any of those standards. a license for the patents portfolio of nxp b.v. for the nfc standards needs to be obtained at via licensing, the pool agent of the nfc patent pool, e-mail: info@vialicensing.com. pn5331b3hn_sds_n_1 ? nxp b.v. 2009. all rights reserved. product short data sheet rev. 01 - 31 december 2008 ? 4 march 2009 8 of 9 nxp semiconductors pn5331b3hn near field communication (nfc) controller 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com nxp semiconductors pn5331b3hn near field communication (nfc) controller ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 4 march 2009 document identifier: pn5331b3hn_sds_n_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. tables table 1. quick reference data . . . . . . . . . . . . . . . . . . . . . 3 table 2. ordering information . . . . . . . . . . . . . . . . . . . . . 4 table 3. limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . 5 table 4. abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 5 table 5. revision history . . . . . . . . . . . . . . . . . . . . . . . . . 6 12. figures fig 1. block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 13. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 3 4 ordering information . . . . . . . . . . . . . . . . . . . . . 4 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 legal information. . . . . . . . . . . . . . . . . . . . . . . . 7 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 7 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 9.4 licenses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 9.5 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10 contact information. . . . . . . . . . . . . . . . . . . . . . 8 11 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 |
Price & Availability of PN5331B3HNC270 |