Part Number Hot Search : 
IK6501 T3681 AWT62 C1403 2764A C471MPD DZ12V SK301
Product Description
Full Text Search
 

To Download PL0203S-3R9J-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice. (1/3) 002-05 / 20050831 / e513_sp0203.fm inductors sp series sp0203 type for general applications axial features  the sp series inductors are available in ranging from 0203 to 0406 types.  these are coaxial horizontal types, highly miniaturized and light- weight.  epoxy resin construction assures high reliability.  available in ammo-pack style tape packaging to support auto- mated mounting machines.  terminal platings and internal connecting solder use lead-free materials.  this product conforms to the standards that are slated to be introduced under the rohs directive. applications televisions, vcrs, personal computers, and other electronic equipment. specifications product identification (1)series name (2)dimensions (3)packaging style (4)inductance value (5)inductance tolerance (6)lead-free compatible product packaging style and quantities color code markings (from left) 1: the first effective number 2: the second effective number 3: multiplier color code 1 color code table  according to jis-c-0801 recommended soldering conditions flow soldering iron soldering  the use of reflow soldering is not guaranteed. operating temperature range ?20 to +80c [including self-temperature rise] storage temperature range ?40 to +80c [unit of products] terminal tensile strength 9.8n min. sp pl spt 0203 sa- 1r0 j - pf (1) (2) (3) (4) (5) (6) sp bulk pl formed lead products spt taping (ammo-pack) 0203 ?2.4 3.4mm none bulk sformed sa 26mm taping a 52mm taping r10 0.1h 1r0 1h 100 10h 101 100h j5% k10% pf lead-free compatible product packaging style quantity taping(ammo-pack) 2000 pieces/box bulk 200 pieces/pack color effective number multiplier inductance tolerance black 0 1 ? brown 1 10 ? red 2 100 ? orange 3 1000 ? yellow 4 ? ? green 5 ? ? blue 5 ? ? purple 7 ? ? gray 8 ? ? white 9 ? ? silver ? 0.01 10% gold ? 0.1 5% tip temperature 350c max. heating time 5 seconds/soldering 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
all specifications are subject to change without notice. (2/3) 002-05 / 20050831 / e513_sp0203.fm inductors sp series sp0203 type for general applications axial shapes and dimensions characteristics electrical characteristics different product names are used depending on the type of packaging used at the time of delivery. please see "pro duct identification" for details. test equipment l, q: hp4194a impedance analyzer, or equivalent srf: hp8753c network analyzer, or equivalent rdc: national vp-2941a milliohm meter, or equivalent 0.48 0.05 2.4max. dimensions in mm 3.4max. 62 ( ref. ) operating temperature range 20 to +80 c [including self-temperature rise, 20 c max.] rated current based on temperature rise terminal tensile strength 9.8n min. terminal bending strength 2.94n min. inductance (h) inductance tolerance q min. test frequency l, q (mhz) self-resonant frequency (mhz)min. dc resistance ( ? )max. rated current (ma)max. part no. 0.10 10% 40 25.2 600 0.16 800 sp0203-r10k-pf 0.12 10% 40 25.2 520 0.16 790 sp0203-r12k-pf 0.15 10% 40 25.2 500 0.16 790 sp0203-r15k-pf 0.18 10% 40 25.2 480 0.18 745 sp0203-r18k-pf 0.22 10% 40 25.2 420 0.20 705 sp0203-r22k-pf 0.27 10% 40 25.2 390 0.22 670 sp0203-r27k-pf 0.33 10% 40 25.2 350 0.24 645 sp0203-r33k-pf 0.39 10% 50 25.2 320 0.27 605 sp0203-r39k-pf 0.47 10% 50 25.2 300 0.30 575 sp0203-r47k-pf 0.56 10% 50 25.2 280 0.34 540 sp0203-r56k-pf 0.68 10% 50 25.2 240 0.38 510 sp0203-r68k-pf 0.82 10% 50 25.2 210 0.43 480 sp0203-r82k-pf 1.0 10% 50 25.2 190 0.46 465 sp0203-1r0k-pf 1.2 5% 50 7.96 110 0.52 435 sp0203-1r2j-pf 1.5 5% 50 7.96 80 0.57 415 sp0203-1r5j-pf 1.8 5% 50 7.96 66 0.60 405 sp0203-1r8j-pf 2.2 5% 50 7.96 60 0.65 390 sp0203-2r2j-pf 2.7 5% 50 7.96 54 0.73 370 sp0203-2r7j-pf 3.3 5% 50 7.96 48 0.82 345 sp0203-3r3j-pf 3.9 5% 50 7.96 44 0.90 330 sp0203-3r9j-pf 4.7 5% 50 7.96 38 1.00 315 sp0203-4r7j-pf 5.6 5% 50 7.96 34 1.10 300 sp0203-5r6j-pf 6.8 5% 50 7.96 30 1.20 285 sp0203-6r8j-pf 8.2 5% 50 7.96 26 1.30 275 sp0203-8r2j-pf 10 5% 50 7.96 24 1.40 265 sp0203-100j-pf 12 5% 50 2.52 22 1.50 255 sp0203-120j-pf 15 5% 50 2.52 20 1.65 245 sp0203-150j-pf 18 5% 50 2.52 18 1.90 225 sp0203-180j-pf 22 5% 50 2.52 17 2.20 210 sp0203-220j-pf 27 5% 50 2.52 16 2.50 200 sp0203-270j-pf 33 5% 50 2.52 14 3.80 160 sp0203-330j-pf 39 5% 50 2.52 13 4.20 150 sp0203-390j-pf 47 5% 50 2.52 12 4.60 145 sp0203-470j-pf 56 5% 40 2.52 11 5.10 140 sp0203-560j-pf 68 5% 40 2.52 10 5.60 130 sp0203-680j-pf 82 5% 40 2.52 9.5 9.60 100 sp0203-820j-pf 100 5% 40 2.52 8.0 10.80 95 sp0203-101j-pf 120 5% 40 0.796 6.5 12.50 85 sp0203-121j-pf
all specifications are subject to change without notice. (3/3) 002-05 / 20050831 / e513_sp0203.fm inductors sp series sp0203 type for general applications axial typical electrical characteristics inductance change vs. dc superposition characteristics inductance change vs. temperature characteristics q vs. frequency characteristics dc current ( ma ) 10 1 0.5 0.1 10 100 50 5 1000 500 50 100 500 5000 1000 10000 inductance ( h ) a l=5h c=20000 f test circuit dc lcr meter specimen 33 h 100 h 220 h 4.7 h 10 h 1.5 h 40 20 0 20 2 1 2 1 40 60 80 ? l/l ( % ) temperature ( ? c ) 68 h 12 h 1.5 h 100 h 0.22 h 100 h 1.5 h 12 h 68 h 0.22 h 0.1 0.2 1 2 0.5 10 20 50 100 5 frequency ( mhz ) 20 40 60 80 100 120 140 q 0.47 h 4.7 h 33 h 220 h


▲Up To Search▲   

 
Price & Availability of PL0203S-3R9J-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X