specifications subject to change without notice. dimensions (mm). chassis mount, high performance, multipurpose, single stage emi/rfi line filter. pk series mechanical dimensions features the pk series offers a wide variety of emi filters in numerous styles of packages and current ratings. the filters are effectivein reducing both line-to-line and line-to-ground noise up to 30 amp at 250vac. this series offers very low leakage current suitable for medical and non-medical applications. these filters are also available for medical applications. the absence of c(y) capacitors offers extremely low leakage current to comply with various industry standards especially the medical equipment with switching power supplies. a bleeder resistor can also be added to prevent excessive voltages from developing across the filter capacitors whenthere is no load. applications computer & networking equipment, measuring & control equipment, data processing equipment, laboratory instruments, switching power supplies, other electronic equipment. technical data ? rated voltage: 115/250vac ? rated current: 1a, 2a, 3a, 5a, 6a, 10a, 15a, 20a, 30a ? power line frequency: 50/60hz ? max. leakage current each line to ground: @ 115vac 60hz: 0.25ma @ 250vac 50hz: 0.45ma @ 115vac 60hz: 2 a* @ 250vac 50hz: 5 a* ? hipot rating (one minute) line to ground: 2250vdcline to line: 1450vdc ? temperature range: -25c to +85c * medical application (unit: mm) a1, a2, a3 b1 g1 85.3 39.1 (4.6) (14.9) 105.0 38.6 (6.1) (17.3) 64.0 74.7 51.5 2x 4.8 86.4 95.3 50.8 82.5 100.0 4x 6.5x4.0 d c b f case a b c de 24.4 f 45.0 17.5 33.8 45.0 30.0 46.5 51.8 30.0 64.5 64.5 70.9 54.1 54.5 60.9 g 49.6 59.0 71.7 8.5 14.9 14.9 a3 a2 a1 dimensions code e 2x 4.8 a 10.0 g 36 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com
schematics pk series example & ordering code current rating (a): terminal: = q = ps= w pk component locations: quick connect screwwire - 6.3/0.25 ul 1015, 18awg stranded, 4? 01 q 1 c attenuation code table: * contact pdi b contact pdi for attenuation numbers 6 q or ps option only = 01 = 02= 03 = 05 = 06 = 10 = 15 = 20 = 30 = 1 = 2 b = 3 b = 1m = 2m b standard type without c(x); c(y) only c(x); c(y) behind l without c(y); c(x) only without c(y); c(x) behind l 2.0 -3.6l 8.6 15.7 m4-19.5 medical applications: select the attenuation code with corresponding component values and case code. case cap. cx inductance per current rating (mh) code (?) 1a 2a 3a 5a 6a 10a 15a 20a 30a a1 0.033 10.0 2.5 1.2 1.0 0.8 0.3 * * * a1 0.1 10.0 2.5 1.2 1.0 0.8 0.3 * * * a2 0.033 15.0 2.5 2.0 1.2 0.8 1.0 0.8 0.6 * a2 0.1 15.0 2.5 2.0 1.2 0.8 1.0 0.8 0.6 * a3 0.033 20.0 10.0 8.0 4.0 2.0 1.2 0.9 0.7 0.3 a3 0.1 20.0 10.0 8.0 4.0 2.0 1.2 0.9 0.7 0.3 b1 0.033 * * * * * 1.5 * 0.9 0.3 b1 0.1 * * * * * 1.5 * 0.9 0.3 g1 0.033 * * * * * 4.0 3.0 2.0 1.5 g1 0.1 * * * * * 4.0 3.0 2.0 1.5 g1 * * * * * * * * * 0.5 non-medical applications: select the attenuation code with corresponding component values and case code. case cap. cx cap. cy inductance per current rating (mh) code (?) (pf) 1a 2a 3a 5a 6a 10a 15a 20a 30a a1 0.033 2200 10.0 2.5 1.2 1.0 0.8 0.3 * * * a1 0.1 3300 10.0 2.5 1.2 1.0 0.8 0.3 * * * a2 0.033 2200 15.0 2.5 2.0 1.2 0.8 1.0 0.8 0.6 * a2 0.1 3300 15.0 2.5 2.0 1.2 0.8 1.0 0.8 0.6 * a3 0.033 2200 20.0 10.0 8.0 4.0 2.0 1.2 0.9 0.7 0.3 a3 0.1 3300 20.0 10.0 8.0 4.0 2.0 1.2 0.9 0.7 0.3 b1 0.033 2200 * * * * * 1.5 * 0.9 0.3 b1 0.1 3300 * * * * * 1.5 * 0.9 0.3 g1 0.033 2200 * * * * * 4.0 3.0 2.0 * g1 0.1 3300 * * * * * 4.0 3.0 2.0 * g1 0.1 4700 * * * * * * * * 0.5 = a = b = c = d= e = f = g= h = i 6 = j 6 = k 6 = m0 = m1= m2 = m3 = m4 = m5 = m6= m7 = m8 6 = m9 6 = m10 6 c x g line load l mh l mh cy l n l l' n' cy r g line load l mh l mh cy l n l l' n' cy r g line load l mh l mh cy l n l l' n' cy r c x c x g line load l mh l mh l n l l' n' lg r g line load l mh l mh l n l l' n' lg r c x medical schematics 1m 2m 1 2 3 options: = 00 = 50 - no bleeder resistor bleeder resistor (1 w, 1m) 50 37 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com
pk series attenuation tables medical applications non-medical applications comm. mode(l-g) in mhz diff. mode(l-l) in mhz .15 .5 1 5 10 30 .15 .5 1 5 10 30 39 29 42 48 49 38 2 18 30 62 61 22 28 36 40 46 49 40 1 9 17 58 60 17 20 28 32 44 50 43 1 8 14 49 66 32 21 30 35 48 51 49 1 8 14 42 53 26 18 23 28 45 51 45 1 8 14 45 61 30 11 17 21 37 43 37 1 8 14 33 59 27 40 32 45 52 55 38 10 29 41 71 56 23 28 37 46 50 54 42 8 19 27 67 58 16 20 25 30 50 57 45 8 19 26 65 64 35 22 31 38 52 56 51 8 18 24 49 53 27 18 25 30 49 57 47 8 18 24 53 53 30 11 18 24 40 52 38 8 18 24 44 49 30 42 60 55 49 48 57 3 21 34 65 64 13 26 30 47 48 49 42 1 12 23 66 63 23 24 29 34 47 50 47 1 10 20 64 63 24 14 17 20 37 46 40 1 8 16 57 63 28 15 18 22 37 45 40 1 8 15 57 60 29 19 25 28 44 50 43 1 8 15 61 60 30 15 18 22 37 45 40 1 8 15 55 62 28 15 20 23 38 46 39 1 8 14 52 51 28 43 64 56 53 54 47 12 32 45 74 60 11 26 31 45 51 52 42 7 21 33 81 61 22 24 30 59 51 56 48 8 20 31 73 59 23 14 18 23 42 51 39 8 18 26 56 56 29 15 20 25 41 52 40 8 18 25 59 54 29 19 26 31 49 56 44 8 18 25 64 60 30 15 20 25 42 52 40 8 18 25 60 53 28 15 21 26 43 51 39 8 18 24 55 54 27 47 54 44 38 39 42 3 21 34 55 60 26 36 48 49 44 44 44 3 21 33 59 59 33 36 39 47 41 41 31 2 19 31 55 59 33 29 32 57 49 50 45 1 13 25 68 64 18 24 28 34 47 50 45 1 10 20 62 64 24 14 17 20 37 45 41 1 8 16 60 61 30 18 23 26 42 48 42 1 8 15 60 57 26 17 23 26 41 46 42 1 8 14 70 54 28 11 17 21 36 42 38 2 8 14 41 49 27 47 50 44 41 44 43 12 32 44 59 55 26 36 66 50 48 52 46 11 31 44 66 54 32 36 56 49 47 51 36 10 29 42 63 52 34 29 33 48 54 55 48 8 24 36 80 61 18 24 30 59 51 56 49 8 20 31 74 62 25 14 17 20 35 45 37 8 19 27 55 55 29 19 24 30 45 54 41 8 18 25 65 57 27 17 24 29 45 53 42 8 18 24 57 56 29 11 18 24 38 51 36 8 18 24 52 49 28 15 19 22 40 49 42 1 9 18 62 61 29 19 23 27 42 48 43 1 8 15 65 57 27 11 17 22 35 42 38 2 8 14 35 55 28 16 20 31 43 53 43 8 19 29 63 57 29 19 24 30 45 53 44 8 18 25 60 58 28 11 18 24 40 50 36 8 18 24 53 51 28 26 30 54 46 48 52 1 11 21 63 60 14 26 30 47 48 50 47 5 19 30 71 57 20 21 26 33 43 46 45 1 7 16 58 59 20 26 31 45 50 52 50 5 21 32 77 55 14 23 28 42 48 50 47 5 19 30 71 57 20 21 27 56 48 52 45 5 18 27 69 56 21 attenuation code a b c d e f g h i j attenuation code m0 m1 m2 m3 m4 m5 m6 m7 m8m9 current rating current rating 1a 2a3a 5a 6a 10a 1a 2a3a 5a 6a 10a 1a 2a3a 5a 6a 10a15a 20a 1a 2a3a 5a 6a 10a15a 20a 1a 2a3a 5a 6a 10a15a 20a 30a 1a 2a3a 5a 6a 10a15a 20a 30a 10a 20a30a 10a 20a30a 10a 20a30a 10a 20a30a comm. mode(l-g) in mhz diff. mode(l-l) in mhz .15 .5 1 5 10 30 .15 .5 1 5 10 30 1a 38 42 41 38 23 21 4 22 33 51 42 33 2a 25 28 34 36 31 27 2 11 20 39 40 26 3a 21 26 27 28 26 27 2 10 18 61 48 28 5a 19 23 24 25 23 27 8 19 27 53 45 27 6a 18 22 23 25 23 19 2 9 16 44 47 28 10a 11 17 18 18 17 13 2 9 15 35 42 27 1a 37 41 41 38 23 22 12 31 42 50 41 33 2a 28 34 36 36 31 28 8 20 29 44 43 26 3a 21 26 27 28 26 27 8 19 28 50 47 27 5a 19 24 27 39 46 39 8 19 27 53 45 27 6a 18 23 26 39 47 33 2 9 16 44 47 28 10a 11 17 18 18 17 13 8 18 24 58 40 27 1a 44 50 46 22 28 23 4 23 35 58 48 11 2a 27 34 36 28 23 21 2 10 18 44 44 15 3a 25 30 31 27 27 20 2 11 20 44 42 23 5a 14 17 18 21 21 23 2 10 18 44 42 26 6a 15 18 19 21 20 25 2 9 17 48 40 27 10a 18 22 24 25 23 19 2 9 16 50 43 26 15a 16 20 21 24 24 21 2 9 16 46 44 31 20a 16 19 20 22 20 17 8 19 26 42 38 27 1a 44 50 46 23 28 23 12 32 45 63 49 11 2a 27 34 36 28 23 21 8 20 29 62 49 14 3a 25 30 31 27 27 20 8 20 29 44 42 26 5a 14 17 18 21 21 23 8 19 27 42 40 26 6a 15 18 19 21 20 25 8 19 28 46 40 27 10a 18 22 24 25 23 19 8 19 26 49 43 27 15a 16 20 21 24 24 21 8 19 26 44 40 32 20a 16 19 20 22 20 17 8 19 26 42 38 27 1a 47 46 40 20 19 17 4 22 32 43 33 20 2a 37 41 40 18 25 23 4 22 33 51 40 30 3a 39 47 44 27 36 9 2 18 29 48 43 30 5a 30 34 36 31 18 19 2 14 24 44 43 17 6a 25 29 30 30 25 20 2 11 22 53 50 23 10a 14 17 18 21 20 24 2 9 18 45 43 27 15a 19 23 24 25 23 28 2 9 17 58 43 27 20a 16 20 21 24 24 20 2 9 16 54 41 32 30a 12 19 22 22 20 15 2 9 15 30 34 28 1a 47 46 40 20 19 17 12 30 40 43 33 19 2a 37 41 40 18 25 23 11 31 43 54 41 30 3a 39 47 44 27 36 9 10 27 38 49 42 30 5a 30 34 36 31 18 19 8 23 33 44 42 17 6a 25 29 30 30 25 20 8 21 32 58 49 24 10a 14 17 18 21 20 24 8 19 27 43 40 26 15a 19 23 24 25 23 28 8 19 27 50 44 26 20a 16 20 21 24 24 20 8 19 26 45 41 33 30a 12 19 22 22 20 15 8 18 24 40 40 27 10a 22 27 28 29 26 23 2 10 18 52 44 24 20a 19 23 24 25 23 26 2 9 17 49 44 25 30a 12 19 22 22 20 15 2 9 15 31 36 27 10a 22 27 28 29 26 23 8 19 29 54 49 25 20a 19 23 24 25 23 26 8 19 27 49 43 24 30a 12 19 22 22 20 15 8 18 24 40 40 27 10a 30 34 36 31 24 15 2 14 25 43 42 13 20a 27 31 32 31 25 18 2 13 24 52 49 21 30a 25 29 30 30 25 19 2 11 21 54 50 22 10a 30 34 36 31 24 15 9 23 33 42 40 15 20a 27 31 32 31 25 18 8 23 34 60 51 23 30a 25 29 30 30 25 19 8 21 32 58 50 22 g this table applies to schematic 1m only. visit our website or contact pdi for attenuation numbers. v this table applies to schematic 1 only. visit our website or contact pdi for attenuation numbers. v g insertion loss in db (50 ohm circuit) insertion loss in db (50 ohm circuit) 38 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com
|