Part Number Hot Search : 
6M42VTA GU70L02 TLGU53DF PD481 KP3500A UFS1200 TA8473F PM5343
Product Description
Full Text Search
 

To Download NTRC50B1003CTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 28 anti-corrosive thin film chip resistors ntrc series features  special passivated nicr film for superior anti-corrosion properties  eia standard sizing 0402, 0603, 0805, 1206, 2010 and 2512  suit for high reliability applications in harsh environments  precision tolerance and temperature characteristics  sac reflow solderable (three times at 260c for 32 seconds) specifications type eia size power rating at 70c max. *1 working voltage max. *2 overload voltage resistance tolerance code temperature coef? cient (ppm/c) resistance range ( ? ) resistance values operating temperature range ntrc04 0402 0.063w 25v 50v 0.10% (b) 0.25% (c) 0.50% (d) 25ppm (c) 50ppm (d) 25 ? ~ 25k ? e-24 & e-96 -55c ~ +155c ntrc06 0603 0.063w 50v 100v 0.10% (b) 0.25% (c) 0.50% (d) 25ppm (c) 50ppm (d) 25 ? ~ 332k ? ntrc10 0805 0.10w 100v 200v 0.10% (b) 0.25% (c) 0.50% (d) 25ppm (c) 50ppm (d) 10 ? ~ 787k ? ntrc12 1206 0.125w 150v 300v 0.10% (b) 0.25% (c) 0.50% (d) 25ppm (c) 50ppm (d) 10 ? ~ 1m ? ntrc50 2010 0.25w 0.10% (b) 0.25% (c) 0.50% (d) 25ppm (c) 50ppm (d) 10 ? ~ 1m ? ntrc100 2512 0.50w note *1 - maximum allowable continuous working voltage for all resistors is the lower of the two values: ?maximum working voltage? as speci? ed above or the result of the following formula power rating (watts) x resistance (ohms) note *2 - "maximum overload voltage" for all resistors is the lower of the two values: "maximum overload voltage" as speci? ed above or 2x the result of the following formula power rating (watts) x resistance (ohms) power derating curve: for operation above 70 o c, power ratingmust be derated according to the following chart: rate (%) 30 100 20 60 100 155c 70 120 140 80 80 60 40 20 0 40 part number system (e24 & e-96 values) ntrc 12 b 1002 c tr f rohs compliant tape & reel packaging temperature coef? cient: c=25ppm, d=50ppm resistance code: first 3 ? gures are sig ni? cant, 4th digit is the multiplier, ?r? indicates a decimal point. tolerance code: b=0.1%, c=0.25%, d0.5% size & power rating code series rohs compliant includes all homogeneous materials *see part number system for details
29 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com dimensions (mm) type eia size l w h t t ntrc04 0402 1.00 0.05 0.50 0.05 0.30 0.05 0.20 0.10 0.20 0.10 ntrc06 0603 1.55 0.10 0.80 0.10 0.45 0.10 0.30 0.20 0.30 0.20 ntrc10 0805 2.00 0.15 1.25 0.15 0.55 0.10 0.30 0.20 0.40 0.20 ntrc12 1206 3.05 0.15 1.55 0.15 0.55 0.10 0.42 0.20 0.35 0.25 ntrc50 2010 4.90 0.15 2.40 0.15 0.55 0.10 0.60 0.30 0.50 0.25 ntrc100 2512 6.30 0.15 3.10 0.15 0.55 0.10 0.60 0.30 0.50 0.25 construction anti-corrosive thin film chip resistors ntrc series standard e-12, e-24, e-96 values and 0603 resistance codes e-12 e-24 e-96 value value value code value code value code value code 10 100 100 01 102 02 105 03 107 04 12 110 110 05 113 06 115 07 118 08 15 120 121 09 124 10 127 11 130 12 18 130 133 13 137 14 140 15 143 16 22 150 147 17 150 18 154 19 158 20 27 160 162 21 165 22 169 23 174 24 33 180 178 25 182 26 187 27 191 28 39 200 196 29 200 30 205 31 210 32 47 220 215 33 221 34 226 35 232 36 56 240 237 37 243 38 249 39 255 40 68 270 261 41 267 42 274 43 280 44 82 300 287 45 294 46 301 47 309 48 91 330 316 49 324 50 332 51 340 52 360 348 53 357 54 365 55 374 56 390 383 57 392 58 402 59 412 60 430 422 61 432 62 442 63 453 64 470 464 65 475 66 487 67 499 68 510 511 69 523 70 536 71 549 72 560 562 73 576 74 590 75 604 76 620 619 77 634 78 649 79 665 80 680 681 81 698 82 715 83 732 84 750 750 85 768 86 787 87 806 88 820 825 89 845 90 866 91 887 92 910 909 93 931 94 953 95 976 96
? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 30 type eia case size carrier material abwfep 1 p 2 p 0 d 0 t ntrc04 0402 paper 0.70 0.05 1.16 0.10 8.0 0.10 3.50 0.05 1.75 0.05 2.00 0.05 n/a 4.00 0.10 1.55 0.05 0.40 0.03 ntrc06 0603 1.10 0.05 1.90 0.05 4.00 0.10 2.00 0.05 0.60 0.03 ntrc10 0805 1.60 0.05 2.37 0.05 0.75 0.03 ntrc12 1206 2.00 0.05 3.50 0.05 0.75 0.03 ntrc50 2010 embossed plastic 2.85 0.10 5.45 0.10 12.0 0.10 5.50 0.05 1.00 0.20 ntrc100 2512 3.40 0.10 6.65 0.10 carrier tape dimensions (mm) p 1 a f t w b d p 0 cover tape e p 2 paper carrier p 1 a f t w b d p 0 cover tape e p 2 embossed plastic carrier anti-corrosive thin film chip resistors ntrc series type eia case size a b c w qty ntrc04 0402 178 1.0 60 +0.50 -3.0 13.0 0.20 9.00 0.50 10,000 ntrc06 0603 5,000 ntrc10 0805 ntrc12 1206 ntrc50 2010 13.0 1.50 4,000 ntrc100 2512 reel dimensions (mm) a b c w
31 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com anti-corrosive thin film chip resistors ntrc series type eia case size abc ntrc04 0402 0.5 0.5 0.60 0.2 ntrc06 0603 0.8 1.0 0.90 0.2 ntrc10 0805 1.0 1.0 1.35 0.2 ntrc12 1206 2.0 1.15 1.70 0.2 ntrc50 2010 3.6 1.4 2.50 0.2 ntrc100 2512 4.9 1.6 3.10 0.2 b c a land pattern dimensions (mm) reflow soldering temperature profile 200 300 260 50 150 100 0 120 sec. 10 sec. max. peak temperature 260c 220 time above 230c 40 sec. max.


▲Up To Search▲   

 
Price & Availability of NTRC50B1003CTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X