Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download NRSZC152M63V10X16TB127MMPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  186 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com very low impedance(lower than nrsz) at high frequency ? very low impedance ? long life at 105c (2000 ~ 7000 hrs.) ? high stability at low temperature ? ideally for switching power supplies features characteristics miniature aluminum electrolytic ca pac i tors nrszc series radial leads, polarized alu mi num elec tro lyt ic capacitors nrsz nrszc (today?s standard) (for new designs) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 35vdc capacitance range 47 ~ 18,000 f operating temperature range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current @ 20c after 2 min. 0.01cv max. tan ~ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 s.v. (vdc) 8 13 20 32 44 c < 1,000 f 0.22 0.19 0.16 0.14 0.12 c = 1,800 f 0.22 0.19 0.16 0.14 0.12 c = 2,200 f 0.24 - 0.18 0.16 0.14 c = 2,700 f 0.24 0.21 0.18 0.16 0.14 c = 3,300 f - - 0.20 0.18 0.16 c = 3,900 f 0.26 0.23 0.20 0.18 0.16 c = 4,700 f 0.28 0.26 0.22 - 0.18 c = 5,600 f 0.30 0.27 0.24 0.22 - c = 6,800 f 0.32 0.29 0.26 0.24 - c = 8,200 f 0.36 0.33 0.30 - - c = 10,000 f 0.40 0.37 0.34 - - c = 12,000 f 0.44 0.41 - - - c = 15,000 f 0.50 0.47 - - - c = 18,000 f 0.56 - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 2 2 2 2 z-40c/z+20c 4 4 3 3 3 load life test at rated w.v. & 105c 7,000 hours: 16 ~ 18 5,000 hours: 12.5 4,000 hours: 10 3,000 hours: 8 2,000 hours: 5 ~ 6.3 capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value shelf life test 105c for 1,000 hours no load capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials part number system nrszc 102 m 16v 10x16 tb y f ... rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series *see taping speci cations for details optional: for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
187 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications part number cap. ( f) w.v. (vdc) max. tan max. lc ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nrszc181m6.3v5x11f 180 6.3 0.22 11.3 0.340 205 2,000 nrszc331m6.3v6.3x11f 330 0.22 20.8 0.170 330 2,000 nrszc391m6.3v6.3x11f 390 0.22 24.6 0.170 330 2,000 nrszc681m6.3v8x11.5f 680 0.22 42.8 0.110 580 3,000 nrszc102m6.3v8x15f 1000 0.22 63.0 0.080 750 3,000 nrszc122m6.3v8x20f 1200 0.22 75.6 0.060 1000 3,000 nrszc122m6.3v10x12.5f 0.22 75.6 0.063 900 4,000 nrszc152m6.3v8x20f 1500 0.22 94.5 0.060 1000 3,000 nrszc152m6.3v10x16f 0.22 94.5 0.049 1200 4,000 nrszc222m6.3v10x20f 2200 0.24 138.6 0.036 1450 4,000 nrszc272m6.3v10x22f 2700 0.24 170.1 0.036 1500 4,000 nrszc392m6.3v12.5x20f 3900 0.26 245.7 0.035 1660 5,000 nrszc472m6.3v12.5x25f 4700 0.28 296.1 0.027 2000 5,000 nrszc562m6.3v12.5x25f 5600 0.30 352.8 0.027 2000 5,000 nrszc562m6.3v16x21f 0.30 352.8 0.032 2000 7,000 nrszc682m6.3v12.5x30f 6800 0.32 428.4 0.24 2450 5,000 nrszc682m6.3v16x25f 0.32 428.4 0.022 2560 7,000 nrszc822m6.3v16x25f 8200 0.36 516.6 0.022 2560 7,000 nrszc103m6.3v16x25f 10000 0.40 630.0 0.17 3010 7,000 nrszc103m6.3v18x25f 0.40 630.0 0.022 2740 7,000 nrszc123m6.3v16x35.5f 12000 0.44 756.0 0.016 3150 7,000 nrszc123m6.3v18x30.5f 0.44 756.0 0.17 3330 7,000 nrszc153m6.3v18x35.5f 15000 0.50 945.0 0.016 3680 7,000 nrszc151m10v5x11f 150 10 0.19 15.0 0.340 205 2,000 nrszc271m10v6.3x11f 270 0.19 27.0 0.170 330 2,000 nrszc471m10v8x11.5f 470 0.19 47.0 0.110 580 3,000 nrszc561m10v8x11.5f 560 0.19 56.0 0.110 580 3,000 nrszc681m10v8x15f 680 0.19 68.0 0.080 750 3,000 nrszc821m10v10x12.5f 820 0.19 82.0 0.063 900 4,000 nrszc102m10v8x20f 1000 0.19 100.0 0.060 1000 3,000 nrszc102m10v10x16f 0.19 100.0 0.049 1200 4,000 nrszc122m10v10x16f 1200 0.19 120.0 0.049 1200 4,000 nrszc152m10v10x20f 1500 0.19 150.0 0.036 1450 4,000 nrszc182m10v10x22f 1800 0.19 180.0 0.036 1500 4,000 nrszc272m10v12.5x20f 2700 0.21 270.0 0.035 1660 5,000 nrszc392m10v12.5x25f 3900 0.23 390.0 0.027 2000 5,000 nrszc392m10v16x21f 0.23 390.0 0.032 2000 7,000 nrszc472m10v12.5x30f 4700 0.25 470.0 0.024 2450 5,000 nrszc472m10v16x25f 0.25 470.0 0.022 2560 7,000 nrszc562m10v16x25f 5600 0.27 560.0 0.022 2560 7,000 nrszc562m10v18x21f 0.27 560.0 0.030 2490 7,000 nrszc682m10v16x31.5f 6800 0.29 680.0 0.017 3010 7,000 nrszc682m10v18x25f 0.29 680.0 0.022 2740 7,000 nrszc822m10v16x31.5f 8200 0.33 820.0 0.017 3010 7,000 nrszc103m10v16x35.5f 10000 0.37 1000 0.016 3150 7,000 nrszc103m10v18x30.5f 0.37 1000 0.017 3330 7,000 nrszc123m10v18x35.5f 12000 0.41 1200 0.016 3680 7,000 for automotive applications see part number system
188 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications part number cap. ( f) w.v. (vdc) max. tan max. lc ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nrszc101m16v5x11f 100 16 0.16 16.0 0.340 205 2,000 nrszc181m16v6.3x11f 180 0.16 28.8 0.170 330 2,000 nrszc331m16v8x11.5f 330 0.16 52.8 0.110 580 3,000 nrszc471m16v8x15f 470 0.16 75.2 0.080 750 3,000 nrszc561m16v10x12.5f 560 0.16 89.6 0.063 900 4,000 nrszc681m16v8x20f 680 0.16 108.8 0.060 1000 3,000 nrszc821m16v10x16f 820 0.16 131.2 0.049 1200 4,000 nrszc102m16v10x20f 1000 0.16 160.0 0.036 1450 4,000 nrszc122m16v10x22f 1200 0.16 192.0 0.036 1500 4,000 nrszc152m16v12.5x20f 1500 0.16 240.0 0.035 1660 5,000 nrszc182m16v12.5x20f 1800 0.16 288.0 0.035 1660 5,000 nrszc222m16v12.5x25f 2200 0.18 352.0 0.027 2000 5,000 nrszc272m16v12.5x25f 2700 0.18 432.0 0.027 2000 5,000 nrszc272m16v16x21f 0.18 432.0 0.032 2000 7,000 nrszc332m16v12.5x30f 3300 0.20 528.0 0.024 2450 5,000 nrszc332m16v16x25f 0.20 528.0 0.022 2560 7,000 nrszc332m16v18x21f 0.20 528.0 0.030 2490 7,000 nrszc392m16v16x25f 3900 0.20 624.0 0.022 2560 7,000 nrszc472m16v16x31.5f 4700 0.22 752.0 0.017 3010 7,000 nrszc472m16v18x25f 0.22 752.0 0.022 2740 7,000 nrszc562m16v16x31.5f 5600 0.24 896.0 0.017 3010 7,000 nrszc682m16v16x35.5f 6800 0.26 1088 0.016 3150 7,000 nrszc822m16v18x35.5f 8200 0.30 1312 0.016 3680 7,000 nrszc680m25v5x11f 68 25 0.14 17.0 0.340 205 2,000 nrszc121m25v6.3x11f 120 0.14 30.0 0.170 330 2,000 nrszc221m25v8x11.5f 220 0.14 55.0 0.110 580 3,000 nrszc331m25v8x15f 330 0.14 82.5 0.080 750 3,000 nrszc391m25v10x12.5f 390 0.14 97.5 0.063 900 4,000 nrszc471m25v8x20f 470 0.14 117.5 0.060 1000 3,000 nrszc561m25v10x16f 560 0.14 140.0 0.049 1200 4,000 nrszc681m25v10x20f 680 0.14 170.0 0.036 1450 4,000 nrszc821m25v10x20f 820 0.14 205.0 0.036 1450 4,000 nrszc102m25v10x22f 1000 0.14 250.0 0.036 1500 4,000 nrszc122m25v12.5x20f 1200 0.14 300.0 0.035 1660 5,000 nrszc182m25v12.5x25f 1800 0.14 450.0 0.027 2000 5,000 nrszc182m25v16x25f 0.14 450.0 0.032 2000 7,000 nrszc222m25v12.5x30f 2200 0.16 550.0 0.024 2450 5,000 nrszc222m25v18x21f 0.16 550.0 0.030 2490 7,000 nrszc272m25v16x25f 2700 0.16 675.0 0.022 2560 7,000 nrszc332m25v16x31.5f 3300 0.18 825.0 0.017 3010 7,000 nrszc332m25v18x25f 0.18 825.0 0.022 2740 7,000 nrszc392m25v16x35.5f 3900 0.18 975.0 0.016 3150 7,000 nrszc392m25v18x30.5f 0.18 975.0 0.017 3330 7,000 nrszc562m25v18x35.5f 5600 0.22 1400 0.016 3680 7,000 for automotive applications see part number system
189 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications lead spacing and diameter (mm) case dia. (d ) 5 6.3 8 10 12.5 12.5x30 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 5.0 7.5 7.5 dim. 0.5 = l < 20mm = 1.5mm, l > 20mm = 2.0mm ripple current correction factors frequency (hz) cap. ( f) 120 1k 10k 100k multiplier 47 ~ 68 0.50 0.80 1.00 1.00 100 ~ 220 0.55 0.85 1.00 1.00 270 ~ 1000 0.65 0.90 1.00 1.00 1200 ~ 18000 0.75 0.90 1.00 1.00 part number cap. ( f) w.v. (vdc) max. tan max. lc ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nrszc470m35v5x11f 47 35 0.12 16.5 0.340 205 2,000 nrszc101m35v6.3x11f 100 0.12 35.0 0.170 330 2,000 nrszc151m35v8x11.5f 150 0.12 52.5 0.110 580 3,000 nrszc221m35v8x15f 220 0.12 77.0 0.080 750 3,000 nrszc271m35v10x12.5f 270 0.12 94.5 0.063 900 4,000 nrszc331m35v8x20f 330 0.12 115.5 0.060 1000 3,000 nrszc331m35v10x16f 0.12 115.5 0.049 1200 4,000 nrszc391m35v10x16f 390 0.12 136.5 0.049 1200 4,000 nrszc471m35v10x20f 470 0.12 164.5 0.036 1450 4,000 nrszc561m35v10x20f 560 0.12 196.0 0.036 1450 4,000 nrszc681m35v10x22f 680 0.12 238.0 0.036 1500 4,000 nrszc821m35v12.5x20f 820 0.12 287.0 0.035 1660 5,000 nrszc122m35v12.5x25f 1200 0.12 420.0 0.027 2000 5,000 nrszc122m35v16x21f 0.12 420.0 0.032 2000 7,000 nrszc152m35v12.5x30f 1500 0.12 525.0 0.024 2450 5,000 nrszc152m35v18x21f 0.12 525.0 0.030 2490 7,000 nrszc182m35v16x25f 1800 0.12 630.0 0.022 2560 7,000 nrszc222m35v18x25f 2200 0.14 770.0 0.022 2740 7,000 nrszc272m35v16x31.5f 2700 0.14 945.0 0.017 3010 7,000 nrszc332m35v16x35.5f 3300 0.16 1155 0.016 3150 7,000 nrszc392m35v18x35.5f 3900 0.16 1365 0.016 3680 7,000 for automotive applications see part number system dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NRSZC152M63V10X16TB127MMPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X