Part Number Hot Search : 
BAV21W BU4915G WR305 WR204 10040 ABT162 H1P141X RC455
Product Description
Full Text Search
 

To Download MPSC-01-20-H1-01-01-L-RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designed & dimensioned in millimeters do not scale from this print mpsc-xx-xx-xx-01-xx-x-ra-xx * power pins (per end) **-00, -01, -02, right angle -01: for 1.57[.062] thick pcb -02: for 2.36[.093] thick pcb plating specification -l: light selective/ matte tin on tail -t: matte tin all over option -sd: screw down (see fig. 1) -lc: locking clip (use lc-07-tm) (see fig. 2, sht 2) tail length * signal pins -01, -02,**-03,**-04 **-h1, **h2, **h3, **h4 (-03 & -04 only available with -00 on opposite end) (-hx indicates hot swap option) * power pins (per end) -80 (4 x 20) -24 (4 x 6) **-20 (4 x 5) **-16 (4 x 4) **-12 (4 x 3) * = see table 2 for available combinations ** = not released lead style -01 -02 4.44 (typ) .175 0.51 ref .020 1.88 (typ) .074 "e" (see table 2, sheet 2) 38.00 1.496 ("h" eq spaces @ 2.00[.079]) 9.65 ref .380 2.03 .080 ref (see note 8) "a" 0.25[.010] 0.50 sq ref (typ) .020 0.41 .016 ref (typ) "d" (see table 2, sheet 2) 6.00 .236 (3 eq spaces @ 2.00[.079] 2 max sway (typ) "a" "a" "b" "b" "c" "c" 04 01 c2 c-79-xxx-x c5 c4 c6 c3 mps-xx-ra-xx-sd c l c7 05 01 (power) 0.38 ref (typ) .015 2.00 ref (typ) .079 "b" (see table 2, sheet 2) "c" (see table 2, sheet 2) 11.43 .450 ref 14.17 .558 ref 15.06 .593 2.50 ref .098 41.40 ref 1.630 3.56 .140 ref (typ) 1.47 .058 section "a"-"a" c1 c l 5.54 .218 ref (typ) 5.08 .200 ref (typ) 0.79 ref (typ) .031 2.54 ref (typ) .100 2.39 .094 5.94 ref .234 section "b"-"b" c8 sub-c-215-xx-x c fig. 1 mpsc-01-80-01-01-01-x-ra-sd shown c17 c19 c18 sheet of unless otherwise specified, dimensions are in millimeters. tolerances are: decimals angles .x: 0.3 [.01] 2 .xx: 0.13 [.005] .xxx: 0.051 [.0020] material: ra mini-power w/ signal socket by: mpsc-xx-xx-xx-01-xx-x-ra-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 2/20/2007 4 1 sheet scale: 1:0.666667 insulator: lcp, color: black power contact: copper alloy signal contact: phos bronze c:\enterprisevault\dwg\misc\mktg\mpsc-xx-xx-xx-01-xx-x-ra-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. burr allowance: 0.038[.0015] max. 3. minimum pushout force: 4.45n[1.0 lb]. 4. parts to be packaged in trays. 5. bow allowed at 0.075mm[.0030]/25.0mm[.98]. 6. -hs option must have a sub-c-215-xx-x in power position 1; all other positions must have sub-c-303-xx-x. 7. position one mark on trays does not correspond w/ position 1 location on parts. 8. this dimension applies to power and signal pins. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision e
1.14 ref .045 1.60 .063 6.01 .236 (3 eq spaces @ 2.00 [.079]) section "c"-"c" contact 4 (see table 1, sheet 1) contact 3 (see table 1, sheet 1) contact 2 (see table 1, sheet 1) contact 1 (see table 1, sheet 1) mp-xx-q c9 c10 4.93 .194 ref 0.25 .010 ref "d" 5.00 (typ) .197 "e" "g" c14 c15 c16 fig. 3 mpsc-02-80-02-01-01-x-ra-lc shown (same as fig. 1, unless otherwise stated) "f" 1.42 (2 plcs) .056 1.42 .056 "g" 2 max sway (typ) c12 c11 c13 "f" 3.51 .138 "g" 5.00 (typ) .197 c14 c16 fig. 4 mpsc-00-24-h4-01-01-x-ra-lc shown (same as fig. 1, unless otherwise stated) **not released c-303-xx-x c-215-xx-x fig. 2 mpsc-01-80-01-01-01-x-ra-lc shown (same as fig. 1, unless otherwise stated) sheet of ra mini-power w/ signal socket by: mpsc-xx-xx-xx-01-xx-x-ra-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 2/20/2007 4 2 sheet scale: 1.75:1 revision e c:\enterprisevault\dwg\misc\mktg\mpsc-xx-xx-xx-01-xx-x-ra-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
21.61 .851 in-process 1 fill c-79-xxx-x row 1 11.59 .456 ref 7.87 .310 in-process 2 bend row 1 7.59 .299 ref 9.87 .388 in-process 4 bend row 2 7.81 .307 ref 11.54 .454 in-process 6 bend row 3 21.61 .851 in-process 3 fill c-79-xxx-x row 2 25.51 1.004 in-process 5 fill c-79-xxx-x row 3 25.51 1.004 in-process 7 fill c-79-xxx-x row 4 13.54 .533 3.81 ref .150 in-process 8 bend row 4 in-process 11 fill sub-c-215-xx-x sub-c-215-xx-x in-process 10 add mp-xx-q mp-xx-q (see table 1, sht 1) "a" 0.25[.010] in-process 9 shear c19 sheet of ra mini-power w/ signal socket by: mpsc-xx-xx-xx-01-xx-x-ra-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 2/20/2007 4 3 sheet scale: 2:1 revision e c:\enterprisevault\dwg\misc\mktg\mpsc-xx-xx-xx-01-xx-x-ra-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
"g" "d" "d" sub-c-303-xx-x (see note 6) sub-c-215-xx-x (see note 6) fig. 5 hot swap option mpsc-02-80-h2-01-01-x-ra-lc shown (same as fig. 1, unless otherwise stated) ** = not released sub-c-303-xx-x (see note 6) 0.25 ref .010 1.09 ref .043 section "d"-"d" sheet of ra mini-power w/ signal socket by: mpsc-xx-xx-xx-01-xx-x-ra-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 2/20/2007 4 4 sheet scale: 1:1 revision e c:\enterprisevault\dwg\misc\mktg\mpsc-xx-xx-xx-01-xx-x-ra-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322


▲Up To Search▲   

 
Price & Availability of MPSC-01-20-H1-01-01-L-RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X