Part Number Hot Search : 
1000M LST2629 G30F1 SN67090 2SC454 USM101 7C230 AN8389
Product Description
Full Text Search
 

To Download MFR-50DTD234R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation leaded resistors metal film resistors mfr series normal & miniature style features power rating 1/6w, 1/4w, 1/2w, 1w, 2w resistance tolerance r 0.1%, r 0.25%, r 0.5%, r 1% t.c.r. r 15ppm/oc, r 25ppm/oc, r 50ppm/oc, r 100ppm/oc dimensions style dimension normal miniature l ?d h ?d mfr-12 mfr25s 3.4 r 0.3 1.9 r 0.2 28 r 2.0 0.5 r 0.05 mfr-25 mfr50s 6.3 r 0.5 2.4 r 0.2 28 r 2.0 0.6 r 0.05 mfr-50 mfr1ws 9.0 r 0.5 3.3 r 0.3 26 r 2.0 0.6 r 0.05 mfr100 mfr2ws 11.5 r 1.0 4.5 r 0.5 35 r 2.0 0.8 r 0.05 mfr200 C 15.5 r 1.0 5.0 r 0.5 33 r 2.0 0.8 r 0.05 unit : mm introduction the mfr series metal film resistors are manufactured using vacuum sputtering system to deposit multiple layers of mixed metals and passivative materials onto a carefully treated high grade ceramic substrate, the resistors are coated with layers of blue lacquer. ?d h l ?d derating curve ambient temperature (oc) rated load (%) hot -spot temperature surface temp. rise (oc) applied load, % of rcwv mfr2ws mfr200 mfr1ws mfr100 mfr50s mfr-50 mfr25s mfr-25 mfr-12 0 25 50 75 100 200 150 100 50 measuring position 100 80 60 40 20 20 40 60 80 100 120 140 160 180 70oc
note : electrical characteristics style mfr-12 mfr25s mfr-25 mfr50s mfr-50 mfr1ws mfr100 mfr2ws mfr200 power rating at 70oc 1/6w 1/4w 1/2w 1w 2w operating temp. range -55oc to +155oc maximum working voltage 200v 200v 250v 300v 350v 400v 500v 500v 500v maximum overload voltage 400v 400v 500v 600v 700v 800v 1000v 1000v 1000v dielectric withstanding voltage 300v 400v 500v 500v 500v 700v 1000v 1000v 1000v value range r 0.5%, r 1% 10 : ~1m : value rang r 0.1%, r 0.25% 100 : ~100k : temperature coefficient (by type) r 15ppm/oc, r 25ppm/oc, r 50ppm/oc, r 100ppm/oc * resistance range for standard resistance, below or over this resistance on request. environmental characteristics performance test test method appraise short time overload jis-c-5202 5.5 2.5 times rcw v for 5 seconds r (0.25%+0.05 : ) dielectric withstanding voltage jis-c-5202 5.7 in v-block for 60 seconds by type temperature coefficient of resistance jis-c-5202 5.2 -55oc to +155oc by type insulation resistance jis-c-5202 5.6 in v-block >10000m : solderability jis-c-5202 6.5 235oc for 5 r 0.5 seconds 95% min. coverage resistance to solvent jis-c-5202 6.9 ipa for 1 min. with ultrasonic no deterioration of coatings and markings terminal strength direct load for 10 sec. in the direction of the terminal leads t 2.5kg (24.5n) pulse overload jis-c-5202 5.8 4 times rcw v 10000 cycles (1 sec. on , 25 sec. off) r (1%+0.05 : ) load life in humidity jis-c-5202 7.9 40 r 2oc, 90~95% rh at rcw v for 1000 hrs. r (1.5%+0.05 : ) (1.5 hrs. on , 0.5 hrs. off ) load life jis-c-5202 7.10 70oc at rcw v for 1000 hrs. (1.5 hrs. on , 0.5 hrs. off) r (1.5%+0.05 : ) temperature cycling jis-c-5202 7.4 -55oc ? room temp. ? +155oc ? room temp. for 5 cycles r (0.75%+0.05 : ) resistance to soldering heat jis-c-5202 6.4 350oc r 10oc for 3 r 0.5 seconds r (0.25%+0.05 : ) * rated continuous working voltage (rcw v)= power rating x resistance value


▲Up To Search▲   

 
Price & Availability of MFR-50DTD234R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X