Part Number Hot Search : 
1N2246A 2SC3720 4125P ALVC16 4312U 100ML BAJ2DD0W 74F676PC
Product Description
Full Text Search
 

To Download LPS5030-823MLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. shielded power inductors C lps5030 document 581-1 document 581-1 revised 10/06/08 dcr srf i sat (a) 5 i rms (a) 6 inductance 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise lps5030-901ml_ 0.90 0.040 250 3.8 4.0 4.1 2.10 2.80 lps5030-122ml_ 1.2 0.043 210 3.5 3.6 3.7 2.00 2.65 lps5030-172ml_ 1.7 0.051 190 3.0 3.2 3.3 1.90 2.50 lps5030-222ml_ 2.2 0.057 168 2.9 3.1 3.2 1.60 2.15 lps5030-332ml_ 3.3 0.066 125 2.3 2.5 2.6 1.40 1.80 lps5030-472ml_ 4.7 0.083 84 1.9 2.0 2.0 1.30 1.75 lps5030-562ml_ 5.6 0.089 70 1.8 1.8 1.9 1.25 1.65 lps5030-682ml_ 6.8 0.099 56 1.6 1.7 1.7 1.20 1.60 lps5030-822ml_ 8.2 0.125 45 1.6 1.7 1.7 1.10 1.55 lps5030-103ml_ 10.0 0.127 30 1.4 1.4 1.4 1.00 1.50 lps5030-123ml_ 12.0 0.155 24 1.3 1.4 1.4 0.95 1.40 lps5030-153ml_ 15.0 0.160 32 0.80 0.90 0.90 0.92 1.40 lps5030-183ml_ 18.0 0.170 27 0.80 0.82 0.87 0.90 1.30 lps5030-223ml_ 22.0 0.190 24 0.70 0.75 0.78 0.88 1.25 lps5030-333ml_ 33.0 0.260 19 0.60 0.63 0.64 0.85 1.20 lps5030-473ml_ 47.0 0.330 16 0.50 0.53 0.55 0.75 1.00 lps5030-683ml_ 68.0 0.440 12 0.40 0.43 0.44 0.65 0.900 lps5030-823ml_ 82.0 0.470 11 0.38 0.40 0.40 0.60 0.830 lps5030-104ml_ 100 0.600 10 0.27 0.31 0.32 0.55 0.750 lps5030-124ml_ 120 0.800 9 0.26 0.29 0.30 0.45 0.660 lps5030-154ml_ 150 0.860 7.5 0.22 0.25 0.263 0.42 0.570 lps5030-224ml_ 220 1.35 6.0 0.21 0.235 0.245 0.36 0.500 lps5030-334ml_ 330 1.80 5.0 0.155 0.155 0.200 0.32 0.420 lps5030-474ml_ 470 2.80 4.0 0.117 0.134 0.146 0.28 0.370 lps5030-564ml_ 560 3.20 3.6 0.110 0.130 0.140 0.23 0.320 lps5030-684ml_ 680 3.80 3.0 0.100 0.120 0.126 0.20 0.290 lps5030-105ml_ 1000 5.10 2.5 0.100 0.110 0.110 0.18 0.250 lps5030-155ml_ 1500 7.60 2.0 0.068 0.080 0.089 0.15 0.210 lps5030-185ml_ 1800 10.0 1.8 0.069 0.081 0.086 0.13 0.170 lps5030-225ml_ 2200 11.0 1.6 0.063 0.074 0.080 0.10 0.150 lps5030-335ml_ 3300 19.5 1.3 0.056 0.063 0.067 0.090 0.125 lps5030-475ml_ 4700 26.0 1.1 0.049 0.056 0.059 0.080 0.110 ? very low dcr; excellent current handling ? 4.9 4.9 mm footprint; less than 3 mm tall designer?s kit c420 contains 3 each of all values core material ferrite terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 226 ? 244 mg ambient temperature ?40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750/7 reel; 2500/13 reel plastic tape: 12 mm wide, 0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth recommended pick and place nozzle od: 5 mm; id: 2.5 mm pcb washing only pure water or alcohol recommended 1. please specify termination and packaging codes: lps5030-105m lc termination: l = rohs compliant silver-palladium- platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (2500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 8753es or equivalent. 5. dc current at which the inductance drops the specified amount from its value without current. 6. current that causes the specified temperature rise from 25c ambient. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering.
? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. shielded smt power inductors C lps5030 series document 581-2 document 581-2 revised 10/06/08 typical l vs current typical l vs frequency typical current derating 0.189 0.003 4,80 0,076 0.114 0.004 2,9 0,1 winding direction dash number internal code xxx x 0.189 0.003 4,80 0,076 * * dimensions are of the case not including the termination. for maximum overall dimensions including the termination, add 0.005 in / 0,13 mm. * 0.060 1,50 0.039 1,00 typ typ 0.039 1,00 0.197 5,00 0.134 3,40 recommended land pattern 0.060 1,50 0.138 3,50 0.197 5,00 45 typ 0.090 2,30 0.134 3,40 0.090 2,30 1 10 10000 1000 100 0.01 0.1 110 frequency (mhz) inductance (h) 10 h 3.3 h 33 h 1000 h 3300 h 330 h 100 h -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) percent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rms 25c 1 10 10000 1000 100 0.01 0.1 110 current (a) inductance (h) 10 h 3.3 h 33 h 1000 h 3300 h 330 h 100 h dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of LPS5030-823MLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X