Part Number Hot Search : 
MC3335DW 2SC3417 SFH934 ACTS541K ZSM300 ZSM300 MC3335DW D6K40
Product Description
Full Text Search
 

To Download LPS3015-472MLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. shielded power inductors C lps3015 document 436-1 document 436-1 revised 08/05/09 dcr srf i sat (a) 5 i rms (a) 6 inductance 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise lps3015-102ml_ 1.0 0.075 190 1.8 2.0 2.1 1.4 2.0 lps3015-152ml_ 1.5 0.100 140 1.8 2.1 2.2 1.3 1.7 lps3015-182ml_ 1.8 0.100 135 1.5 1.7 2.1 1.1 1.4 lps3015-222ml_ 2.2 0.110 110 2.0 2.0 2.1 1.1 1.4 lps3015-332ml_ 3.3 0.130 90 1.4 1.5 1.5 1.0 1.4 lps3015-472ml_ 4.7 0.200 79 1.1 1.2 1.2 0.90 1.2 lps3015-682ml_ 6.8 0.300 58 0.83 0.86 0.89 0.68 0.90 lps3015-103ml_ 10 0.440 48 0.60 0.69 0.73 0.55 0.75 lps3015-153ml_ 15 0.700 35 0.58 0.61 0.62 0.44 0.59 lps3015-183ml_ 18 0.750 33 0.56 0.58 0.59 0.43 0.58 lps3015-223ml_ 22 0.825 30 0.48 0.49 0.50 0.42 0.57 lps3015-333ml_ 33 1.30 23 0.39 0.41 0.42 0.35 0.48 lps3015-473ml_ 47 1.55 17 0.36 0.38 0.39 0.30 0.40 lps3015-683ml_ 68 2.35 14 0.29 0.30 0.31 0.25 0.33 lps3015-104ml_ 100 3.40 11 0.24 0.25 0.26 0.19 0.26 lps3015-124ml_ 120 4.65 9.0 0.21 0.22 0.22 0.17 0.23 lps3015-154ml_ 150 6.25 8.0 0.19 0.20 0.20 0.15 0.20 lps3015-184ml_ 180 8.60 7.5 0.16 0.17 0.17 0.13 0.175 lps3015-224ml_ 220 9.50 6.0 0.15 0.16 0.16 0.11 0.155 lps3015-334ml_ 330 23.0 5.0 0.10 0.11 0.11 0.070 0.095 1. please specify termination and packaging codes: lps3015-333m lc termination: l = rohs compliant silver-palladium- platinum-glass frit. special order: t = rohs tin-silver- copper (95.5/4/0.5) or s = non-rohs tin- lead (63/37). packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (1000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (3500 per full reel). 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a. inductance at 1 mhz is the same for parts with srf 10 mhz. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 8753es or equivalent. 5. dc current that causes the specified inductance drop from its value without current. 6. current that causes the specified temperature rise from 25c ambient. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 40 ? 45 mg ambient temperature ?40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1000/7 reel; 3500/13 reel; plastic tape: 12 mm wide, 0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth recommended pick and place nozzle od: 3 mm; id: 1.5 mm pcb washing only pure water or alcohol recommended ? very low dcr; excellent current handling ? miniature 3.0 3.0 mm footprint; less than 1.5 mm tall coilcraft designer?s kit c392 contains samples of 0.80 h to 33 h parts (3 each) from lps3008, lps3010 and lps3015. kit c401 contains samples of 0.56 h to 33 h parts (3 each) from lps4012 and lps4018. kit c402 contains samples of 220 h to 3300 h parts (3 each) from all five series. for details of kit contents and to order, contact coilcraft or visit http://order.coilcraft.com .
? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. shielded smt power inductors C lps3015 series document 436-2 document 436-2 revised 08/05/09 -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) percent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rms 25c typical l vs current 0.01 0.1 110 0.1 1 10 100 inductance (h) 0.01 0.1 110 current (a) 4.7 h 22 h 33 h 10 h 3.3 h 2.2 h 1.0 h typical l vs frequency 0.01 0.1 110 0.1 1 10 100 inductance (h) 0.01 0.1 110 frequency (mhz) 4.7 h 22 h 33 h 10 h 3.3 h 2.2 h 1.0 h 0.116 0.003 2,95 0,076 0.116 0.003 2,95 0,076 0.130 3,30 0.040 1,02 0.025 0,64 0.045 1,14 0.020 0,51 0.130 3,30 recommended land pattern 0.035 0,89 winding direction 0.055 0.004 1,4 0,1 * * dimensions are of the case not including the termination. for maximum overall dimensions including the termination, add 0.005 in / 0,13 mm. * dash number internal code 123x current derating dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of LPS3015-472MLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X