Part Number Hot Search : 
APTGT1 AN802 LD7202W MID4000 A1150 27NQ10T BSS414 2815S
Product Description
Full Text Search
 

To Download LPI-2207-220R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 switchmode power transforming magnetics tm midcom, inc. usa midcom, inc. china 121 airport drive - po box 1330 10/f spectrum tower 53 hung to road watertown, sd 57201 kwun tong, kowloon, hk t: 605.886.4385 ~ f: 605.886.4486 t: 852.2320.4221 ~ f: 852.2352.3272 www.midcom-inc.com ~ email:sales@midcom-inc.com www.midcom.com.cn ~ email:sye@midcom-inc.com 2/12/04 details subject to change. contact your midcom sales representative for additional information. dimensions: in/mm. all toleranc es are .010/0,25 and electrical specifications are @ 25c unless otherwise specified. r e b m u n t r a p e c n a t c u d n i ) f e r h u ( 1 e t o n l c o % 5 2 - / + h u 2 e t o n x a m r c d ) s m h o ( 3 e t o n t a s i ) c d a ( 4 e t o n t n o c i ) c d a ( r 7 4 r - 7 0 2 2 - i p l 7 4 . 0 2 5 . 0 8 5 0 . 0 0 7 . 2 8 0 . 2 r 0 r 1 - 7 0 2 2 - i p l0 . 10 1 . 12 6 0 . 06 8 . 10 0 . 2 r 2 r 2 - 7 0 2 2 - i p l 2 . 2 4 3 . 2 3 9 0 . 0 8 2 . 1 4 6 . 1 r 7 r 4 - 7 0 2 2 - i p l7 . 43 7 . 43 1 1 . 00 9 . 09 4 . 1 r 0 0 1 - 7 0 2 2 - i p l 0 1 0 8 . 9 3 4 1 . 0 2 6 . 0 2 3 . 1 r 0 5 1 - 7 0 2 2 - i p l5 12 . 5 10 2 2 . 00 5 . 07 0 . 1 r 0 2 2 - 7 0 2 2 - i p l 2 2 3 . 2 2 8 5 2 . 0 1 4 . 0 9 9 . 0 r 0 7 2 - 7 0 2 2 - i p l7 24 . 7 24 5 3 . 07 3 . 04 8 . 0 r 0 3 3 - 7 0 2 2 - i p l 3 3 1 . 3 3 4 8 3 . 0 4 3 . 0 1 8 . 0 r 0 7 4 - 7 0 2 2 - i p l7 48 . 6 46 7 5 . 08 2 . 06 6 . 0 features  low profile inductor (lpi) has 0.075? [1.9 mm] max height  economical, smd, power inductor with extremely small size  rugged, molded package for durability  toroidal core provides very low emi  inductance range of 0.47 uh through 47 uh, 10 values  continuous current to 2.08 a(dc)  frequency range up to 1mhz  manufactured with ul94 v-0 materials  flat top for pick and place handling  compatible with ir solder reflow processes to 240c applications  low profile for pcmcia applications  inductors for dc/dc conversion, useful in battery- powered, low-voltage converters  ideal for circuits in pda, cell phones, pagers, etc. environmental specifications  operating temperature range: -40c to +85c storage temperature range: -50c to +125c packaging  parts are packaged in 16mm width embossed carrier tape per eia-481-3  2000 pieces per 13" reel low profile inductors: lpi-2207 series notes: 1 open circuit inductance test at 100khz 0.1 vrms, 0.0adc 2 dcr limits at 20c 3 saturating dc current for approximately 30% rolloff from initial inductance 4 continuous dc current for approximate delta t of 40c rise from a 25c ambient mounting pattern


▲Up To Search▲   

 
Price & Availability of LPI-2207-220R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X