Part Number Hot Search : 
I506ERW 100PS 10023 BP104S01 04424 15009 L6386AD MFL2815S
Product Description
Full Text Search
 

To Download LA6393JM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  92706 / 41006 ms ot 20060410-s00006 no.a0303-1/5 LA6393JM overview the LA6393JM is a high-performance dual comparator that is capable of operating from a single power supply over a wide range of 2v to 36v. because of its exce llent input characteristics and low power, it can be very conveniently applied to multi-signal parallel comparator circuits that require high-density assembly. functions ? high-performance dual operational amplifier ? wide supply voltage range (single supply : 2.0 to 36.0v,dual supplies : 1.0 to 18.0v). ? wide common-mode input voltage range (0 to v cc ? 1.8v). ? open collector output enabling wired or. ? small current drain (0.6ma) and low power. ? mini flat package enabling compactness of sets. specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max 36 v differential input voltage v id 36 v maximum input voltage v in max -0.3 to +36 v allowable power dissipation pd max ta 25 c 300 mw operating temperature topr -40 to +85 c storage temperature tstg -55 to +150 c recommended operating conditions at ta = 25 c ratings parameter symbol conditions min typ max unit supply voltage v cc 2 24v ordering number : ena0303 monolithic linear ic high-performance dual comparator any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before using any sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein.
LA6393JM no.a0303-2/5 electrical characteristics at ta = 25 c, v cc = 5v ratings parameter symbol conditions test circuit min typ max unit input offset voltage v io 1 2 7mv input offset current i io 2 5 50 na input bias current i b 3 45 250 na common-mode input voltage range vicm 0 v cc -1.8 v current drain i cc r l = 4 0.5 1.2 ma voltage gain vg r l = 15k ? 5 200 v/mv response time rt v rl = 5v, r l = 5.1k ? 6 1.3 s output sink current i sink v in - = 0.5v, v in + = 0v, v o 1.5v 7 6 16 ma output saturation voltage v ol v in - = 0.5v, v in + = 0v, i sink 3ma 8 0.2 0.4 v output leakage current i leak v in - = 0v, v in + = 0.5v, v o = 5v 9 0.1 na package dimensions unit : mm 3032d pin assignment 14 85 5.0 0.63 6.4 0.15 0.35 1.27 (0.65) 4.4 (1.5) 1.7max 0.1 sanyo : mfp8(225mil)
LA6393JM no.a0303-3/5 equivalent circuit test circuits 1. input offset voltage v io 2. input offset current i io 3. input bias current i b ( ? ) input bias current i b ( + )
LA6393JM no.a0303-4/5 4. current drain i cc 5. voltage gain vg 6. response time rt 7. output sink current i sink 8. output saturation voltage v ol 9. output leakage current i leak ? v:over drive
LA6393JM ps no.a0303-5/5 application circuit examples voltage comparator (with hysteresis) square wave generator specifications of any and all sanyo semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo semiconductor co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo semiconductor co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of april, 2006. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LA6393JM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X