Part Number Hot Search : 
ICS1702 TS512MCF AO4462 1205DH3 2DGES ESD3V SFRU9024 7JTDUR1
Product Description
Full Text Search
 

To Download KP-1608SRC-PRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa1789 rev no: v.8 date: mar/14/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: b.h.li 1.6x0.8mm smd chip led lamp features  1.6mmx0.8mm smt led, 1.1mm thickness.  low power consumption.  w ide view ing angle.  ideal for backlight and indicator.  various colors and lens types available.  package: 2000pcs / reel .  rohs compliant. package dimension s notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .1(0.004") unless otherwise noted. 3.specifications are subject to change without notice. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode . kp - 1608src - prv super bright red
spec no: dsaa1789 rev no: v.8 date: mar/14/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: b.h.li selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 kp - 1608src - prv super bright red (gaalas) water clear 36 100 120 electrical / optical characteristics at t a =25 c symbol parameter device typ. max. test conditions units peak peak wavelength super bright red 660 nm i f =20ma d dominant wavelength super bright red 640 nm i f =20ma ? 1/2 spectral line half - width super bright red 20 nm i f =20ma c capacitance super bright red 45 pf v f =0v;f=1mhz v f forward voltage super bright red 1.85 2.5 v i f =20ma i r reverse current super bright red 10 ua v r = 5v absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. parameter super bright red units power dissipation 100 mw dc forward current 30 ma peak forward current [1] 155 ma reverse voltage 5 v operating / storage temperature - 40c to +85c
spec no: dsaa1789 rev no: v.8 date: mar/14/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: b.h.li super bright red kp - 1608src - prv
spec no: dsaa1789 rev no: v.8 date: mar/14/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: b.h.li recommended soldering pattern (units : mm ) tape specifications (units : mm ) kp - 1608src - prv if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of KP-1608SRC-PRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X