Part Number Hot Search : 
SB1045CT 9010D 01524 AS3502 EMK11 AT1388A DL6NC 60R125
Product Description
Full Text Search
 

To Download IXTL2X240N055T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 ixys corporation all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c55v v dgr t j = 25 c to 175 c; r gs = 1 m 55 v v gsm transient 20 v i d25 t c = 25 c 140 a (combined die total = 280 a) i lrms package current limit, rms 75 a (combined die total = 150 a) i dm t c = 25 c, pulse width limited by t jm 650 a i as t c = 25 c25a e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 3 v/ns t j 175 c, r g = 3.3 p d t c = 25 c 150 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c plastic body for 10 seconds 260 c v isol 50/60 hz, t = 1 minute, i isol < 1 ma, rms 2500 v . f c mounting force 30..170 / 7..36 n/lb. weight package 9 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a55v v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v i gss v gs = 20 v, v ds = 0 v 200 na i dss v ds = v dss 5 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 50 a, note 1, 2 4.4 m n-channel enhancement mode avalanche rated IXTL2X240N055T v dss =55v i d25 = 2x140 a r ds(on) 4.4 m ds99721 (01/07) g = gate d = drain s = source isoplus i5-pak tm (ixtl) isolated back surface d s g s d all ratings and parametric values are per each mosfet die unless otherwise specified. trenchmv tm power mosfets common-gate pair (electrically isolated back surface) dd sg s r g r g features ultra-low on resistance unclamped inductive switching (uis) rated low package inductance - easy to drive and to protect 175 c operating temperature advantages easy to mount space savings high power density applications automotive - motor drives - high side switch - 12v battery - abs systems dc/dc converters and off-line ups primary- side switch high current switching applications advance technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXTL2X240N055T notes: 1. pulse test, t 300 s, duty cycle d 2 %; 2. drain and source kelvin contact must be located less than 5 mm from the plastic body. symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 60 a, note 1 80 132 s r g 3 c iss 7600 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1240 pf c rss 260 pf t d(on) 40 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 25a 54 n s t d(off) r g = 5 (external) 63 ns t f 75 ns q g(on) 170 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 25a 32 nc q gd 48 nc r thjc 1.0 c/w r thcs 0.25 c/w source-drain diode characteristic values t j = 25 c unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 240 a i sm pulse width limited by t jm 650 a v sd i f = 50 a, v gs = 0 v, note 1 1.0 v t rr i f = 25 a, -di/dt = 100 a/ s40ns v r = 30 v, v gs = 0 v isoplus i5-pak tm (ixtl) outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2 7,071,537 note: 1. tab 6 - electrically isolated from the other pins. 2. all leads and tab are tin plated. leads: 1, 5: drain 2, 4: source 3: gate 6. isolated advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice.


▲Up To Search▲   

 
Price & Availability of IXTL2X240N055T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X