Part Number Hot Search : 
EE08042 6047741 AOI4102 DS1982 SC2540 TMXW319 2SK142 5Q0765
Product Description
Full Text Search
 

To Download IL-FPR-U7S-HF-E3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). il C fpr C * ** s C ** C ***** series contact configuration blank C lower-side contact u C upper-side contact no. of contacts contact type s C socket termination hf C right angle vf C straight embossed tape e 1500 C 1,500 straight pieces/reel e 3000 C 3,000 right angle pieces/reel il-fpr series connectors 0.5mm (.020") pitch, zif type connectors for fpc/ffc features ? extremely small, 0.5mm (.020") spacing ? smt type for fpc ? available in right-angle and straight versions ? a slider enables insertion/extraction of fpc without applying force (zero insertion force) ? one-side contact configuration avoids mismating of fpc ? lower-side or upper-side fpc contact surfaces on right-angle version ? hold down mechanism prevents floating up of the connector during soldering and retains the connector on the board ? designed to avoid defective mating ? supplied in embossed tape for automatic smt mounting ? ? ? ? ? ? ? ? ? ? ? ? ? ? il-fpr series smt connectors meet today's requirements for smaller size and lighter weight. these connectors have ex- tremely high contact density and low profiles: 0.5mm (.020") centers and a 2.0mm (.079") mounted height (right-angle type). both straight and right-angle types are available. the zif (zero insertion force) configuration permits easy insertion and extrac- tion of the fpc (flexible printed circuit), even in a minimal amount of space. a wide variety of mounting styles are available. general specifications number of contacts right angle type: 5 to 50 straight type : 8 to 33 and 40 contact spacing 0.5mm (.020"), single row current rating 0.5 amps dielectric withstanding voltage 250 vac r.m.s. (one minute) insulation resistance 100 megohms min. contact resistance 20 milliohms max. operating temperature -40 c +85 c applicable fpc 0.5mm (.020") center 0.3mm (.012" ) thick with reinforcement materials and finishes description materials/finishes contact copper alloy/tin plated base insulator glass-filled pps (black) slide insulator glass-filled pps (white) hold-down tab phosphor bronze/tin plated dimensions and specifications subject to change without notice. ordering information + 0.05 - 0.02 + .002 - .001 81 connector profile (ref.)
dimensions in mm (inches). note 1: supplied in embossed tape (3,000 pcs./reel). the embossed tape packing is shown on the last page of il-fpr series connectors. applicable fpc (ref.) right angle type upper-side contact lower-side contact pcb layout (ref.) il-fpr series connectors 0.5mm (.020") pitch, zif type connectors for fpc/ffc 5 il-fpr- 5s-hf-e3000 il-fpr- u5s-hf-e3000 9.1 ( .358) 2.0 ( .079) 10.5 ( .413) 6 il-fpr- 6s-hf-e3000 il-fpr- u6s-hf-e3000 9.6 ( .378) 2.5 ( .098) 11.0 ( .433) 7 il-fpr- 7s-hf-e3000 il-fpr- u7s-hf-e3000 10.1 ( .398) 3.0 ( .118) 11.5 ( .453) 8 il-fpr- 8s-hf-e3000 il-fpr- u8s-hf-e3000 10.6 ( .417) 3.5 ( .138) 12.0 ( .472) 9 il-fpr- 9s-hf-e3000 il-fpr- u9s-hf-e3000 11.1 ( .437) 4.0 ( .157) 12.5 ( .492) 10 il-fpr-10s-hf-e3000 il-fpr-u10s-hf-e3000 11.6 ( .457) 4.5 ( .177) 13.0 ( .512) 11 il-fpr-11s-hf-e3000 il-fpr-u11s-hf-e3000 12.1 ( .476) 5.0 ( .197) 13.5 ( .531) 12 il-fpr-12s-hf-e3000 il-fpr-u12s-hf-e3000 12.6 ( .496) 5.5 ( .216) 14.0 ( .551) 13 il-fpr-13s-hf-e3000 il-fpr-u13s-hf-e3000 13.1 ( .516) 6.0 ( .236) 14.5 ( .571) 14 il-fpr-14s-hf-e3000 il-fpr-u14s-hf-e3000 13.6 ( .535) 6.5 ( .256) 15.0 ( .590) 16 il-fpr-16s-hf-e3000 il-fpr-u16s-hf-e3000 14.6 ( .575) 7.5 ( .295) 16.0 ( .630) 17 il-fpr-17s-hf-e3000 il-fpr-u17s-hf-e3000 15.1 ( .594) 8.0 ( .315) 16.5 ( .650) 18 il-fpr-18s-hf-e3000 il-fpr-u18s-hf-e3000 15.6 ( .614) 8.5 ( .335) 17.0 ( .669) 20 il-fpr-20s-hf-e3000 il-fpr-u20s-hf-e3000 16.6 ( .654) 9.5 ( .374) 18.0 ( .709) 21 il-fpr-21s-hf-e3000 il-fpr-u21s-hf-e3000 17.1 ( .673) 10.0 ( .394) 18.5 ( .728) 22 il-fpr-22s-hf-e3000 il-fpr-u22s-hf-e3000 17.6 ( .693) 10.5 ( .413) 19.0 ( .748) 24 il-fpr-24s-hf-e3000 il-fpr-u24s-hf-e3000 18.6 ( .732) 11.5 ( .453) 20.0 ( .787) 26 il-fpr-26s-hf-e3000 il-fpr-u26s-hf-e3000 19.6 ( .772) 12.5 ( .492) 21.0 ( .827) 28 il-fpr-28s-hf-e3000 il-fpr-u28s-hf-e3000 20.6 ( .811) 13.5 ( .531) 22.0 ( .866) 30 il-fpr-30s-hf-e3000 il-fpr-u30s-hf-e3000 21.6 ( .850) 14.5 ( .571) 23.0 ( .906) 31 il-fpr-31s-hf-e3000 il-fpr-u31s-hf-e3000 22.1 ( .870) 15.0 ( .590) 23.5 ( .925) 32 il-fpr-32s-hf-e3000 il-fpr-u32s-hf-e3000 22.6 ( .890) 15.5 ( .610) 24.0 ( .945) 33 il-fpr-33s-hf-e3000 il-fpr-u33s-hf-e3000 23.1 ( .909) 16.0 ( .630) 24.5 ( .965) 34 il-fpr-34s-hf-e3000 il-fpr-u34s-hf-e3000 23.6 ( .929) 16.5 ( .650) 25.0 ( .984) 35 il-fpr-35s-hf-e3000 il-fpr-u35s-hf-e3000 24.1 ( .949) 17.0 ( .669) 25.5 (1.004) 36 il-fpr-36s-hf-e3000 il-fpr-u36s-hf-e3000 24.6 ( .969) 17.5 ( .689) 26.0 (1.024) 37 il-fpr-37s-hf-e3000 il-fpr-u37s-hf-e3000 25.1 ( .988) 18.0 ( .709) 26.5 (1.043) 38 il-fpr-38s-hf-e3000 il-fpr-u38s-hf-e3000 25.6 (1.008) 18.5 ( .728) 27.0 (1.063) 40 il-fpr-40s-hf-e3000 il-fpr-u40s-hf-e3000 26.6 (1.047) 19.5 ( .768) 28.0 (1.102) 45 il-fpr-45s-hf-e3000 il-fpr-u45s-hf-e3000 29.1 (1.146) 22.0 ( .866) 30.5 (1.201) 50 il-fpr-50s-hf-e3000 il-fpr-u50s-hf-e3000 31.6 (1.244) 24.5 ( .965) 33.0 (1.299) part number abc lower-side conctact upper-side contact no. of contacts 82
dimensions in mm (inches). 8 il-fpr- 8s-vf-e1500 9.5 ( .374) 3.5 ( .138) 5.5 ( .217) 9 il-fpr- 9s-vf-e1500 10.0 ( .394) 4.0 ( .157) 6.0 ( .236) 10 il-fpr-10s-vf-e1500 10.5 ( .413) 4.5 ( .177) 6.5 ( .256) 12 il-fpr-12s-vf-e1500 11.5 ( .453) 5.5 ( .217) 7.5 ( .295) 13 il-fpr-13s-vf-e1500 12.0 ( .472) 6.0 ( .236) 8.0 ( .315) 14 il-fpr-14s-vf-e1500 12.5 ( .492) 6.5 ( .256) 8.5 ( .335) 16 il-fpr-16s-vf-e1500 13.5 ( .531) 7.5 ( .295) 9.5 ( .374) 18 il-fpr-18s-vf-e1500 14.5 ( .571) 8.5 ( .335) 10.5 ( .413) 20 il-fpr-20s-vf-e1500 15.5 ( .610) 9.5 ( .374) 11.5 ( .453) 21 il-fpr-21s-vf-e1500 16.0 ( .630) 10.0 ( .394) 12.0 ( .472) 22 il-fpr-22s-vf-e1500 16.5 ( .650) 10.5 ( .413) 12.5 ( .492) 24 il-fpr-24s-vf-e1500 17.5 ( .689) 11.5 ( .453) 13.5 ( .531) 26 il-fpr-26s-vf-e1500 18.5 ( .728) 12.5 ( .492) 14.5 ( .571) 27 il-fpr-27s-vf-e1500 19.0 ( .748) 13.0 ( .512) 15.0 ( .591) 28 il-fpr-28s-vf-e1500 19.5 ( .768) 13.5 ( .531) 15.5 ( .610) 30 il-fpr-30s-vf-e1500 20.5 ( .807) 14.5 ( .571) 16.5 ( .650) 32 il-fpr-32s-vf-e1500 21.5 ( .846) 15.5 ( .610) 17.5 ( .689) 33 il-fpr-33s-vf-e1500 22.0 ( .866) 16.0 ( .630) 18.0 ( .709) 40 il-fpr-40s-vf-e1500 25.5 (1.004) 19.5 ( .768) 21.5 ( .846) no. of contacts part number abc pcb layout (ref.) straight type note 1: supplied in embossed tape (1,500 pcs./reel). the embossed tape packing is shown on the last page of il-fpr series connectors. il-fpr series connectors 0.5mm (.020") pitch, zif type connectors for fpc/ffc applicable fpc (ref.) 83 even number of contacts odd number of contacts
dimensions in mm (inches). embossed tape packing 5 9.5 ( .374) 6 10 ( .394) 7 10.5 ( .413) 8 11 ( .433) 9 11.5 ( .453) 10 12 ( .472) 11 12.5 ( .492) 12 13 ( .512) 13 13.5 ( .531) 14 14 ( .551) 16 15 ( .591) 17 15.5 ( .610) 18 16 ( .630) 20 17 ( .669) 21 17.5 ( .689) 22 18 ( .709) 24 19 ( .748) 26 20 ( .787) 28 21 ( .827) 30 22 ( .866) 31 22.5 ( .886) 32 23 ( .906) 33 23.5 ( .925) 34 24 ( .945) 35 24.5 ( .965) 36 25 ( .984) 37 25.5 (1.004) 38 26 ( 1.024) 40 27 ( 1.063) 45 29.5 ( 1.161) 50 32 ( 1.260) d abceg 0.2 note 1 0.2 0.2 0.3 ( .008) ( .008) ( .008) ( .012) 26 24 11.5 (1.024) ( .945) ( .453) 34 32 14.2 28.4 (1.339) ( 1.260) ( .559) (1.118) 46 44 20.2 40.4 (1.811) ( 1.732) ( .795) (1.591) no. of contacts C 2.3 (.091) right angle type il-fpr series connectors 0.5mm (.020") pitch, zif type connectors for fpc/ffc d abceg 0.2 note 1 0.2 0.2 0.1 ( .008) ( .008) ( .008) ( .004) 8 9.8 ( .386) 9 10.3 ( .406) 10 10.8 ( .425) 12 11.8 ( .465) 13 12.3 ( .484) 14 12.8 ( .504) 16 13.8 ( .543) 18 14.8 ( .583) 20 15.8 ( .622) 21 16.3 ( .642) 22 16.8 ( .661) 24 17.8 ( .701) 26 18.8 ( .740) 27 19.3 ( .760) 28 19.8 ( .780) 30 20.8 ( .819) 32 21.8 ( .858) 33 22.3 ( .878) 40 25.8 ( 1.015) 26 24 11.5 (1.024) ( .945) ( .453) 34 32 14.2 28.4 (1.339) ( 1.260) ( .559) (1.118) 46 44 20.2 40.4 (1.811) ( 1.732) ( .795) (1.590) no. of contacts C 4.3 (.169) note 1: for tape width (dimension b) 24mm (.945"), a pilot hole is provided on one side. for tape width (dimension b) 32mm (1.260") and 44mm (1.732"), pilot holes are provided on both sides. straight type 84 for tape width (dimension b) 32mm (1.260") and 44mm (1.732"), pilot holes are provided on both sides. for tape width (dimension b) 24mm (.945"), a pilot hole is provided on one side.


▲Up To Search▲   

 
Price & Availability of IL-FPR-U7S-HF-E3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X