Part Number Hot Search : 
CEB6030 AX9311 SI230 FRL9130D UF200 0805CS PJSD15TS M2165
Product Description
Full Text Search
 

To Download HV732ATTD2343D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  resistors technology of tomorrow 11 europe gmbh ?kaddenbusch 6 ?d-25578 d?geling / itzehoe ?phone: +49 (0) 48 21/89 89-0 ?fax: +49 (0) 48 21/89 89 89 ?interne t: www.koaeurope.de specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. products with pb-free terminations meet rohs requirements resistors 0805 hv73 2a 100 0.125 w 400 v 800 v 100 k ? ?1 m ? 100 k ? ?10 m ? 100 k ? ?10 m ? 100 k ? ?10 m ? 200 11 m ? ?51 m ? 1206 hv73 2b 100 0.25 w 500 v 1000 v 100 k ? ?1 m ? 100 k ? ?10 m ? 100 k ? ?10 m ? 100 k ? ?10 m ? 200 11 m ? ?51 m ? hv73 black white, 3 digits features superior to rk73-series in maximum working voltage ruo 2 thick film resistor element anti-leaching nickel barrier terminations excellent heat resistance and moisture resistance are ensured by the use of metal glaze thick film ideal for use in av adapters, lcd back-light, camera strobe etc. rated ambient temperature: +70? operating temperature range: -55??155? meets or exceeds iec 60115-8, jis c 5201-8, eiaj rc-2134a suitable for reflow and wave soldering structure identification 1 ceramic substrate 2 top termination (ag pd) 3 bottom termination (ag pd) 4 resistive layer 5 glass layer 6 trimming cut 7 protective layer 8 end termination 9 diffusion barrier (ni) 10 solder plating dimensions (mm) rating 0805 hv73 2a 2.0 1.25 0.1 0.4 0.2 0.3 0.5 1206 hv73 2b 3.2 1.6 0.2 0.5 0.3 0.4 0.6 size type l 0.2 w c d t 0.1 +0.2 ?.1 +0.2 ?.1 resistance range (e24) size type t.c.r. (ppm/k) power* rating max. working voltage max. overload voltage** d (0.5%) f (1%) g (2%) j (5%) type coating color marking flat chip thick film high voltage hv73 type designation (how to order) *please see ?ackaging hv73 2b style 2a: 0.125w 2b: 0.25w taping* td, bk product code nominal resistance j, g: 3 digits d, f: 4 digits termination surface material t: sn td 1004 t f tolerance d: ?.5% f: ?% g: ?% j: ?% * for resistors operated at an ambient temperature of +70? or above, the power rating shall be derated in accordance with the above derating curve. ** max. overload voltage is specified by d.c. voltage. when using in a.c. voltage, the peak value of a.c. voltage shall not exc eed the maximum overload voltage. new part no. (pb-free) derating curve ambient temperature (?) new


▲Up To Search▲   

 
Price & Availability of HV732ATTD2343D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X