?2002 fairchild semiconductor corporation rev. a, october 2002 fypf0545s schottky barrier rectifier absolute maximum ratings t c =25 c unless otherwise noted thermal characteristics electrical characteristics (per diode) t c =25 c unless otherwise noted * pulse test: pulse width=300 s, duty cycle = 2% symbol parameter value units v rrm maximum repetitive reverse voltage 45 v v r maximum dc reverse voltage 45 v i f(av) average rectified forward current @ t c = 120 c5 a i fsm non-repetitive peak surge current (per diode) 60hz single half-sine wave 80 a t j, t stg operating junction and storage temperature -65 to +150 c symbol parameter value units r jc maximum thermal resistance, junction to case (per diode) 4.5 c/w symbol parameter value units v fm * maximum instantaneous forward voltage i f = 5a i f = 5a t c = 25 c t c = 125 c 0.55 0.49 v i rm * maximum instantaneous reverse current @ rated v r t c = 25 c t c = 125 c 1 40 ma fypf0545s features ? low forward voltage drop ? high frequency properties and switching speed ? guard ring for over-voltage protection applications ? switched mode power supply ? freewheeling diodes 1. cathode 2. anode to-220f 1 2 to-220f 1 2
?2002 fairchild semiconductor corporation rev. a, october 2002 fypf0545s typical characteristics figure 1. typical forward voltage characteristics figure 3. typical junction capacitance figure 5. forward current derating curve figure 2. typical reverse current vs. reverse voltage figure 4. thermal impedance characteristics figure 6. non-repetitive surge current 0.01 0.1 1 10 0.0 0.5 1.0 1.5 t j =125 o c t j =75 o c t j =25 o c forward voltage drop, v f [v] forward current, i f [a] 0 10203040 80 90 100 200 300 400 500 600 700 t j =25 o c juntion capacitance, c j [pf] reverse voltage, v r [v] 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 square wave duty cycle = 0.5 average forward current, i f(av) [a] case temperature, t c [ o c] 0 10203040 1e-3 0.01 0.1 1 10 100 t j =150 o c t j =125 o c t j =75 o c t j =25 o c reverse current, i r [ma] reverse voltage, v r [v] 100 1m 10m 100m 1 10 1 10 transient thermal impedance [ o c/w] pulse duration [s] 1 10 100 0 20 40 60 80 100 max. forward surge current, i fsm [a] number of cycles @ 60hz
?2002 fairchild semiconductor corporation rev. a, october 2002 fypf0545s package dimensions to-220f 2l dimensions in millimeters 2.54 0.20 0.80 0.10 0.35 0.10 2.76 0.20 max1.47 (1.00x45 ) (0.70) 3.30 0.10 15.87 0.20 (1.80) (6.50) 6.68 0.20 15.80 0.20 9.75 0.30 12.00 0.20 4.70 0.20 10.16 0.20 9.40 0.20 ?.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 ?.05
?2002 fairchild semiconductor corporation rev. i1 trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. fact? fact quiet series? fast ? fastr? frfet? globaloptoisolator? gto? hisec? i 2 c? implieddisconnect? isoplanar? littlefet? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? powertrench ? qfet? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? silent switcher ? smart start? spm? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet ? vcx? acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? across the board. around the world.? the power franchise? programmable active droop?
careers | sitema go datasheets, samples, buy technical information applications design center support company investors my f a home >> find products >> product status/pricing/packaging fypf0545s schottky barrier rectifier features back to top applications back to top contents ? features ? applications ? product status/pricing/packaging ? order samples ? qualification support z low forward voltage drop z high frequency properties and switching speed z guard ring for over-voltage protection z switched mode power supply z freewheeling diodes datasheet download this datasheet e - mail this datasheet this page print version product product status pb-free status pricing* package type leads packing method package marking convention** FYPF0545STU full production $0.357 to - 220f 2 rail line 1: $y (fairchild logo) & z (asm. plant code) & 4 (4-digit date code) line 2: y0545s * fairchild 1,000 piece budgetary pricing ** a sample button will appear if the part is available through fa irchild's on-line samples program. if there is no sample butt on, please contact a fairchild distributor to obtain samples indicates product with pb -free second-level interconne ct. for more information click here. related links request samples how to order products product change notices (pcns) support sales support quality and reliability design cente r pa g e 1 of 2 product folder - fairchil d p/n fypf0545s - schottk y barrier rectifie r 17-au g -2007 mhtml:file://c:\te mp\FYPF0545STU.mht
back to top qualification support click on a product for detailed qualification data back to top package marking information for product fypf0545s is available. click here for more information . product FYPF0545STU ? 2007 fairchild semiconductor products | design center | support | company news | investors | my fairchild | contact us | site index | privacy policy | site terms & conditions | standard terms & conditions o pa g e 2 of 2 product folder - fairchil d p/n fypf0545s - schottk y barrier rectifie r 17-au g -2007 mhtml:file://c:\te mp\FYPF0545STU.mht
|