Part Number Hot Search : 
LM5122ZA T46R65 13002 P87C52 V638ME01 740G0BA 2SC4669 DSWT1981
Product Description
Full Text Search
 

To Download EPSA12BBHA-65000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs epsa12bbha-65.000m epsa12 b b h a -65.000m series rohs compliant (pb-free) 2.5v 4 pad 5mm x 7mm ceramic smd lvcmos programmable spread spectrum oscillator frequency tolerance/stability 50ppm maximum operating temperature range -40c to +85c nominal frequency 65.000mhz spread spectrum 0.25% center spread output control function tri-state electrical specifications nominal frequency 65.000mhz frequency tolerance/stability 50ppm maximum (inclusive of all conditions: frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration.) operating temperature range -40c to +85c supply voltage 2.5vdc 5% maximum supply voltage -0.5vdc to +3.2vdc input current 22ma maximum output voltage logic high (voh) 90% of vdd minimum (ioh=-8ma) output voltage logic low (vol) 10% of vdd maximum (iol=+8ma) rise/fall time 3nsec maximum (measured at 10% to 90% of waveform) duty cycle 50% 5(%) (measured at 50% of waveform) load drive capability 15pf maximum output logic type cmos output control function tri-state (disabled output: high impedance) tri-state input voltage (vih and vil) 70% of vdd minimum or no connection to enable output, 30% of vdd maximum to disable output tri-state output disable time 100nsec maximum tri-state output enable time 100nsec maximum disable current 20ma maximum (unloaded; pad 1=ground) spread spectrum 0.25% center spread modulation frequency 30khz minimum, 32khz typical, 45khz maximum period jitter 100psec maximum (cycle to cycle; spread spectrum-on) start up time 10msec maximum storage temperature range -55c to +125c environmental & mechanical specifications esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a www.ecliptek.com | specification subject to change without notice | rev a 3/12/2011 | page 1 of 5
epsa12bbha-65.000m mechanical dimensions (all dimensions in millimeters) pin connection 1 tri-state 2 case ground 3 output 4 supply voltage line marking 1 ecliptek 2 65.000m 3 sxxxxx s=configuration designator xxxxx=ecliptek manufacturing identifier 2.88 1.81 2.0 (x4) 2.2 (x4) www.ecliptek.com | specification subject to change without notice | rev a 3/12/2011 | page 2 of 5 1.60 0.20 5.00 0.15 7.00 0.15 marking orient a tion 3.68 0.15 1.4 0.1 1.4 0.2 2.20 0.15 5.08 0.15 1 2 3 4 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
epsa12bbha-65.000m www.ecliptek.com | specification subject to change without notice | rev a 3/12/2011 | page 3 of 5 output disable (high imped ance st a te) output w a veform & timing dia gram v oh v ol 90% of w a v ef or m 50% of w a v ef or m 10% of w a v ef or m f all time rise time t w t duty cycle (%) = t w /t x 100 v ih v il t plz t pzl clock output tri-st a te input supply v oltage (v dd ) t est cir cuit f or cmos output output t r i-state or p o w er do wn ground + + + _ _ _ p o w er supply 0.01 f (note 1) 0.1 f (note 1) c l (note 3) note 1: an e xter nal 0.01 f cer amic b ypass capacitor in par allel with a 0.1 f high frequency cer amic b ypass capacitor close (less than 2mm) to the pac kage g round and supply v oltage pin is required. note 2: a lo w input capacitance (<12pf), 10x attentuation f actor , high impedance (>10mohms), and high bandwidth (>300mhz) passiv e probe is recommended. note 3: capacitance v alue cl includes sum of all probe and fixture capacitance . see applicab le specification sheet f or ? load dr iv e capability ? . v oltage meter current meter oscilloscope f requency counter probe (note 2)
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods epsa12bbha-65.000m high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 additional notes temperatures shown are applied to body of device. www.ecliptek.com | specification subject to change without notice | rev a 3/12/2011 | page 4 of 5
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods epsa12bbha-65.000m low temperature infrared/convection 240c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 240c maximum target peak temperature (tp target) 240c maximum 1 time / 230c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 additional notes temperatures shown are applied to body of device. low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. (temperatures shown are applied to body of device.) high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. (temperatures shown are applied to body of device.) www.ecliptek.com | specification subject to change without notice | rev a 3/12/2011 | page 5 of 5


▲Up To Search▲   

 
Price & Availability of EPSA12BBHA-65000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X