Part Number Hot Search : 
LMD18400 C4556 4HC17 A105K S1600 LM393 BM6201FS UPC14305
Product Description
Full Text Search
 

To Download APSC100ETD391MHB5S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer aluminum solid capacitors radial lead cat. no. e1001i @ super low esr, high ripple current capability @ lower pro le than psa ( f 8 b 8l to f 10 b 12.5l) @ rated voltage range : 2.5 to 16v dc @ nominal capacitance range : 270 to 2,700 m f @ endurance : 2,000 hours at 105 c @ suitable for dc-dc converters, voltage regulators and decoupling applications for computer motherboards @ added 2.5v 820 m f (esr 5m o max.) @rohs compliant ? specifications (at 20c, 120hz) (at 105c) (at 20c after 2 minutes) (at 20c, 120hz) (at 100khz) category temperature range rated voltage range capacitance tolerance surge voltage leakage current *note dissipation factor (tane) low temperature characteristics (max.impedance ratio) endurance bias humidity test surge voltage test failure rate items - 55 to +105c 2.5 to 16v dc p20% (m) rated voltageb1.15 i=0.2cv or 500ma, whichever is greater. where, i : max. leakage current (ma), c : nominal capacitance (mf), v : rated voltage (v dc ) 0.10 max. z( - 25c)/z(+20c)[1.15 z( - 55c)/z(+20c)[1.25 the following specifications shall be satisfied when the capacitors are restored to 20 c after the rated voltage is applied for 2,000 hours at 105c. appearance no significant damage capacitance change [p20% of the initial value d.f. (tane) [150% of the initial specified value esr [150% of the initial specified value leakage current [the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 c after subjecting them to dc voltage at 60c , 90 to 95% rh for 1,000 hours. appearance no significant damage capacitance change [p20% of the initial value d.f. (tane) [150% of the initial specified value esr [150% of the initial specified value leakage current [the initial specified value the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105 c for 30 seconds through a protective resistor(r=1ko ) and discharge for 5 minutes 30 seconds. appearance no significant damage capacitance change [p20% of the initial value d.f. (tane) [150% of the initial specified value esr [150% of the initial specified value leakage current [the initial specified value 0.5% per 1,000 hours maximum (confidence level 60% at 105 c) characteristics ? dimensions [mm] ? marking *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105 c . size code fd fd f fd' l' h08 8.0 0.6 3.5 l+1.0max. hb5 8.0 0.8 3.5 jb5 10.0 0.8 5.0 jc5 10.0 0.6 5.0 l+1.5max. fd+0.5max. (note1) (note1) note1 : 0.6 for rated volt 16v. coated case l' 15min. 4min. fd' fd fp0.5 c 3d6 820 2.5 v ex) 2.5v820mf @ terminal code : e low profile lower esr psc psa (1/2)
conductive polymer aluminum solid capacitors radial lead cat. no. e1001i ? standard ratings ? part numbering system ss : enter the appropriate lead forming or taping code. supplement code (note2) size code capacitance tolerance code capacitance code (ex. 330mf:331, 1000mf:102) lead formingtaping code terminal code voltage code (ex. 4v:4r0,6.3v:6r3,10v:100) series code category a p s c a a a e a a a a a a a a s m 134 26 7 8 9 1 0 51 2 1 3 11 16 17 18 1514 please refer to "product code guide (conductive polymer type)" wv(v dc ) cap( mf) case size fdbl(mm) esr (mo max/20 c , 100k to 300khz) rated ripple current (marms/105c , 100khz) part no. 2.5 560 8b8 7 6,100 apsc2r5e ss561mh08s 820 8 b8 5 6,100 apsc2r5e ss821mh08j 820 8b8 7 6,100 apsc2r5e ss821mh08s 1,000 8 b8 7 6,100 apsc2r5e ss102mh08s 1,000 8b11.5 7 6,100 apsc2r5e ss102mhb5s 1,500 8 b11.5 7 6,100 apsc2r5e ss152mhb5s 2,700 10b11.5 8 5,560 apsc2r5e ss272mjb5s 4 560 8b8 7 6,100 apsc4r0e ss561mh08s 680 8b11.5 7 6,100 apsc4r0e ss681mhb5s 1,000 10b11.5 6 6,640 apsc4r0e ss102mjb5s 6.3 470 8b8 8 5,700 apsc6r3e ss471mh08s 560 8 b8 8 5,700 apsc6r3ess561mh08s 820 10b11.5 7 6,640 apsc6r3e ss821mjb5s 1,500 10b11.5 10 5,560 apsc6r3e ss152mjb5s 10 390 8b11.5 9 5,650 apsc100e ss391mhb5s 680 10b11.5 7 6,100 apsc100e ss681mjb5s 16 270 8 b11.5 11 5,080 apsc160e ss271mhb5s 330 10 b12.5 10 6,100 apsc160e ss331mjc5s 470 10 b11.5 10 6,100 apsc160e ss471mjb5s (note2) psc series, 2.5v820 m f(esr 5m o max.) has supplement code "j". can case, terminal and terminal plating are the same as all others in psc series. (2/2)


▲Up To Search▲   

 
Price & Availability of APSC100ETD391MHB5S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X