Part Number Hot Search : 
1N5399 BP103 MS985C4 K2225CX 580ME PIC656 MT3170B 01300
Product Description
Full Text Search
 

To Download APM4303KC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 4 3 0 3 k f e a t u r e s a p p l i c a t i o n s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n p - c h a n n e l m o s f e t - 3 0 v / - 1 3 a , r d s ( o n ) = 7 m w ( t y p . ) @ v g s = - 2 0 v r d s ( o n ) = 8 m w ( t y p . ) @ v g s = - 1 0 v r d s ( o n ) = 1 2 m w ( t y p . ) @ v g s = - 4 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d s o p - 8 p a c k a g e l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) t o p v i e w o f s o p - 8 p o w e r m a n a g e m e n t i n n o t e b o o k c o m p u t e r , p o r t a b l e e q u i p m e n t a n d b a t t e r y p o w e r e d s y s t e m s s s s g d d d d ( 1, 2, 3 ) d g d s s (4) (5,6,7,8) s d d n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . apm4303 handling code temperature range package code package code k : sop-8 operating junction temperature range c : -55 to 150 o c handling code tr : tape & reel assembly material g : halogen and lead free device apm4303 k : xxxxx - date code assembly material apm4303 xxxxx
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 2 a p m 4 3 0 3 k a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage - 30 v gss gate - source voltage 2 5 v i d * continuous drain current - 13 i dm * pulsed drain current v gs = - 20v - 50 a i s * diode continuous forward current - 2.8 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r q ja * thermal resistance - junction to ambient 62.5 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm 4 303 k symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds = - 250 m a - 30 - - v v ds = - 24v, v gs =0v - - - 1 i dss zero gate voltage drain current t j =85 c - - - 30 m a v gs(th) gat e threshold voltage v ds =v gs , i ds = - 250 m a - 1 - 1. 8 - 2 .5 v i gss gate leakage current v gs =25v, v ds =0v - - 100 na v gs = - 20 v, i ds = - 1 3a - 7 8.5 v gs = - 10v, i ds = - 11a - 8 10 r ds(on) a drain - source on - state resistance v gs = - 4.5v, i ds = - 9a - 12 16 m w v sd a diod e forward voltage i sd = - 2.2a, v gs =0v - - 0. 75 - 1. 1 v gate charge characteristics b q g total gate charge - 56 78 q gs gate - source charge - 10 - q gd gate - drain charge v ds = - 1 5 v, v gs = - 1 0 v, i d s = - 13a - 11 - nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 3 a p m 4 3 0 3 k e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm 4 303 k symbol parameter test condition s min. typ. max. unit dynamic characteristics b r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz - 3.5 - w c iss input capacitance - 3 3 00 - c oss output capacitance - 700 - c rss reverse transfer capacitance v gs =0v , v ds = - 1 5v , f requency =1.0mhz - 440 - pf t d(on) turn - on delay time - 11 21 t r turn - on rise time - 13 24 t d(off) turn - off delay time - 82 149 t f turn - off fall time v dd = - 15v, r l =15 w , i d s = - 1a, v gen = - 10 v , r g =6 w - 42 77 ns t rr b reverse recovery time - 20 - ns q rr b reverse recovery charge i sd = - 13a, dl sd /dt = 100a/ m s - 7 - n c note a : pulse test ; pulse width 3 00 m s, duty cycle 2% . note b : guaranteed by design, not subject to production testing .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 4 a p m 4 3 0 3 k t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s d r a i n c u r r e n t s a f e o p e r a t i o n a r e a t h e r m a l t r a n s i e n t i m p e d a n c e p o w e r d i s s i p a t i o n normalized transient thermal resistance p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) -i d - drain current (a) t j - j u n c t i o n t e m p e r a t u r e ( c ) - v d s - d r a i n - s o u r c e v o l t a g e ( v ) s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) -i d - drain current (a) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 0 20 40 60 80 100 120 140 160 0 2 4 6 8 10 12 14 t a =25 o c,v g =-20v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 5 a p m 4 3 0 3 k d r a i n - s o u r c e o n r e s i s t a n c e g a t e t h r e s h o l d v o l t a g e o u t p u t c h a r a c t e r i s t i c s t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) g a t e - s o u r c e o n r e s i s t a n c e r ds(on) - on - resistance (m w ) - i d - d r a i n c u r r e n t ( a ) - v d s - d r a i n - s o u r c e v o l t a g e ( v ) -i d - drain current (a) t j - j u n c t i o n t e m p e r a t u r e ( c ) r ds(on) - on - resistance (m w ) normalized threshold voltage -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds =-250 m a -v gs - gate - source voltage (v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 35 40 45 50 2.5v 3.5v 3v v gs = 4,5,6,7,8,9,10v 0 10 20 30 40 50 0 2 4 6 8 10 12 14 16 18 20 v gs =4.5v v gs =20v v gs =10v 0 2 4 6 8 10 12 14 16 18 20 0 5 10 15 20 25 30 i d =-13a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 6 a p m 4 3 0 3 k d r a i n - s o u r c e o n r e s i s t a n c e s o u r c e - d r a i n d i o d e f o r w a r d c a p a c i t a n c e g a t e c h a r g e t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) - v s d - s o u r c e - d r a i n v o l t a g e ( v ) -i s - source current (a) - v d s - d r a i n - s o u r c e v o l t a g e ( v ) c - capacitance (pf) q g - g a t e c h a r g e ( n c ) -v gs - gate - source voltage (v) -50 -25 0 25 50 75 100 125 150 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 r on @t j =25 o c: 7m w v gs = -20v i ds = -13a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.3 1 10 50 t j =150 o c t j =25 o c 0 5 10 15 20 25 30 0 500 1000 1500 2000 2500 3000 3500 4000 4500 frequency=1mhz crss coss ciss 0 10 20 30 40 50 60 0 1 2 3 4 5 6 7 8 9 10 v ds = -15v i d = -13a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 7 a p m 4 3 0 3 k p a c k a g e i n f o r m a t i o n s o p - 8 s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 d e e e 1 see view a c b h x 4 5 a a 1 a 2 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 8 a p m 4 3 0 3 k application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm) c a r r i e r t a p e & r e e l d i m e n s i o n s h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 d e v i c e s p e r u n i t package type unit quantity sop - 8 tape & reel 2500
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 9 a p m 4 3 0 3 k test item method description solderability mil - std - 883d - 2003 245 c, 5 sec holt mil - std - 883d - 1005.7 1000 hrs bias @125 c pct jesd - 22 - b, a102 168 hrs, 100%rh, 121 c tst mil - std - 883d - 1011.9 - 65 c~150 c, 200 cycles r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) r e l i a b i l i t y t e s t p r o g r a m t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 t e m p e r a t u r e time critical zone t l to t p t a p i n g d i r e c t i o n i n f o r m a t i o n s o p - 8 user direction of feed
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 3 - j a n . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 0 a p m 4 3 0 3 k profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classification temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/sec ond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package. measured on the body surface. table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. table 1. snpb eutectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838 c l a s s i f i c a t i o n r e f l o w p r o f i l e s


▲Up To Search▲   

 
Price & Availability of APM4303KC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X