Part Number Hot Search : 
A3209EUA A3209EUA B2405S DG182BA 12MHZ 2SB123 1C220 FR40K05
Product Description
Full Text Search
 

To Download 891-010-37PS-BSST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com p-42 e-mail: sales@glenair.com vertical surface mount pcb n ano connectors feature gold alloy nanopin contacts. contacts are precision-crimped #30 awg gold-plated wire. these nanomimiature connectors offer premium performance and reliability for demanding applications. choose aluminum, titanium or stainless steel shells in eight layouts from 9 to 51 contacts. complies to the requirements of mil-dtl-32139. series 89 nanominiature connectors two row vertical surface mount 891-010 and -011 how to order vertical mount smt connectors series insert arrangement/ contact type shell material and finish termination type hardware 891-010 plug, pin contacts, two row, vertical smt nanominiature 891-011 receptacle, socket contacts, two row, vertical smt nanominiature plugs (891-010) 9p 15p 21p 25p 31p 37p 51p receptacles (891-011) 9s 15s 21s 25s 31s 37s 51s a1 aluminum shell, cadmium plating a2 aluminum shell, electroless nickel plating t titanium shell, unplated s stainless steel shell, passivated bss b oard s urface mount s traight t threaded inserts, #0-80 female sample part number 891-011 51s a2 bss t specifications durability 200 cycles minimum current rating 1 amp maximum voltage rating (dwv) 300 vac rms sea level insulation resistance 5000 megohms minimum operating temperature -55 c. to +125 c. contact resistance 71 mv. @1 amp #30 awg wire thermal vacuum outgassing 1.0% max tml, 0.1% max. materials and finishes connector shell see ordering information insulator liquid crystal polymer (lcp),30% glass-filled contacts gold alloy, unplated hardware 300 series stainless steel pc tails #30 (.010 dia.) copper wire, solder dipped pcb trays liquid crystal polymer (lcp) or epoxy encapsulant epoxy
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com p-43 e-mail: sales@glenair.com p series 89 nanominiature connectors two row vertical surface mount 891-010 and -011 two row vertical surface mount nano dimensions plug (pin) connectors receptacle (socket) connectors layout a b bsc. c bsc. d in. mm. in . mm. in. mm. in. .005 mm. 0.13 9p .375 9.52 .270 6.86 .160 4.06 .152 3.86 9s .375 9.52 .270 6.86 .163 4.14 .152 3.86 15p .450 11.43 .345 8.76 .235 5.97 .227 5.77 15s .450 11.43 .345 8.76 .238 6.04 .227 5.77 21p .525 13.33 .420 10.67 .310 7.87 .302 7.67 21s .525 13.33 .420 10.67 .313 7.95 .302 7.67 25p .575 14.60 .470 11.94 .360 9.14 .352 8.94 25s .575 14.60 .470 11.94 .363 9.22 .352 8.94 31p .650 16.51 .545 13.84 .435 11.05 .427 10.85 31s .650 16.51 .545 13.84 .438 11.12 .427 10.85 37p .725 18.41 .620 15.75 .510 12.95 .502 12.75 37s .725 18.41 .620 15.75 .513 13.03 .502 12.75 51p .900 22.86 .795 20.19 .685 17.40 .677 17.20 51s .900 22.86 .795 20.19 .688 17.47 .677 17.20 .025 (0.64) typ .0125 (0.32) typ .0575 (1.46) .040 (1.02) .020 (0.51) pin 1 a c b #0-80 unf-2b, 2 x female threaded inserts option t .125 (3.18) d .108 / .102 (2.74 / 2.59) .330 (8.38) .030 (0.76) .112 (2.84) 2 plcs. .010 dia. .020 (0.51) .025 (0.64) typ .0125 (0.32) typ 1 a b .040 (1.02) .020 (0.51) .0575 (1.46) #0-80 unf-2b, 2 x female threaded inserts option t .125 (3.18) c d .255 (6.48) .030 (0.76) .112 (2.84) 2 plcs. .010 dia. .020 (0.51) skt
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com p-44 e-mail: sales@glenair.com two row vertical surface mount board layout891-010 plugs (pin contacts) 9 contacts 15 contacts 21 contacts 25 contacts 31 contacts 37 contacts 51 contacts series 89 nanominiature connectors two row vertical surface mount 891-010 and -011 .025 (0.64) typ .0125 (0.32) typ .083 (2.11) .063 (1.60) .073 (1.85) .073 (1.85) .083 (2.11) .085 (2.16) .093 (2.36) .070 (1.78) dia. .025 (0.64) typ .0125 (0.32) typ .270 (6.86) .100 (2.54) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 67 8 9 .025 (0.64) typ .0125 (0.32) typ .345 (8.76) .175 (4.45) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 67 8 9 .025 (0.64) typ .0125 (0.32) typ .420 (10.67) .250 (6.35) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 67 8 9 .025 (0.64) typ .0125 (0.32) typ .470 (11.94) .300 (7.62) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 67 8 9 .025 (0.64) typ .0125 (0.32) typ .545 (13.84) .375 (9.53) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 67 8 9 .025 (0.64) typ .0125 (0.32) typ .620 (15.75) .450 (11.43) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 67 8 9 .025 (0.64) typ .0125 (0.32) typ .795 (20.19) .625 (15.88) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 34 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 5 1 3 7 67 8 9 pad/ footprint detail patterns shown are for connector mounting side of pc board.
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com p-45 e-mail: sales@glenair.com p series 89 nanominiature connectors two row vertical surface mount 891-010 and -011 two row vertical surface mount board layout891-011 receptacles 9 contacts 15 contacts 21 contacts 25 contacts 31 contacts 37 contacts 51 contacts .025 (0.64) typ .0125 (0.32) typ .083 (2.11) .063 (1.60) .073 (1.85) .073 (1.85) .083 (2.11) .085 (2.16) .093 (2.36) .070 (1.78) dia. pad/ footprint detail .025 (0.64) typ .0125 (0.32) typ .270 (6.86) .100 (2.54) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .345 (8.76) .175 (4.45) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .420 (10.67) .250 (6.35) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .470 (11.94) .300 (7.62) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .545 (13.84) .375 (9.53) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .620 (15.75) .450 (11.43) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 6 7 8 9 .025 (0.64) typ .0125 (0.32) typ .795 (20.19) .625 (15.88) .083 (2.11) .085 (2.16) .093 (2.36) 1 2 3 4 5 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 5 1 3 7 6 7 8 9 patterns shown are for connector mounting side of pc board.


▲Up To Search▲   

 
Price & Availability of 891-010-37PS-BSST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X