Part Number Hot Search : 
M4002 GC89F 1N940B B3100 KBPC1506 AN1489 NTE2128 STRPB
Product Description
Full Text Search
 

To Download 891-003-9PS-0D3-375T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 glenair, inc. cage code 06324/0ca77 printed in u .s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com 37 e-mail: sales@glenair .com double row connectors ho w to o rder nan o minia tu re c o nnec to r s wi th u nin su la t ed wire s eries insert arrangement/ contact t ype s hell material and finish wire gage wire t ype w ire length h ardware 891-003 plug, pin contacts, double row, nanominiature, uninsulated wire 891-004 receptacle, socket contacts, double row, nanominiature, uninsulated wire plugs (891-003) 9p 15p 21p 25p 31p 37p 51p receptacles (891-004) 9 s 15 s 21 s 25 s 31 s 37 s 51 s a1 aluminum shell, cadmium plating a2 aluminum shell, electroless nickel plating t titanium shell, unplated s stainless steel shell, passivated 0 #30 awg 2 #32 awg d3 single strand copper wire, uninsulated, with gold plating .125 .250 .375 .500 wire length in inches j jackscrew, #0-80 t #0-80 female thread female threads are available on plug connectors only if the shell material is titanium or stainless steel. sample part number 891-003 9p a1 0 d3 .125 j 891-003 and -004 s eries 89 nanominiature connectors double row u ninsulated wire pigtail assemblies pl u g (pin) c o nnec to r r ecep t acle ( so cke t ) c o nnec to r t female thread option j jackscrew option j jackscrew option glenairs pigtail nano connectors feature gold alloy twistpin contacts. contacts are precision-crimped to solid wire. these nanomimiature connectors offer premium preformance and reliability for demanding applications. contact spacing is .025 inches. 1 amp current rating, dwv rating 300 volts ac. wire gages #30 and #32 awg. twistpin contact system assures premium performance in demanding environments. the gold/platinum alloy contacts will stand up to years of exposure without corrosion. typical applications include uav's, satellites, missile systems and geophysical instruments. t female thread option titanium or stainless steel shells only
? 2007 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com 38 e-mail: sales@glenair.com double row connectors double row nano pigtail dimensions plug (pin) connectors receptacle (socket) connectors layout a b bsc. c bsc. in. .005 mm. 0.13 in. mm. in. mm. 9p .375 9.52 .270 6.86 .160 4.06 9s .375 9.52 .270 6.86 .163 4.14 15p .450 11.43 .345 8.76 .235 5.97 15s .450 11.43 .345 8.76 .238 6.04 21p .525 13.33 .420 10.67 .310 7.87 21s .525 13.33 .420 10.67 .313 7.95 25p .575 14.60 .470 11.94 .360 9.14 25s .575 14.60 .470 11.94 .363 9.22 31p .650 16.51 .545 13.84 .435 11.05 31s .650 16.51 .545 13.84 .438 11.12 37p .725 18.41 .620 15.75 .510 12.95 37s .725 18.41 .620 15.75 .513 13.03 51p .900 22.86 .795 20.19 .685 17.40 51s .900 22.86 .795 20.19 .688 17.47 lead length .015 (0.38) .080 (2.03) .108 / .102 2.74 / 2.59 .210 (5.33 lead length .015 (0.38) .042/.037 (1.07/0.94) .110 .003 (2.79 0.08) .225 (5.72) .125 (3.18) .125 (3.18) 891-003 and -004 series 89 nanominiature connectors double row uninsulated wire pigtail assemblies plug with ?t? female thread option receptacle with ?j? jackscrew option .025 (0.64) typ .0125 (0.32) typ .040 (1.02) .020 (0.51) pin 1 a c b #0-80 unf-2a, 2x .0575 (1.46) .125 (3.18) .025 (0.64) typ .0125 (0.32) typ .0575 (1.46) .040 (1.02) .020 (0.51) 1 a c b .125 (3.18) #0-80 unf-2b, 2x skt titanium or stainless steel shells only )


▲Up To Search▲   

 
Price & Availability of 891-003-9PS-0D3-375T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X