Part Number Hot Search : 
51164 FPN430 E006462 MAX3182E PL150Z F3734 3569S6BC 2SC535
Product Description
Full Text Search
 

To Download 1812PS-562JLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. ? higher srf than our other power inductors ? high inductance with tight tolerance ? excellent current handling for a part this size document 252-1 document 252-1 revised 08/17/09 dcr srf part l 2 % q max 5 typ 6 isat 7 irms 8 number 1 (h) tol 3 min 4 (ohms) (mhz) (a) (a) 1812ps-102_l_ 1.0 10,5 35 0.05 685 2.50 2.70 1812ps-122_l_ 1.2 10,5 38 0.06 460 2.00 2.60 1812ps-152_l_ 1.5 10,5 38 0.06 460 2.00 2.60 1812ps-222_l_ 2.2 10,5 38 0.07 270 1.70 2.40 1812ps-272_l_ 2.7 10,5 40 0.08 265 1.40 2.30 1812ps-332_l_ 3.3 10,5 40 0.09 225 1.40 2.30 1812ps-392_l_ 3.9 10,5 40 0.11 170 1.20 2.20 1812ps-472_l_ 4.7 10,5 40 0.11 165 1.15 2.10 1812ps-562_l_ 5.6 10,5 40 0.12 155 1.10 2.10 1812ps-682_l_ 6.8 10,5 40 0.13 140 1.00 1.90 1812ps-103_l_ 10 10,5 40 0.17 120 0.90 1.70 1812ps-153_l_ 15 10,5 40 0.26 100 0.70 1.45 1812ps-223_l_ 22 10,5 40 0.33 45 0.54 1.20 1812ps-333_l_ 33 10,5 40 0.40 30 0.46 1.10 1812ps-393_l_ 39 10,5 48 0.56 30 0.40 1.00 1812ps-473_l_ 47 10,5 50 0.87 28 0.35 0.80 1812ps-683_l_ 68 10,5 50 1.08 17 0.32 0.67 1812ps-823_l_ 82 10,5 55 1.25 17 0.28 0.65 1812ps-104_l_ 100 10,5 60 1.32 14 0.27 0.65 1812ps-124_l_ 120 10,5 60 1.45 12 0.23 0.60 1812ps-154_l_ 150 10,5 60 2.20 11 0.20 0.51 1812ps-224_l_ 220 10,5 60 2.65 7 0.17 0.47 1812ps-334_l_ 330 10,5 60 4.85 5.5 0.15 0.31 1812ps-474_l_ 470 10,5 50 5.85 4.0 0.12 0.31 1812ps-564_l_ 560 10,5 40 6.10 2.6 0.11 0.28 1812ps-684_l_ 680 10,5 40 6.60 2.3 0.10 0.28 1812ps-824_l_ 820 10,5 30 7.35 1.8 0.09 0.25 1812ps-105_l_ 1000 10,5 28 10.00 1.8 0.08 0.22 1. when ordering, specify tolerance, termination and packaging codes: 1812ps-105 jlc tolerance: j = 5% k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (600 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (2200 parts per full reel). 2. inductance measured at 100 khz, 0.1 vrms, using acoilcraft smd-a fxture in an agilent/hp 4263b lcr meter. 3. tolerances in bold are stocked for immediate shipment. 4. q measured at 1 mhz on an agilent/hp 4291 with an agilent/hp 16193 test fxture. 5. dcr measured on micro-ohmmeter and a coilcraft ccf840 test fxture. 6. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd-d test fxture. 7. dc current at which the inductance drops 10% (typ) from its value without current. 8. current that causes a 40c temperature rise from 25c ambient. 9. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. core material ceramic/ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 286 C 323 mg ambient temperature C40c to +105c with i rms current, +105c to +145c with derated current storage temperature component: C40c to +145c. packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +200 to +700 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 600 per 7reel; 2200 per 13 reel; plastic tape: 12 mm wide, 0.25 mm thick, 4 mm pocket spacing, 3.9 mm pocket depth pcb washing only pure water or alcohol recommended shielded high srf inductors C 1812ps ? coilcraft, inc. 2011
specifcations subject to change without notice. please check our website for latest information. document 252-2 document 252-2 revised 08/17/09 power chip inductors - 1812ps series typical l vs frequency typical l vs current 1 h 0.01 0.1 11 0 current (a) 0.1 10 1 100 1000 10000 inductance (h) 1 00 h 10 h 1 000 h 0.01 0.1 11 0 frequency (mhz) 0.1 10 1 100 1000 10000 inductance (h) 1 00 h 10 h 1 h 1 000 h a b c d e f max max max ref ref ref g 0.231 0.196 0.150 0.107 0.100 0.178 0.025 inches 5,87 4,98 3,81 2,72 2,54 4,52 0,64 mm a b e g f c d 0.045 1,14 0.118 3,00 0.120 3,05 recommended land p attern -40 -20 02 04 06 08 0 100 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c irms derating ? coilcraft, inc. 2011


▲Up To Search▲   

 
Price & Availability of 1812PS-562JLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X