Part Number Hot Search : 
SFF2004 DT5C124E EA09921 AKD7780 SL623 12DC1 MJ2955 AM4417P
Product Description
Full Text Search
 

To Download WT16PD9G69 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plug receptacle series wt = 1-row, straight-plug wt = 1-row, straight, receptacle wt = 1-row, right-angle, plug wt = 1-row, right-angle, receptacle number of contacts 3 through 22 3 through 22 type of contacts pc = pin, straight, solder cup sac = socket, straight, solder cup pd7 = pin, straight, dip solder, .109 sad7 = socket, straight, dip solder, .109 pd9 = pin, straight, dip solder, .140 sad9 = socket, straight, dip solder, .140 pd11 = pin, straight, dip solder, .172 sad11 = socket, straight, dip solder, .172 pf3 = pin, straight, flex-circuit, .050 sad15 = socket, straight, dip solder, .234 pf6 = pin, straight, flex-circuit, .093 saf3 = socket, straight, flex-circuit, .050 prd4 = pin, right-angle, dip solder, .063 saf6 = socket, straight, flex-circuit, .093 prd7 = pin, right-angle, dip solder, .109 sap = sock et, straight, pin termination, .150, connector saver prd8 = pin, right-angle, dip solder, .125 sar4 = socket, right-angle, dip solder, .062 pw40 = pin, straight, wire wrap, .625 sar7 = socket, right-angle, dip solder, .109 sar9 = socket, right-angle, dip solder, .140 sarc = socket, right-angle, solder cup saw40 = socket, straight, wire wrap, .625 type of hardware no hardware for this series. omit any hardware code letters. options ? the thin outboard barriers are often removed at the factory due to their fragile nature. ? option codes: add to the end of the part number. example: wt10pc 443 -1 call factory for additional codes. -443: polarized pin installed in contact position noted by dash number. see polarization under next tab. -444: contact position noted by dash number is left open (to mate with -443). see polarization under next tab. -b82: termination face sealed against conformal coating. -cd: cross drilled connectors for hold down screws. see page w-8. -d01: pre-tin contact terminations. (solder cup, wire wrap and flex circuit contacts are excluded.) -d54: combine b82 and d01 special codes. -g69: solder cups are fixed in an outward orientation, otherwise contacts can rotate. airborn, inc. ? 4321 airborn drive ? addison, tx 75001-0519 ph: (972)931-3200 fax: (972)931-9305 e-mail: info@airborn.com the interconnect solution source w series connectors w-6 9916 right-angle plug: wt 8 prd7 straight plug: wt 8 pd9 receptacle: wt 8 sac 1 1 ? row connectors pc card to cable to board: cable to cable examples: wt-wt
wt-wt dimensions airborn, inc. ? 4321 airborn drive ? addison, tx 75001-0519 ph: (972)931-3200 fax: (972)931-9305 e-mail: info@airborn.com w series connectors 9916 w-7 the interconnect solution source number of ab contacts 4 .396 .300 6 .596 .500 8 .796 .700 10 .996 .900 12 1.196 1.100 14 1.396 1.300 16 1.596 1.500 18 1.796 1.700 20 1.996 1.900
airborn, inc. ? 4321 airborn drive ? addison, tx 75001-0519 ph: (972)931-3200 fax: (972)931-9305 e-mail: info@airborn.com the interconnect solution source w series connectors w-8 wt code chart wt dimensions series size for contact type no of a b series size for contact type contacts dim dim 6 pc pin, solder cup 2 .596 .100 6 sac socket, solder cup closed entry pd9 pin, dip solder .140 extension 8 pd11 pin, dip solder 4 .796 .300 8 sad9 socket, dip solder .172 extension closed entry, .140 ext. wt 10 prd4 pin, right-angle 6 .996 .500 wt 10 sad11 socket, dip solder dip solder, .063 ext. closed entry, .172 ext. 12 prd7 pin, right-angle, 8 1.196 .700 12 sar7 socket, right-angle dip solder, .109 ext. closed entry, .109 ext. 14 prd8 pin, right-angle, 10 1.396 .900 14 dip solder, .125 ext. 16 12 1.596 1.100 16 18 14 1.796 1.300 18 20 16 1.996 1.500 20 0018


▲Up To Search▲   

 
Price & Availability of WT16PD9G69

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X