Part Number Hot Search : 
74ACT299 1S955 10EDA20 M100S Z86743 SR6A6K12 SK195 105000
Product Description
Full Text Search
 

To Download WS78L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-terminal regulators output current up to 100 ma no external components internal thermal-overload protection internal short-circuit current limiting provided pb-free packages from the end of 2004 description this series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. these applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power-pass elements to make high-current voltage regulators. one of these regulators can deliver up to 100 ma of output current. the internal limiting and thermal-shutdown features of these regulators make them essentially immune to overload. when used as a replacement for a zener diode-resistor combination, an effective improvement in output impedance can be obtained, together with lower bias current. electrical characteristics at specified virtual junction temperature, v i = 10 v , i = 40 ma (unless otherwise noted) parameter test conditions t j 3 unit j min typ max v 7vto20v i 1 ma to 40 ma 25 c 4.8 5 5.2 output voltage v 7 v t o 20 v i 1 a t 40 a full range 4.75 5.25 v i o = 1 ma to 70 ma full range 4.75 5.25 input v i = 7 v to 20 v 25 c 32 150 mv voltage regulation v i = 8 v to 20 v 25 c 26 100 mv ripple rejection v i = 8 v to 18 v, f = 120 hz 25 c 41 49 db output i o = 1 ma to 100 ma 25 c 15 60 mv voltage regulation i o = 1 ma to 40 ma 25 c 8 30 mv output noise voltage f = 10 hz to 100 khz 25 c 42 m v dropout voltage 25 c 1.7 v bias current 25 c 3.8 6 ma bias c rrent 125 c 5.5 ma bias v i = 8 v to 20 v full range 1.5 ma current change i o = 1 ma to 40 ma f ll range 0.1 ma 3 pulse-testing techniques maintain t j as close to t a as possible. thermal effects must be taken into account separately. all characteristics are measure d with a 0.33- m f capacitor across the input and a 0.1- m f capacitor across the output. full range for the 78l05 is t j = 0 c to 70 c www.datasheet.co.kr datasheet pdf - http://www..net/
unit in p ut voltage v i v inp u t v oltage , v i v 5 c virtual junction temperature range, t j 150 5 c lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 5 c storage temperature range, t stg 65 to 150 min max unit in p ut voltage v i inp u t v oltage , v i output current, i o 100 ma operating virtual junction temperature, t j 0 5 c gj j www.datasheet.co.kr datasheet pdf - http://www..net/
min max min max a 3.300 3.700 0.130 0.146 a1 1.100 1.400 0.043 0.055 b 0.380 0.550 0.015 0.022 c 0.360 0.510 0.014 0.020 d 4.400 4.700 0.173 0.185 d1 3.430 0.135 e 4.300 4.700 0.169 0.185 e e1 2.440 2.640 0.096 0.104 l 14.100 14.500 0.555 0.571 1.600 0.063 h 0.000 0.380 0.000 0.015 symbol dimensions in millimeters dimensions in inches 1.270 typ 0.050 typ www.datasheet.co.kr datasheet pdf - http://www..net/
m i nm a xm i nm a x a 1.400 1.600 0.055 0.063 b 0.320 0.520 0.013 0.197 b1 0.400 0.580 0.016 0.023 c 0.350 0.440 0.014 0.017 d 4.400 4.600 0.173 0.181 d1 e 2.300 2.600 0.091 0.102 e1 3.940 4.250 0.155 0.167 e e1 l 0.900 1.200 0.035 0.047 symbol dimensions in millimeters dimensions in inches 1.550 ref 0.061 ref 1.500 typ 0.060typ 3.000 typ 0.118typ www.datasheet.co.kr datasheet pdf - http://www..net/
min max min max a 1.350 1.750 0.053 0.069 a1 0.100 0.250 0.004 0.010 a2 1.350 1.550 0.053 0.061 b 0.330 0.510 0.013 0.020 c 0.170 0.250 0.006 0.010 d 4.700 5.100 0.185 0.200 e 3.800 4.000 0.150 0.157 e1 5.800 6.200 0.228 0.244 e l 0.400 1.270 0.016 0.050 0 8 0 8 dimensions in millimeters dimensions in inches symbol 1.270(bsc) 0.050(bsc) www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of WS78L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X