Part Number Hot Search : 
GC4020M5 MPU131 120EI 74ALVC16 HA16114P 4504B 9N03L 1N754
Product Description
Full Text Search
 

To Download WPPC-D220358EA-TLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r052804 1 http://www.worldproducts.com usr/cnr listed (file# e223387) ? isocoupler tm wppc-d220358 series high reliability photo coupler dip/smd/h features 1. high current transfer ratio. (ctr: min. 600% at i f = 1ma, v ce = 2v) 2. high isolation voltage between input and output (viso: 5000vrms). 3. compact dual-in-line package. 4. available package types: dip(shown)/ smd/ h(page 4). applications 2. system appliances, measuring instruments. 2. industrial robots. 3. copiers, automatic vending machines. 7. signal transmission between circuits of different potentials and impedances. part numbering system: page 1. part marking system: page 1. outside dimension: unit (mm) schematic: top view 1, 3 anode 2, 4 cathode 5,7 emitter 6, 8 collector tolerance: 0.2mm parameter symbol rating unit input forward current i f 50 ma peak forward current i fm 1a reverse voltage v r 6v power dissipation p d 70 mw output collector-emitter voltage v ceo 35 v emitter-collector voltage v eco 6v collector current i c 80 ma collector power dissipation p c 150 mw total power dissipation ptot 200 mw isolation voltage 1 minute viso 5000 vrms operating temperature topr -30 to +100 c storage temperature tstg -55 to +125 c solder temperature 10 seconds tsol 260 c parameter symbol conditions min. typ. max. unit input forward voltage v f i f = 20ma - 1.2 1.4 v peak forward voltage v fm i fm = 0.5a - - 3.5 v reverse current i r v r = 4v - - 10 ua terminal capacitance c t v = 0, f = 1khz - 30 250 pf output collector dark current i ceo v ce = 10v, i f = 0 - - 1.0 ua transfer characteristics current transfer ratio ctr i f = 1ma, v ce = 2v 600 - 7500 % collector-emitter saturation voltage v ce(sat) i f = 20ma, i c = 5ma - 0.8 1.0 v isolation resistance riso dc500v, 40 to 60% rh 5 x 10 10 - - ohm floating capacitance c f v = 0, f = 1mhz - 0.6 1.0 pf cut-off frequency fc v cc = 2v, i c = 20ma, r l = 100 ? 1 6 - khz response time (rise) tr vce = 2v, i c = 20ma, r l = 100 ? - 80 300 us response time (fall) tf - 72 250 us absolute maximum ratings (ta = 25c) electro-optical characteristics (ta = 25c) 1 2 3 4 8 7 6 5 7.62 6.50 0.26 13.00 13.00 9.88 6.50 1.20 2.54 3.50 9.88 3.00 0.4 2.70 0.5
2 world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r052804 http://www.worldproducts.com  isocoupler tm wppc-d220358 series high reliability photo coupler dip/smd/h usr/cnr listed (file# e223387) data curves rar curret rar curret vs et eerature et eerature a c cetr er dssat cetr er dssat vs et eerature et eerature a c cetretter aturat tae e v cetretter aturat tae vs rar curret rar curet a c rar curret rar curret vs rar tae rar tae a c c c c c curret traer rat c c a c rar urret curret raser at vs rar curret cetr curret vs cetretter tae cetr curret cetretter tae c a c eatve curret raser at vs et eerature et eerature a c eatve curret raser at cetretter aturat tae vs et eerature et eerature a c cetretter aturat tae e c c cetr dar curret vs et eerature c cetr dar curret e et eerature a c esse e vs a esstae esse a e us a esstae c c a c tr t t ts rank ctr(%) e 600-7500
 world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r052804 3 http://www.worldproducts.com usr/cnr listed (file# e223387) ? isocoupler tm wppc-d220358 series high reliability photo coupler dip/smd/h wppc - d 2 2 035 8 e d - tru (1) (2) (3) (4) (5) (6) (7) (8) (9) (1) photo coupler (2) input a: ac d: dc (3) channel 1: 1 channel 2: 2 channels 4: 4 channels (4) output configuration 1: single photo transistor 2: darlington photo transistor 3: (6-pin only) single photo transistor without base terminal (5) ouput type collector emitter voltage 03: 30v (v ceo ) 035: 35v (v ceo ) 06: 60v (v ceo ) 08: 80v (v ceo ) 30: 300v (v ceo ) propagation delay time d008: 1m bit/s* d015: 1m bit/s* d35: high gain split pd* d60: high gain split pd* (6) pin configuration 4: 4 pin 6: 6 pin 8: 8 pin 16: 16 pin (7) ctr ranking a b c d e = 600 to 7500 f g note: no ctr ranking for digital high speed parts (8) package types d: dip a: smd s: sop ss: ssop h: long creepage distance (9) taping tld: tape direction left tru: tape direction right *digital high speed parts: code denotes max propagation delay not all combinations are available part numbering system standard, digital high speed, sop, & ssop part marking system standard ssop d1108 d06 part number date code (example: e= 2004, 06= week 6) d22035 wpi logo part number date code e06 ctr opic & custom versions) (not on optoisolators triac, a (example: e= 2004, 06= week 6) example part number:
4 world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r052804 http://www.worldproducts.com ? isocoupler tm wppc-d220358 series high reliability photo coupler dip/smd/h usr/cnr listed (file# e223387) smd 8-pin h 8-pin 7.62 6.50 0.25 1.00 0.25 10.00 0.4 6.50 9.68 9.68 1.20 2.54 3.50 0.4 tolerance: 0.2mm 6.50 9.68 9.68 0.5 1.20 2.54 3.50 3.00 0.3 2.70 tolerance: 0.2mm 10.16 6.50 0.25 10-12 additional package types


▲Up To Search▲   

 
Price & Availability of WPPC-D220358EA-TLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X